Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLR-342VC3F Datasheet(PDF) 3 Page - Rohm

Part # SLR-342VC3F
Description  Viewing angle 20 1/2 40
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLR-342VC3F Datasheet(HTML) 3 Page - Rohm

  SLR-342VC3F Datasheet HTML 1Page - Rohm SLR-342VC3F Datasheet HTML 2Page - Rohm SLR-342VC3F Datasheet HTML 3Page - Rohm SLR-342VC3F Datasheet HTML 4Page - Rohm SLR-342VC3F Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SLR-342 Series
Rank Reference of Brightness
Red (V)
(Ta=25˚C, IF=10mA)
(Ta=25˚C, IF=10mA)
(Ta=25˚C, IF=10mA)
(Ta=25˚C, IF=10mA)
Viewing
angle
(2ɵ1/2)
Brightness Rank
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
Brightness
(mcd)
Resin Color
0.40 to
0.63
0.63 to
1.0
1.0 to
1.6
1.6 to
2.5
2.5 to
4.0
4.0 to
6.3
6.3 to
10
10 to
16
16 to
25
25 to
40
40 to
63
63 to
100
100 to
160
160 to
250
250 to
400
400 to
630
φ3
Circular type
40˚
Transparent Colored
SLR-342VC
Diffused Colored
SLR-342VR
Orange (D)
Viewing
angle
(2ɵ1/2)
Brightness Rank
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
Brightness
(mcd)
Resin Color
0.40 to
0.63
0.63 to
1.0
1.0 to
1.6
1.6 to
2.5
2.5 to
4.0
4.0 to
6.3
6.3 to
10
10 to
16
16 to
25
25 to
40
40 to
63
63 to
100
100 to
160
160 to
250
250 to
400
400 to
630
φ3
Circular type
40˚
Transparent Colored
SLR-342DC
Diffused Colored
SLR-342DU
Yellow (Y)
Viewing
angle
(2ɵ1/2)
Brightness Rank
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
Brightness
(mcd)
Resin Color
0.40 to
0.63
0.63 to
1.0
1.0 to
1.6
1.6 to
2.5
2.5 to
4.0
4.0 to
6.3
6.3 to
10
10 to
16
16 to
25
25 to
40
40 to
63
63 to
100
100 to
160
160 to
250
250 to
400
400 to
630
φ3
Circular type
40˚
Transparent Colored
SLR-342YC
Diffused Colored
SLR-342YY
Green (M)
Viewing
angle
(2ɵ1/2)
Brightness Rank
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
Brightness
(mcd)
Resin Color
0.40 to
0.63
0.63 to
1.0
1.0 to
1.6
1.6 to
2.5
2.5 to
4.0
4.0 to
6.3
6.3 to
10
10 to
16
16 to
25
25 to
40
40 to
63
63 to
100
100 to
160
160 to
250
250 to
400
400 to
630
φ3
Circular type
40˚
Transparent Colored
SLR-342MC
Diffused Colored
SLR-342MG
※Brightness on specification sheet include tolerance of within ± 10%.
Part No. Construction
Concerning the Brightness rank
• Please refer to the rank chart above for luminous intensity classification.
• Part name is individual for each rank.
• When shipped as sample, the part name will be a representative part name.
General products are free of ranks. Please contact sales if rank appointment is needed.
S L R
3 4 2 Y
Series name
Package type
Emitting Color Resin Color
Taping specifications
V
D
Y
M
R <Red>
Diffused Colored
<Orange>
Diffused Colored
<Yellow>
Diffused Colored
<Green>
Diffused Colored
Transparent
Colored
U
Y
G
C
Red:630nm
Orange:605nm
Yellow:587(590)nm
Yellowish-Green:572(563)nm
T
See taping specifications
C T 3 2
Rank sign (Brightness Rank)∗
M
Packing Specification
ROHM LED products are being shipped with desiccant (silica gel) concluded in moisture-proof bags.
Pasting the moisture sensitive label on the outer surface of the moisture-proof bags or enclosing the humidity indication card inside the bag is available upon request.
Please contact the nearest sales office or distributer if necessary.
3/3
© 2010 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2010.12 - Rev.A


Similar Part No. - SLR-342VC3F

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-342VC3FQ ROHM-SLR-342VC3FQ Datasheet
123Kb / 3P
   ?3.1(T-1) Circular Type Standard Type
More results

Similar Description - SLR-342VC3F

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-56VC3F ROHM-SLR-56VC3F Datasheet
1Mb / 8P
   Viewing angle 20 1/2 40
SLI-343UR3F ROHM-SLI-343UR3F Datasheet
139Kb / 4P
   Viewing angle 20 1/2 40
SLR-342MG3F ROHM-SLR-342MG3F Datasheet
878Kb / 4P
   Viewing angle 20 1/2 40
SLR-56MGT32 ROHM-SLR-56MGT32 Datasheet
899Kb / 4P
   Viewing angle 20 1/2 40
SLR-343MGT32 ROHM-SLR-343MGT32 Datasheet
167Kb / 6P
   Viewing angle 20 1/2 40
SLI-343D8U3F ROHM-SLI-343D8U3F Datasheet
145Kb / 4P
   Viewing angle 2 1/2 40
SLR-56MC3F ROHM-SLR-56MC3F Datasheet
899Kb / 4P
   Viewing angle 2 1/2 : 40
SLR-342 ROHM-SLR-342_10 Datasheet
878Kb / 4P
   Viewing angle 2 1/2 : 40 Series
SLR-325VC ROHM-SLR-325VC Datasheet
122Kb / 3P
   Viewing angle 2 1/2 : 40 Lead pitch 5mm
SLI-570U2T ROHM-SLI-570U2T Datasheet
129Kb / 3P
   Viewing angle 2 1/2 : 20 (SLI-570 Series) Viewing angle 2 1/2 : 25 (SLA-570 Series)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com