Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBS12UC6APS-80L Datasheet(PDF) 6 Page - Elpida Memory

Part # EBS12UC6APS-80L
Description  128MB SDRAM S.O.DIMM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBS12UC6APS-80L Datasheet(HTML) 6 Page - Elpida Memory

Back Button EBS12UC6APS-80L Datasheet HTML 2Page - Elpida Memory EBS12UC6APS-80L Datasheet HTML 3Page - Elpida Memory EBS12UC6APS-80L Datasheet HTML 4Page - Elpida Memory EBS12UC6APS-80L Datasheet HTML 5Page - Elpida Memory EBS12UC6APS-80L Datasheet HTML 6Page - Elpida Memory EBS12UC6APS-80L Datasheet HTML 7Page - Elpida Memory EBS12UC6APS-80L Datasheet HTML 8Page - Elpida Memory EBS12UC6APS-80L Datasheet HTML 9Page - Elpida Memory EBS12UC6APS-80L Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
EBS12UC6APS
Data Sheet E0224E20 (Ver. 2.0)
6
Block Diagram
DQMB0
DQ0 to DQ7
/RAS (D0 to D3)
/CAS (D0 to D3)
A0 to A12
A0 to A12 (D0 to D3)
CKE0
CKE (D0 to D3)
CLK0
CLK (D0 to D3)
CLK1
VCC
VCC (D0 to D3, U0)
VSS
VSS (D0 to D3, U0)
C100-C123
Serial PD
SDA
A0
A1
A2
VSS
SCL
U0
SDA
SCL
Notes :
1. The SDA pull-up resistor is required due to
the open-drain/open-collector output.
2. The SCL pull-up resistor is recommended
because of the normal SCL line inacitve
"high" state.
8
N0, N1
DQMB4
DQ32 to DQ39
8
N2, N3
D0
/RAS
/CAS
BA0 (D0 to D3)
BA1
BA1 (D0 to D3)
BA0
/CS0
/WE
/CS
DQMB2
DQ16 to DQ23
8 N8, N9
DQMB6
DQ48 to DQ55
8 N10, N11
D2
/CS
DQMB1
DQ8 to DQ15
8
N4, N5
DQMB5
DQ40 to DQ47
8
N6, N7
D1
/CS
DQMB3
DQ24 to DQ31
8 N12, N13
DQMB7
DQ56 to DQ63
8 N14, N15
D3
/CS
* D0 to D3 : EDS2516AP
U0 : 2k bits EEPROM
C100 to C123 : 0.1µF
N0 to N15 : Network resistors (10
Ω)
10pF
10


Similar Part No. - EBS12UC6APS-80L

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
EBS101 SECOS-EBS101 Datasheet
200Kb / 2P
   Voltage 50V ~ 1000V1.0 Amp Silicon Bridge Rectifiers
EBS101 SECOS-EBS101_15 Datasheet
235Kb / 2P
   1.0 Amp Silicon Bridge Rectifiers
EBS102 SECOS-EBS102 Datasheet
200Kb / 2P
   Voltage 50V ~ 1000V1.0 Amp Silicon Bridge Rectifiers
EBS103 SECOS-EBS103 Datasheet
200Kb / 2P
   Voltage 50V ~ 1000V1.0 Amp Silicon Bridge Rectifiers
EBS104 SECOS-EBS104 Datasheet
200Kb / 2P
   Voltage 50V ~ 1000V1.0 Amp Silicon Bridge Rectifiers
More results

Similar Description - EBS12UC6APS-80L

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBS26UC6APS ELPIDA-EBS26UC6APS Datasheet
145Kb / 14P
   256MB SDRAM S.O.DIMM
EBS52UC8APSA ELPIDA-EBS52UC8APSA Datasheet
147Kb / 14P
   512MB SDRAM S.O.DIMM
EBS25EC8APSA ELPIDA-EBS25EC8APSA Datasheet
166Kb / 14P
   256MB SDRAM S.O.DIMM
logo
List of Unclassifed Man...
EM488M1644VTA-55L ETC1-EM488M1644VTA-55L Datasheet
920Kb / 18P
   128Mb SDRAM
logo
Elpida Memory
HB52RF649DC ELPIDA-HB52RF649DC Datasheet
464Kb / 16P
   512MB Unbuffered SDRAM S.O.DIMM
HB54A2568KN ELPIDA-HB54A2568KN Datasheet
514Kb / 16P
   256MB DDR SDRAM S.O.DIMM
logo
List of Unclassifed Man...
EM488M1644VBA-75F ETC1-EM488M1644VBA-75F Datasheet
698Kb / 18P
   128Mb Mobile SDRAM
logo
Hynix Semiconductor
HY5DU28422ET HYNIX-HY5DU28422ET Datasheet
829Kb / 35P
   128Mb DDR SDRAM
HY5DU28422ETP HYNIX-HY5DU28422ETP Datasheet
831Kb / 35P
   128Mb DDR SDRAM
logo
Vanguard International ...
P2V28S20DTP-7 VML-P2V28S20DTP-7 Datasheet
652Kb / 51P
   128Mb SDRAM Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com