Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBS51RC4ACFC Datasheet(PDF) 5 Page - Elpida Memory

Part # EBS51RC4ACFC
Description  512MB Registered SDRAM DIMM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBS51RC4ACFC Datasheet(HTML) 5 Page - Elpida Memory

  EBS51RC4ACFC Datasheet HTML 1Page - Elpida Memory EBS51RC4ACFC Datasheet HTML 2Page - Elpida Memory EBS51RC4ACFC Datasheet HTML 3Page - Elpida Memory EBS51RC4ACFC Datasheet HTML 4Page - Elpida Memory EBS51RC4ACFC Datasheet HTML 5Page - Elpida Memory EBS51RC4ACFC Datasheet HTML 6Page - Elpida Memory EBS51RC4ACFC Datasheet HTML 7Page - Elpida Memory EBS51RC4ACFC Datasheet HTML 8Page - Elpida Memory EBS51RC4ACFC Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
EBS51RC4ACFC
Data Sheet E0108E30 (Ver. 3.0)
5
Byte No.
Function described
Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 Hex value
Comments
27
Minimum row precharge time
(-7A)
0
0
0
0
1
1
1
1
0FH
15ns
(-75)
0
0
0
1
0
1
0
0
14H
20ns
28
Row active to row active min
0
0
0
0
1
1
1
1
0FH
15ns
29
/RAS to /CAS delay min
(-7A)
0
0
0
0
1
1
1
1
0FH
15ns
(-75)
0
0
0
1
0
1
0
0
14H
20ns
30
Minimum /RAS pulse width
0
0
1
0
1
1
0
1
2DH
45ns
31
Density of each bank on module
1
0
0
0
0
0
0
0
80H
1 bank
512M byte
32
Address and command signal input
setup time
0
0
0
1
0
1
0
1
15H
1.5ns*
5
33
Address and command signal input
hold time
0
0
0
0
1
0
0
0
08H
0.8ns*
5
34
Data signal input setup time
0
0
0
1
0
1
0
1
15H
1.5ns*
5
35
Data signal input hold time
0
0
0
0
1
0
0
0
08H
0.8ns*
5
36 to 40
Superset information
0
0
0
0
0
0
0
0
00H
Future use
41
Minimum bank Cycle
(-7A)
0
0
1
1
1
1
0
0
3CH
60ns
(-75)
0
1
0
0
0
0
1
1
43H
67.5ns
42 to 61
Superset information
0
0
0
0
0
0
0
0
00H
Future use
62
SPD data revision code
0
0
0
1
0
0
1
0
12H
Rev. 1.2
63
Checksum for bytes 0 to 62
(-7A)
1
0
1
1
0
1
1
1
B7H
183
(-75)
1
1
1
1
1
1
1
1
FFH
255
64 to 65
Manufacturer’s JEDEC ID code
0
1
1
1
1
1
1
1
7FH
Continuation code
66
Manufacturer’s JEDEC ID code
1
1
1
1
1
1
1
0
FEH
Elpida Memory
67 to 71
Manufacturer’s JEDEC ID code
0
0
0
0
0
0
0
0
00H
72
Manufacturing location
×
×
×
×
×
×
×
×
××
*
2 (ASCII-8bit code)
73
Manufacturer’s part number
0
1
0
0
0
1
0
1
45H
E
74
Manufacturer’s part number
0
1
0
0
0
0
1
0
42H
B
75
Manufacturer’s part number
0
1
0
1
0
0
1
1
53H
S
76
Manufacturer’s part number
0
0
1
1
0
1
0
1
35H
5
77
Manufacturer’s part number
0
0
1
1
0
0
0
1
31H
1
78
Manufacturer’s part number
0
1
0
1
0
0
1
0
52H
R
79
Manufacturer’s part number
0
1
0
0
0
0
1
1
43H
C
80
Manufacturer’s part number
0
0
1
1
0
1
0
0
34H
4
81
Manufacturer’s part number
0
1
0
0
0
0
0
1
41H
A
82
Manufacturer’s part number
0
1
0
0
0
0
1
1
43H
C
83
Manufacturer’s part number
0
1
0
0
0
1
1
0
46H
F
84
Manufacturer’s part number
0
1
0
0
0
0
1
1
43H
C
85
Manufacturer’s part number
0
0
1
0
1
1
0
1
2DH
86
Manufacturer’s part number
0
0
1
1
0
1
1
1
37H
7
87
Manufacturer’s part number
(-7A)
0
1
0
0
0
0
0
1
41H
A
(-75)
0
0
1
1
0
1
0
1
35H
5
88
Manufacturer’s part number
0
0
1
0
0
0
0
0
20H
(Space)


Similar Part No. - EBS51RC4ACFC

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBS52EC8APFA ELPIDA-EBS52EC8APFA Datasheet
166Kb / 14P
   512MB Unbuffered SDRAM DIMM
EBS52EC8APFA-75 ELPIDA-EBS52EC8APFA-75 Datasheet
166Kb / 14P
   512MB Unbuffered SDRAM DIMM
EBS52EC8APFA-7A ELPIDA-EBS52EC8APFA-7A Datasheet
166Kb / 14P
   512MB Unbuffered SDRAM DIMM
EBS52UC8APFA ELPIDA-EBS52UC8APFA Datasheet
163Kb / 14P
   512MB Unbuffered SDRAM DIMM
EBS52UC8APFA-75 ELPIDA-EBS52UC8APFA-75 Datasheet
163Kb / 14P
   512MB Unbuffered SDRAM DIMM
More results

Similar Description - EBS51RC4ACFC

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE51AD8AGFA ELPIDA-EBE51AD8AGFA Datasheet
212Kb / 23P
   512MB Registered DDR2 SDRAM DIMM
EBE51RC4AAFA ELPIDA-EBE51RC4AAFA Datasheet
203Kb / 22P
   512MB Registered DDR2 SDRAM DIMM
EBD52RC8AKFA ELPIDA-EBD52RC8AKFA Datasheet
184Kb / 18P
   512MB Registered DDR SDRAM DIMM
EBE51RD8AJFA ELPIDA-EBE51RD8AJFA Datasheet
259Kb / 30P
   512MB Registered DDR2 SDRAM DIMM
EBE51AD8AJFA ELPIDA-EBE51AD8AJFA Datasheet
242Kb / 28P
   512MB Registered DDR2 SDRAM DIMM
HB54A5129F1U-B75B ELPIDA-HB54A5129F1U-B75B Datasheet
189Kb / 16P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1 ELPIDA-HB54A5129F1 Datasheet
165Kb / 16P
   512MB Registered DDR SDRAM DIMM
EBE51RD8AEFA-6 ELPIDA-EBE51RD8AEFA-6 Datasheet
203Kb / 22P
   512MB Registered DDR2 SDRAM DIMM
EBD51RC4AAFA ELPIDA-EBD51RC4AAFA Datasheet
197Kb / 17P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1U ELPIDA-HB54A5129F1U Datasheet
186Kb / 16P
   512MB Registered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com