Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAMX-009646-23DBML-V5 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAMX-009646-23DBML-V5
Description  E-Series Surface Mount Mixer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMX-009646-23DBML-V5 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAMX-009646-23DBML-V5 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMX-009646-23DBML-V5 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAMX-009646-23DBML-V5 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAMX-009646-23DBML-V5 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
E-Series Surface Mount Mixer
2 MHz - 2200 MHz
Rev. V5
MAMX-009646-23DBML
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Recommended Maximum Ratings
Parameter
Absolute Maximum
RF Power
150 mW
Peak IF Current
40 mA
Operating Temperature
-55°C to +85°C
Storage Temperature
-65°C to +125°C
Pin No.
Function
10
LO
2
RF
14
IF
1,3,4,5,6,7,8,9,
11,12,13,15,16
Ground
Pin Configuration
Schematic Diagram
Part Number
Package
MAMX-009646-23DBML
Tape and Reel (500 piece Reel)
Orientation
F2*
Ordering Information
1. Exceeding any one or combination of these limits may cause permanent damage to
this device.
2. M/A-COM does not recommend sustained operation near these survivability limits.
* See ANI-019 for orientation details.


Similar Part No. - MAMX-009646-23DBML-V5

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMX-009646-23DBML MA-COM-MAMX-009646-23DBML Datasheet
145Kb / 2P
   E-Series Surface Mount Mixer 2-2200 MHz
MAMX-009646-23DBML MA-COM-MAMX-009646-23DBML Datasheet
308Kb / 2P
   E-Series Surface Mount Mixer
MAMX-009646-23DBML MA-COM-MAMX-009646-23DBML_15 Datasheet
837Kb / 4P
   E-Series Surface Mount Mixer
MAMX-009646-23DBML_V2 MA-COM-MAMX-009646-23DBML_V2 Datasheet
308Kb / 2P
   E-Series Surface Mount Mixer
More results

Similar Description - MAMX-009646-23DBML-V5

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMX-007253-ES0067 MA-COM-MAMX-007253-ES0067_15 Datasheet
147Kb / 2P
   E-Series Surface Mount Mixer
MAMX-009722-25MHLP MA-COM-MAMX-009722-25MHLP_15 Datasheet
156Kb / 2P
   E-Series Surface Mount Mixer
MAMXES0117 MA-COM-MAMXES0117_15 Datasheet
165Kb / 4P
   E-Series Surface Mount Mixer
MAMX-007674-LCM1MH MA-COM-MAMX-007674-LCM1MH_15 Datasheet
137Kb / 2P
   E-Series Surface Mount Mixer
MAMX-007238-CM25MH_V5 MA-COM-MAMX-007238-CM25MH_V5 Datasheet
75Kb / 4P
   E-Series Surface Mount Mixer
MAMX-008786-ES0120_V2 MA-COM-MAMX-008786-ES0120_V2 Datasheet
68Kb / 4P
   E-Series Surface Mount Mixer
MAMX-009239-001500 MA-COM-MAMX-009239-001500 Datasheet
565Kb / 3P
   E-Series Surface Mount Mixer
MAMX-008786-ES0120 MA-COM-MAMX-008786-ES0120 Datasheet
68Kb / 4P
   E-Series Surface Mount Mixer
MAMX-009239-001500 MA-COM-MAMX-009239-001500 Datasheet
565Kb / 3P
   E-Series Surface Mount Mixer
MAMX-009239-001500 MA-COM-MAMX-009239-001500_15 Datasheet
565Kb / 3P
   E-Series Surface Mount Mixer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com