Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBS52EC8APFA Datasheet(PDF) 9 Page - Elpida Memory

Part # EBS52EC8APFA
Description  512MB Unbuffered SDRAM DIMM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBS52EC8APFA Datasheet(HTML) 9 Page - Elpida Memory

Back Button EBS52EC8APFA Datasheet HTML 5Page - Elpida Memory EBS52EC8APFA Datasheet HTML 6Page - Elpida Memory EBS52EC8APFA Datasheet HTML 7Page - Elpida Memory EBS52EC8APFA Datasheet HTML 8Page - Elpida Memory EBS52EC8APFA Datasheet HTML 9Page - Elpida Memory EBS52EC8APFA Datasheet HTML 10Page - Elpida Memory EBS52EC8APFA Datasheet HTML 11Page - Elpida Memory EBS52EC8APFA Datasheet HTML 12Page - Elpida Memory EBS52EC8APFA Datasheet HTML 13Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
EBS52EC8APFA
Data Sheet E0207E20 (Ver. 2.0)
9
Pin Capacitance (TA = 25°C, VDD = 3.3V ± 0.3V)
Parameter
Symbol
Pins
max.
Unit
Notes
Input capacitance
CI1
Address
TBD
pF
CI2
/RAS, /CAS, /WE
TBD
pF
CI3
CKE
TBD
pF
CI4
/CS
TBD
pF
CI5
CLK
TBD
pF
CI6
DQMB
TBD
pF
Data input/output capacitance
CI/O1
DQ, CB
TBD
pF
AC Characteristics (TA = 0 to 70°C, VDD = 3.3V ± 0.3V, VSS = 0V) (SDRAM device specification)
-7A
-75
Parameter
Symbol
min.
min.
max.
Unit
Notes
System clock cycle time
tCK
7.5
7.5
ns
1
CLK high pulse width
tCH
2.5
2.5
ns
1
CLK low pulse width
tCL
2.5
2.5
ns
1
Access time from CLK
tAC
5.4
ns
1, 2
Data-out hold time
tOH
2.7
2.7
ns
1, 2
CLK to Data-out low impedance
tLZ
1
1
ns
1, 2, 3
CLK to Data-out high impedance
tHZ
5.4
ns
1, 4
Input setup time
tSI
1.5
1.5
ns
1
Input hold time
tHI
0.8
0.8
ns
1
Ref/Active to Ref/Active command period tRC
60
67.5
ns
1
Active to Precharge command period
tRAS
45
45
120000
ns
1
Active command to column command
(same bank)
tRCD
15
20
ns
1
Precharge to active command period
tRP
15
20
ns
1
Write recovery or data-in to precharge
lead time
tDPL
15
15
ns
1
Last data into active latency
tDAL
2CLK + 15ns
2CLK + 20ns
Active (a) to Active (b) command period
tRRD
15
15
ns
1
Transition time (rise and fall)
tT
0.5
0.5
5
ns
Refresh period
(8192 refresh cycles)
tREF
64
ms
Notes: 1. AC measurement assumes tT = 0.5ns. Reference level for timing of input signals is 1.4V.
2. Access time is measured at 1.4V. Load condition is CL = 50pF.
3. tLZ (min.) defines the time at which the outputs achieves the low impedance state.
4. tHZ (max.) defines the time at which the outputs achieves the high impedance state.


Similar Part No. - EBS52EC8APFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBS52UC8APFA ELPIDA-EBS52UC8APFA Datasheet
163Kb / 14P
   512MB Unbuffered SDRAM DIMM
EBS52UC8APFA-75 ELPIDA-EBS52UC8APFA-75 Datasheet
163Kb / 14P
   512MB Unbuffered SDRAM DIMM
EBS52UC8APFA-7A ELPIDA-EBS52UC8APFA-7A Datasheet
163Kb / 14P
   512MB Unbuffered SDRAM DIMM
EBS52UC8APSA ELPIDA-EBS52UC8APSA Datasheet
147Kb / 14P
   512MB SDRAM S.O.DIMM
EBS52UC8APSA-75 ELPIDA-EBS52UC8APSA-75 Datasheet
147Kb / 14P
   512MB SDRAM S.O.DIMM
More results

Similar Description - EBS52EC8APFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBS52UC8APFA ELPIDA-EBS52UC8APFA Datasheet
163Kb / 14P
   512MB Unbuffered SDRAM DIMM
HB54A5128FN-A75B ELPIDA-HB54A5128FN-A75B Datasheet
192Kb / 17P
   512MB Unbuffered DDR SDRAM DIMM
EBD52UC8AMFA-5 ELPIDA-EBD52UC8AMFA-5 Datasheet
162Kb / 18P
   512MB Unbuffered DDR SDRAM DIMM
EBE51UD8AGWA ELPIDA-EBE51UD8AGWA Datasheet
245Kb / 25P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE52EC8AAFA ELPIDA-EBE52EC8AAFA Datasheet
207Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM
EBD52UC8AAFA ELPIDA-EBD52UC8AAFA Datasheet
186Kb / 18P
   512MB Unbuffered DDR SDRAM DIMM
EBE51ED8AGWA ELPIDA-EBE51ED8AGWA Datasheet
209Kb / 25P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE51ED8AJWA ELPIDA-EBE51ED8AJWA Datasheet
237Kb / 29P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE52UC8AAFA ELPIDA-EBE52UC8AAFA Datasheet
207Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM
EBD52UC8AJFA ELPIDA-EBD52UC8AJFA Datasheet
197Kb / 19P
   512MB Unbuffered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com