Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAMXSS0011 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAMXSS0011
Description  MMIC Medium Level Mixer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAMXSS0011 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAMXSS0011 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMXSS0011 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAMXSS0011 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
MMIC Medium Level Mixer
800 - 1000 MHz
Rev. V2
MAMXSS0011
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications:
Test Conditions: RF = 900 MHz (-10 dBm), LO = 840 MHz (13 dBm), IF = 60 MHz, TA = +25°C
Parameter
Test Conditions
Units
Min
Typ
Max
Conversion Loss
dB
7.5
9.5
Isolation
LO to RF
LO to IF
RF to IF
dB
dB
dB
38
22
12
VSWR
LO Port
RF Port
IF Port
Ratio
Ratio
Ratio
2.5:1
2.0:1
2.0:1
Input 1 dB Compression
RF Freq. = 900 MHz, LO = +13 dBm
dBm
+21
Two-Tone IM Ratio
2
Two tones at –10 dBm each,
Tone spacing 100 kHz, IF = 60 MHz
dBc
45
60
2. IMR vs RF drive level can be calculated by the formula: IMR = 45 - (1.5 x P IN )
4x
8.9
-1.1
40.1
39.9
70.1
61.6
69.9
63.9
73.4
64.4
3x
2.2
-7.7
34.2
34.1
59.8
63.8
67.3
64.5
73
63
2x
2.9
-7.1
23.7
23.8
72.8
64.7
72.9
63.3
71.9
61.9
1x
-2.2
-12.2
0
0
61.4
63.3
71.3
61.8
71.1
61.9
0x
X
X
4.7
4.8
65.1
61.3
71.5
61.9
72.1
62.3
0x
1x
2x
3x
4x
Harmonic of RF
Spurious Table
The spurious table shows the spurious signals resulting from the
mixing of the RF and LO input signals, assuming down
conversion. Mixing products are indicated by the number of dB
below the conversion loss. The lower frequency mixing term is
shown for two different RF input levels. The top number is for an
RF input power of -5 dBm, the lower number is for -15 dBm.
|mFRF - nFLO |, RF = -5 dBm
|mFRF - nFLO |, RF = -15 dBm
RF Frequency = 900 MHz
LO Frequency = 840 MHz
Parameter
Absolute Maximum
RF Input Power
5
+22 dBm
LO Drive Power
5
+23 dBm
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings
3,4
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. M/A-COM does not recommend sustained operation near
these survivability limits.
5. Total combined power for RF and LO ports should not
exceed +23 dBm.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.


Similar Part No. - MAMXSS0011

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAMXSS0011 MACOM-MAMXSS0011 Datasheet
158Kb / 3P
   MMIC Medium Level Mixer 800 - 1000 MHz
logo
M/A-COM Technology Solu...
MAMXSS0011 MA-COM-MAMXSS0011 Datasheet
71Kb / 3P
   MMIC Medium Level Mixer 800 - 1000 MHz
logo
Tyco Electronics
MAMXSS0011SMB MACOM-MAMXSS0011SMB Datasheet
158Kb / 3P
   MMIC Medium Level Mixer 800 - 1000 MHz
MAMXSS0011TR MACOM-MAMXSS0011TR Datasheet
158Kb / 3P
   MMIC Medium Level Mixer 800 - 1000 MHz
logo
M/A-COM Technology Solu...
MAMXSS0011 MA-COM-MAMXSS0011_15 Datasheet
71Kb / 3P
   MMIC Medium Level Mixer
More results

Similar Description - MAMXSS0011

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMXSS0010 MA-COM-MAMXSS0010_15 Datasheet
71Kb / 3P
   MMIC Medium Level Mixer
MAMXSS0010 MA-COM-MAMXSS0010 Datasheet
71Kb / 3P
   MMIC Medium Level Mixer
MAMXSS0011 MA-COM-MAMXSS0011_15 Datasheet
71Kb / 3P
   MMIC Medium Level Mixer
MD54-0003 MA-COM-MD54-0003 Datasheet
71Kb / 3P
   MMIC Medium Level Mixer 1700 - 2000 MHz
MAMXSS0010 MA-COM-MAMXSS0010 Datasheet
71Kb / 3P
   MMIC Medium Level Mixer 1700 - 2000 MHz
logo
Tyco Electronics
MAMXSS0011 MACOM-MAMXSS0011 Datasheet
158Kb / 3P
   MMIC Medium Level Mixer 800 - 1000 MHz
MD54-0003 MACOM-MD54-0003 Datasheet
106Kb / 2P
   MMIC Medium Level Mixer 1700 - 2000 MHz
MAMXSS0010 MACOM-MAMXSS0010 Datasheet
158Kb / 3P
   MMIC Medium Level Mixer 1700 - 2000 MHz
logo
M/A-COM Technology Solu...
MAMXSS0011 MA-COM-MAMXSS0011 Datasheet
71Kb / 3P
   MMIC Medium Level Mixer 800 - 1000 MHz
logo
Tyco Electronics
MD54-0004 MACOM-MD54-0004 Datasheet
97Kb / 2P
   MMIC Medium Level Mixer 800 - 1000 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com