Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBS52EC8APFA-7A Datasheet(PDF) 2 Page - Elpida Memory

Part # EBS52EC8APFA-7A
Description  512MB Unbuffered SDRAM DIMM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBS52EC8APFA-7A Datasheet(HTML) 2 Page - Elpida Memory

  EBS52EC8APFA-7A Datasheet HTML 1Page - Elpida Memory EBS52EC8APFA-7A Datasheet HTML 2Page - Elpida Memory EBS52EC8APFA-7A Datasheet HTML 3Page - Elpida Memory EBS52EC8APFA-7A Datasheet HTML 4Page - Elpida Memory EBS52EC8APFA-7A Datasheet HTML 5Page - Elpida Memory EBS52EC8APFA-7A Datasheet HTML 6Page - Elpida Memory EBS52EC8APFA-7A Datasheet HTML 7Page - Elpida Memory EBS52EC8APFA-7A Datasheet HTML 8Page - Elpida Memory EBS52EC8APFA-7A Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
EBS52EC8APFA
Data Sheet E0207E20 (Ver. 2.0)
2
Ordering Information
Part number
Clock frequency
MHz (max.)
/CAS latency Package
Contact pad
Mounted devices
EBS52EC8APFA-7A
EBS52EC8APFA-75 *
133
133
2, 3
3
168-pin DIMM
Gold
EDS2508APTA
Note: 100MHz operation at /CAS latency = 2.
Pin Configurations
1 pin 10 pin 11 pin
40 pin 41 pin
84 pin
85 pin 94 pin 95 pin 124 pin 125 pin
168 pin
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
1
VSS
43
VSS
85
VSS
127
VSS
2
DQ0
44
NC
86
DQ32
128
CKE0
3
DQ1
45
/CS2
87
DQ33
129
/CS3
4
DQ2
46
DQMB2
88
DQ34
130
DQMB6
5
DQ3
47
DQMB3
89
DQ35
131
DQMB7
6
VDD
48
NC
90
VDD
132
NC
7
DQ4
49
VDD
91
DQ36
133
VDD
8
DQ5
50
NC
92
DQ37
134
NC
9
DQ6
51
NC
93
DQ38
135
NC
10
DQ7
52
CB2
94
DQ39
136
CB6
11
DQ8
53
CB3
95
DQ40
137
CB7
12
VSS
54
VSS
96
VSS
138
VSS
13
DQ9
55
DQ16
97
DQ41
139
DQ48
14
DQ10
56
DQ17
98
DQ42
140
DQ49
15
DQ11
57
DQ18
99
DQ43
141
DQ50
16
DQ12
58
DQ19
100
DQ44
142
DQ51
17
DQ13
59
VDD
101
DQ45
143
VDD
18
VDD
60
DQ20
102
VDD
144
DQ52
19
DQ14
61
NC
103
DQ46
145
NC
20
DQ15
62
NC
104
DQ47
146
NC
21
CB0
63
CKE1
105
CB4
147
NC
22
CB1
64
VSS
106
CB5
148
VSS
23
VSS
65
DQ21
107
VSS
149
DQ53
24
NC
66
DQ22
108
NC
150
DQ54
25
NC
67
DQ23
109
NC
151
DQ55
26
VDD
68
VSS
110
VDD
152
VSS
27
/WE
69
DQ24
111
/CAS
153
DQ56
28
DQMB0
70
DQ25
112
DQMB4
154
DQ57
29
DQMB1
71
DQ26
113
DQMB5
155
DQ58
30
/CS0
72
DQ27
114
/CS1
156
DQ59


Similar Part No. - EBS52EC8APFA-7A

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBS52UC8APFA ELPIDA-EBS52UC8APFA Datasheet
163Kb / 14P
   512MB Unbuffered SDRAM DIMM
EBS52UC8APFA-75 ELPIDA-EBS52UC8APFA-75 Datasheet
163Kb / 14P
   512MB Unbuffered SDRAM DIMM
EBS52UC8APFA-7A ELPIDA-EBS52UC8APFA-7A Datasheet
163Kb / 14P
   512MB Unbuffered SDRAM DIMM
EBS52UC8APSA ELPIDA-EBS52UC8APSA Datasheet
147Kb / 14P
   512MB SDRAM S.O.DIMM
EBS52UC8APSA-75 ELPIDA-EBS52UC8APSA-75 Datasheet
147Kb / 14P
   512MB SDRAM S.O.DIMM
More results

Similar Description - EBS52EC8APFA-7A

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBS52UC8APFA ELPIDA-EBS52UC8APFA Datasheet
163Kb / 14P
   512MB Unbuffered SDRAM DIMM
HB54A5128FN-A75B ELPIDA-HB54A5128FN-A75B Datasheet
192Kb / 17P
   512MB Unbuffered DDR SDRAM DIMM
EBD52UC8AMFA-5 ELPIDA-EBD52UC8AMFA-5 Datasheet
162Kb / 18P
   512MB Unbuffered DDR SDRAM DIMM
EBE51UD8AGWA ELPIDA-EBE51UD8AGWA Datasheet
245Kb / 25P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE52EC8AAFA ELPIDA-EBE52EC8AAFA Datasheet
207Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM
EBD52UC8AAFA ELPIDA-EBD52UC8AAFA Datasheet
186Kb / 18P
   512MB Unbuffered DDR SDRAM DIMM
EBE51ED8AGWA ELPIDA-EBE51ED8AGWA Datasheet
209Kb / 25P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE51ED8AJWA ELPIDA-EBE51ED8AJWA Datasheet
237Kb / 29P
   512MB Unbuffered DDR2 SDRAM DIMM
EBE52UC8AAFA ELPIDA-EBE52UC8AAFA Datasheet
207Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM
EBD52UC8AJFA ELPIDA-EBD52UC8AJFA Datasheet
197Kb / 19P
   512MB Unbuffered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com