Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EBS52UC8APSA-75 Datasheet(PDF) 2 Page - Elpida Memory

Part # EBS52UC8APSA-75
Description  512MB SDRAM S.O.DIMM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBS52UC8APSA-75 Datasheet(HTML) 2 Page - Elpida Memory

  EBS52UC8APSA-75 Datasheet HTML 1Page - Elpida Memory EBS52UC8APSA-75 Datasheet HTML 2Page - Elpida Memory EBS52UC8APSA-75 Datasheet HTML 3Page - Elpida Memory EBS52UC8APSA-75 Datasheet HTML 4Page - Elpida Memory EBS52UC8APSA-75 Datasheet HTML 5Page - Elpida Memory EBS52UC8APSA-75 Datasheet HTML 6Page - Elpida Memory EBS52UC8APSA-75 Datasheet HTML 7Page - Elpida Memory EBS52UC8APSA-75 Datasheet HTML 8Page - Elpida Memory EBS52UC8APSA-75 Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
EBS52UC8APSA
Data Sheet E0240E20 (Ver. 2.0)
2
Ordering Information
Part number
Clock frequency
MHz (max.)
/CAS latency Package
Contact pad
Mounted devices
EBS52UC8APSA-7A
EBS52UC8APSA-75 *
1
133
133
2, 3
3
144-pin S.O.DIMM
Gold
EDS2508APSA
EBS52UC8APSA-7AL
EBS52UC8APSA-75L*
1
133
133
2, 3
3
Note: 1. 100MHz operation at /CAS latency = 2.
Pin Configurations
Front Side
Back Side
2pin
60pin
62pin
144pin
1pin
59pin
61pin
143pin
Front side
Back side
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
1
VSS
73
NC
2
VSS
74
CLK1
3
DQ0
75
VSS
4
DQ32
76
VSS
5
DQ1
77
NC
6
DQ33
78
NC
7
DQ2
79
NC
8
DQ34
80
NC
9
DQ3
81
VDD
10
DQ35
82
VDD
11
VDD
83
DQ16
12
VDD
84
DQ48
13
DQ4
85
DQ17
14
DQ36
86
DQ49
15
DQ5
87
DQ18
16
DQ37
88
DQ50
17
DQ6
89
DQ19
18
DQ38
90
DQ51
19
DQ7
91
VSS
20
DQ39
92
VSS
21
VSS
93
DQ20
22
VSS
94
DQ52
23
DQMB0
95
DQ21
24
DQMB4
96
DQ53
25
DQMB1
97
DQ22
26
DQMB5
98
DQ54
27
VDD
99
DQ23
28
VDD
100
DQ55
29
A0
101
VDD
30
A3
102
VDD
31
A1
103
A6
32
A4
104
A7
33
A2
105
A8
34
A5
106
BA0
35
VSS
107
VSS
36
VSS
108
VSS
37
DQ8
109
A9
38
DQ40
110
BA1
39
DQ9
111
A10 (AP)
40
DQ41
112
A11
41
DQ10
113
VDD
42
DQ42
114
VDD
43
DQ11
115
DQMB2
44
DQ43
116
DQMB6


Similar Part No. - EBS52UC8APSA-75

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBS52UC8APFA ELPIDA-EBS52UC8APFA Datasheet
163Kb / 14P
   512MB Unbuffered SDRAM DIMM
EBS52UC8APFA-75 ELPIDA-EBS52UC8APFA-75 Datasheet
163Kb / 14P
   512MB Unbuffered SDRAM DIMM
EBS52UC8APFA-7A ELPIDA-EBS52UC8APFA-7A Datasheet
163Kb / 14P
   512MB Unbuffered SDRAM DIMM
More results

Similar Description - EBS52UC8APSA-75

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB52RF649DC ELPIDA-HB52RF649DC Datasheet
464Kb / 16P
   512MB Unbuffered SDRAM S.O.DIMM
EBS26UC6APS ELPIDA-EBS26UC6APS Datasheet
145Kb / 14P
   256MB SDRAM S.O.DIMM
EBS25EC8APSA ELPIDA-EBS25EC8APSA Datasheet
166Kb / 14P
   256MB SDRAM S.O.DIMM
EBS12UC6APS ELPIDA-EBS12UC6APS Datasheet
145Kb / 14P
   128MB SDRAM S.O.DIMM
HB54A2568KN ELPIDA-HB54A2568KN Datasheet
514Kb / 16P
   256MB DDR SDRAM S.O.DIMM
logo
Hynix Semiconductor
HY5DU12822B HYNIX-HY5DU12822B Datasheet
396Kb / 37P
   512Mb DDR SDRAM
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
H5DU5182EFR-FAC HYNIX-H5DU5182EFR-FAC Datasheet
523Kb / 30P
   512Mb DDR SDRAM
HY5DU12822DT-D43 HYNIX-HY5DU12822DT-D43 Datasheet
1Mb / 29P
   512Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com