Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4416 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 2N4416
Description  N-Channel JFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2N4416 Datasheet(HTML) 2 Page - Vishay Siliconix

  2N4416 Datasheet HTML 1Page - Vishay Siliconix 2N4416 Datasheet HTML 2Page - Vishay Siliconix 2N4416 Datasheet HTML 3Page - Vishay Siliconix 2N4416 Datasheet HTML 4Page - Vishay Siliconix 2N4416 Datasheet HTML 5Page - Vishay Siliconix 2N4416 Datasheet HTML 6Page - Vishay Siliconix 2N4416 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2N4416/2N4416A/SST4416
Vishay Siliconix
www.vishay.com
7-2
Document Number: 70242
S-04028—Rev. F, 04-Jun-01
ABSOLUTE MAXIMUM RATINGS
Gate-Drain, Gate-Source Voltage :
(2N/SST4416)
–30 V
. . . . . . . . . . . . . . . . . . . . .
(2N4416A)
–35 V
. . . . . . . . . . . . . . . . . . . . . . . . .
Gate Current
10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature
300
_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature :
(2N Prefix)
–65 to 200
_C
. . . . . . . . . . . . . . . . . .
(SST Prefix)
–65 to 150
_C
. . . . . . . . . . . . . . . . .
Operating Junction Temperature
–55 to 150
_C
. . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation :
(2N Prefix)a
300 mW
. . . . . . . . . . . . . . . . . . . . . .
(SST Prefix)b
350 mW
. . . . . . . . . . . . . . . . . . . .
Notes
a.
Derate 2.4 mW/
_C above 25_C
b.
Derate 2.8 mW/
_C above 25_C
SPECIFICATIONS (TA = 25_C UNLESS NOTED)
Limits
2N4416
2N4416A
SST4416
Parameter
Symbol
Test Conditions
Typa
Min
Max
Min
Max
Min
Max
Unit
Static
Gate-Source
Breakdown Voltage
V(BR)GSS
IG = –1 mA , VDS = 0 V
–36
–30
–35
–30
V
Gate-Source Cutoff Voltage
VGS(off)
VDS = 15 V, ID = 1 nA
–3
–6
–2.5
–6
–6
V
Saturation Drain Currentb
IDSS
VDS = 15 V, VGS = 0 V
10
5
15
5
15
5
15
mA
VGS = –20 V, VDS = 0 V (2N)
–2
–100
–100
pA
TA = 150_C
–4
–100
–100
Gate Reverse Current
IGSS
VGS = –15 V, VDS = 0 V (SST)
–0.002
–1
nA
TA = 125_C
–0.6
Gate Operating Current
IG
VDG = 10 V, ID = 1 mA
–20
Drain Cutoff Currentc
ID(off)
VDS = 10 V, VGS = –6 V
2
pA
Drain-Source On-Resistancec
rDS(on)
VGS = 0 V, ID = 1 mA
150
W
Gate-Source
Forward Voltagec
VGS(F)
IG = 1 mA , VDS = 0 V
0.7
V
Dynamic
Common-Source
Forward Transconductanceb
gfs
VDS = 15 V, VGS = 0 V
6
4.5
7.5
4.5
7.5
4.5
7.5
mS
Common-Source
Output Conductanceb
gos
VDS = 15 V, VGS = 0 V
f = 1 kHz
15
50
50
50
mS
Common-Source
Input Capacitance
Ciss
2.2
4
4
Common-Source
Reverse Transfer Capacitance
Crss
VDS = 15 V, VGS = 0 V
f = 1 MHz
0.7
0.8
0.8
pF
Common-Source
Output Capacitance
Coss
1
2
2
Equivalent Input
Noise Voltagec
en
VDS = 10 V, VGS = 0 V
f = 1 kHz
6
nV
√Hz


Similar Part No. - 2N4416

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4416 FAIRCHILD-2N4416 Datasheet
196Kb / 2P
   SFET RF,VHF, UHF, Amplitiers
logo
New Jersey Semi-Conduct...
2N4416 NJSEMI-2N4416 Datasheet
232Kb / 2P
   SILICON N-CHANNEL JUNCTION
logo
Calogic, LLC
2N4416 CALOGIC-2N4416 Datasheet
23Kb / 2P
   N-Channel JFET High Frequency Amplifier
logo
Micross Components
2N4416 MICROSS-2N4416 Datasheet
291Kb / 1P
   a N-Channel high frequency JFET amplifier
logo
Micro Electronics
2N4416 MICRO-ELECTRONICS-2N4416 Datasheet
140Kb / 1P
   N-CHANNEL FET
More results

Similar Description - 2N4416

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N5432 VISHAY-2N5432 Datasheet
44Kb / 5P
   N-Channel JFETs
Rev. F, 04-Jun-01
2N4338 VISHAY-2N4338 Datasheet
56Kb / 6P
   N-Channel JFETs
Rev. E, 04-Jun-01
2N4416 VISHAY-2N4416 Datasheet
103Kb / 7P
   N-Channel JFETs
Rev. H, 24-Jan-05
J107-E3 VISHAY-J107-E3 Datasheet
64Kb / 6P
   N-Channel JFETs
Rev. D, 04-Jun-01
2N5484 VISHAY-2N5484_07 Datasheet
108Kb / 8P
   N-Channel JFETs
Rev. G, 24-Jan-05
SST4117A VISHAY-SST4117A Datasheet
74Kb / 6P
   N-Channel JFETs
18-Jul-08
logo
New Jersey Semi-Conduct...
2N3819 NJSEMI-2N3819 Datasheet
145Kb / 1P
   N-CHANNEL JFETS
2N4338 NJSEMI-2N4338 Datasheet
366Kb / 3P
   N-CHANNEL JFETS
logo
Vishay Siliconix
SST310-T1-E3 VISHAY-SST310-T1-E3 Datasheet
102Kb / 8P
   N-Channel JFETs
Rev. H, 24-Jan-05
SST201-T1-E3 VISHAY-SST201-T1-E3 Datasheet
83Kb / 6P
   N-Channel JFETs
Rev. G, 15-Mar-04
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com