Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD5407N Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTD5407N
Description  40 V, 38 A, Single N-Channel, DPAK
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD5407N Datasheet(HTML) 3 Page - ON Semiconductor

  NTD5407N Datasheet HTML 1Page - ON Semiconductor NTD5407N Datasheet HTML 2Page - ON Semiconductor NTD5407N Datasheet HTML 3Page - ON Semiconductor NTD5407N Datasheet HTML 4Page - ON Semiconductor NTD5407N Datasheet HTML 5Page - ON Semiconductor NTD5407N Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTD5407N, STD5407N
http://onsemi.com
3
TYPICAL PERFORMANCE CURVES
TJ = 100°C
02
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
0
Figure 1. On−Region Characteristics
3
20
0
Figure 2. Transfer Characteristics
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
ID, DRAIN CURRENT (AMPS)
−50
0
−25
25
2
1
0.8
0.6
50
175
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ = 25°C
TJ = −55°C
75
TJ = 25°C
ID = 20 A
VGS = 10 V
TJ = 25°C
VGS = 10 V
1
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
VGS = 0 V
TJ = 100°C
4 V
VGS = 5 V
VDS ≥ 10 V
20
35
3.5 V
4
40
VGS = 7 V to 10 V
40
125
100
5
12
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
0.02
0.03
0.04
0.08
36
0.01
4
0.045
0.005
0.025
0.015
0.035
10000
610
12
20
30
25
1.8
25
4
5.5 V
0.05
8
40
35
40
60
ID = 38 A
TJ = 25°C
100
30
5
8
4.5 V
7
59
0.055
0.065
0.075
10
1.6
1.4
1.2
150
13
7
59
20
8
67
0
50
0.105
10
15
60
30
10
50
5 V
6 V
10
30
1000
10
TJ = 175°C
0.07
0.06
10
11
0.085
0.095
15


Similar Part No. - NTD5407N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD5407N ONSEMI-NTD5407N Datasheet
72Kb / 6P
   Power MOSFET 40 V, 38 A, Single N?묬hannel, DPAK
October, 2005 ??Rev. 0
NTD5407N ONSEMI-NTD5407N Datasheet
82Kb / 6P
   Power MOSFET
October, 2016 ??Rev. 7
logo
SHENZHEN DOINGTER SEMIC...
NTD5407N DOINGTER-NTD5407N Datasheet
635Kb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
ON Semiconductor
NTD5407NG ONSEMI-NTD5407NG Datasheet
72Kb / 6P
   Power MOSFET 40 V, 38 A, Single N?묬hannel, DPAK
October, 2005 ??Rev. 0
NTD5407NT4G ONSEMI-NTD5407NT4G Datasheet
72Kb / 6P
   Power MOSFET 40 V, 38 A, Single N?묬hannel, DPAK
October, 2005 ??Rev. 0
More results

Similar Description - NTD5407N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD5407N ONSEMI-NTD5407N Datasheet
72Kb / 6P
   Power MOSFET 40 V, 38 A, Single N?묬hannel, DPAK
October, 2005 ??Rev. 0
NTD4813N ONSEMI-NTD4813N Datasheet
308Kb / 8P
   Power MOSFET 30 V, 40 A, Single N--Channel, DPAK/IPAK
June, 2010 -- Rev. 6
NTD5802NT4G ONSEMI-NTD5802NT4G Datasheet
130Kb / 7P
   Power MOSFET 40 V, Single N?묬hannel, 101 A DPAK
August, 2011 ??Rev. 6
NVMYS010N04CL ONSEMI-NVMYS010N04CL Datasheet
339Kb / 7P
   MOSFET ??Power, Single N-Channel 40 V, 10.3 m, 38 A
July, 2019 ??Rev. 0
NTD5804N ONSEMI-NTD5804N Datasheet
132Kb / 6P
   Power MOSFET 40 V, 69 A, Single N?묬hannel, DPAK
March, 2009 ??Rev. 0
NTD5802N ONSEMI-NTD5802N Datasheet
135Kb / 6P
   Power MOSFET 40 V, Single N?묬hannel, 101 A DPAK
April, 2009 ??Rev. 4
NVD5890NT4G ONSEMI-NVD5890NT4G Datasheet
116Kb / 7P
   Power MOSFET 40 V, 123 A, Single N?묬hannel DPAK
January, 2012 ??Rev. 1
NID5003N ONSEMI-NID5003N Datasheet
50Kb / 6P
   42 V, 20 A, Single N-Channel, DPAK
August, 2004 ??Rev. 2
NVTYS010N04C ONSEMI-NVTYS010N04C Datasheet
336Kb / 7P
   MOSFET ??Power, Single N-Channel 40 V, 12 m, 38 A
May, 2021 ??Rev. 0
NTD5803N ONSEMI-NTD5803N Datasheet
111Kb / 6P
   Power MOSFET 40 V, 76 A, Single N?묬hannel, DPAK
December, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com