Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC0900A-03 Datasheet(PDF) 5 Page - Anaren Microwave

Part # XC0900A-03
Description  Hybrid Coupler
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

XC0900A-03 Datasheet(HTML) 5 Page - Anaren Microwave

  XC0900A-03 Datasheet HTML 1Page - Anaren Microwave XC0900A-03 Datasheet HTML 2Page - Anaren Microwave XC0900A-03 Datasheet HTML 3Page - Anaren Microwave XC0900A-03 Datasheet HTML 4Page - Anaren Microwave XC0900A-03 Datasheet HTML 5Page - Anaren Microwave XC0900A-03 Datasheet HTML 6Page - Anaren Microwave XC0900A-03 Datasheet HTML 7Page - Anaren Microwave XC0900A-03 Datasheet HTML 8Page - Anaren Microwave XC0900A-03 Datasheet HTML 9Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model XC0900A-03
Rev C
Typical Performance (-55°C, 25°C and 95°C): 800-1000 MHz
800
820
840
860
880
900
920
940
960
980
1000
-3.3
-3.2
-3.1
-3
-2.9
-2.8
Frequency (MHz)
Coupling for XC0900A-03 (Feeding Port 1)
- 55ºC
25ºC
95ºC
800
820
840
860
880
900
920
940
960
980
1000
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
Isolation for XC0900A-03 (Feeding Port 1)
- 55ºC
25ºC
95ºC
800
820
840
860
880
900
920
940
960
980
1000
-0.16
-0.14
-0.12
-0.1
-0.08
-0.06
-0.04
-0.02
0
Frequency (MHz)
Insertion Loss for XC0900A-03 (Feeding Port 1)
- 55ºC
25ºC
95ºC
800
820
840
860
880
900
920
940
960
980
1000
87
88
89
90
91
92
93
Frequency (MHz)
Phase Balance for XC0900A-03 (Feeding Port 1)
- 55ºC
25ºC
95ºC


Similar Part No. - XC0900A-03

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XC0900A-03P ANAREN-XC0900A-03P Datasheet
619Kb / 24P
   Hybrid Coupler 3 dB, 90째
XC0900A-03P ANAREN-XC0900A-03P Datasheet
571Kb / 22P
   20 dB Directional Coupler
XC0900A-03S ANAREN-XC0900A-03S Datasheet
619Kb / 24P
   Hybrid Coupler 3 dB, 90째
XC0900A-03S ANAREN-XC0900A-03S Datasheet
571Kb / 22P
   20 dB Directional Coupler
More results

Similar Description - XC0900A-03

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C07P1-03 ANAREN-X3C07P1-03 Datasheet
663Kb / 26P
   Hybrid Coupler
XC0900E-03 ANAREN-XC0900E-03_14 Datasheet
599Kb / 25P
   Hybrid Coupler
XC1900A-03 ANAREN-XC1900A-03_09 Datasheet
714Kb / 25P
   Hybrid Coupler
logo
American Accurate Compo...
JXWBHL-0825-3-N AAC-JXWBHL-0825-3-N Datasheet
82Kb / 1P
   Hybrid Coupler
logo
Anaren Microwave
XC0450E-03 ANAREN-XC0450E-03 Datasheet
615Kb / 25P
   Hybrid Coupler
XC3500M-03 ANAREN-XC3500M-03 Datasheet
652Kb / 25P
   Hybrid Coupler
X3C19P2-03 ANAREN-X3C19P2-03 Datasheet
656Kb / 26P
   Hybrid Coupler
XC1900E-03 ANAREN-XC1900E-03 Datasheet
600Kb / 25P
   Hybrid Coupler
X3C09P1-03S ANAREN-X3C09P1-03S Datasheet
887Kb / 26P
   Hybrid Coupler
X3C19P1-03 ANAREN-X3C19P1-03 Datasheet
645Kb / 26P
   Hybrid Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com