Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-181-000E Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-181-000E
Description  Phototransistor Optocoupler SMD Mini-Flat Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-181-000E Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-181-000E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-181-000E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-181-000E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-181-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-181-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-181-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Package Outline Drawings
HCPL-181-000E
HCPL-181-060E
Solder Reflow Temperature Profile
1. One-time soldering reflow is recommended within the
condition of temperature and time profile shown at right.
2. When using another soldering method such as infrared
ray lamp, the temperature may rise partially in the mold
of the device. Keep the temperature on the package of
the device within the condition of (1) above.
Note: Non-halide flux should be used.
30 seconds
60 sec
150° C
90 sec
60 sec
60 ~ 150 sec
Time (sec)
200° C
217° C
250° C
260° C (Peak Temperature)
25° C
DIMENSIONS IN MILLIMETERS.
7.00
181
YW W
2.54
±0.25
DATE CODE
+ 0.2
– 0.7
3.70 ± 0.45
RANK
LEAD
FREE
5.30 ± 0.3
0.40 ± 0.1
2.00 ± 0.2
0.10 ± 0.1
0.2 ± 0.05
4.40 ± 0.2
DIMENSIONS IN MILLIMETERS.
3.70 ± 0.45
7.00
181 V
YW W
2.54
±0.25
DATE CODE
RANK
LEAD
FREE
+ 0.2
– 0.7
5.30 ± 0.3
0.40 ± 0.1
2.00 ± 0.2
0.10 ± 0.1
0.2 ± 0.05
4.40 ± 0.2


Similar Part No. - HCPL-181-000E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-181-000E HP-HCPL-181-000E Datasheet
74Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-181-000E AVAGO-HCPL-181-000E Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
More results

Similar Description - HCPL-181-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-181-000E AVAGO-HCPL-181-000E Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181 AVAGO-HCPL-181 Datasheet
356Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
logo
Agilent(Hewlett-Packard...
HCPL-181 HP-HCPL-181 Datasheet
74Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-181-06BE AVAGO-HCPL-181-06BE Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06CE AVAGO-HCPL-181-06CE Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06DE AVAGO-HCPL-181-06DE Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
logo
Agilent(Hewlett-Packard...
HCPL-354 HP-HCPL-354 Datasheet
75Kb / 6P
   AC Input Phototransistor Optocoupler SMD Mini-Flat Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-354-00AE AVAGO-HCPL-354-00AE Datasheet
299Kb / 6P
   AC Input Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-354 AVAGO-HCPL-354 Datasheet
312Kb / 6P
   AC Input Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-354-06AE AVAGO-HCPL-354-06AE Datasheet
330Kb / 6P
   AC Input Phototransistor Optocoupler SMD Mini-Flat Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com