Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS322R025 Datasheet(PDF) 1 Page - AMETHERM Circuit Protection Thermistors

Part # AS322R025
Description  I N R U S H C U R R E N T L I M I T E R S
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMETHERM [AMETHERM Circuit Protection Thermistors]
Direct Link  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

AS322R025 Datasheet(HTML) 1 Page - AMETHERM Circuit Protection Thermistors

  AS322R025 Datasheet HTML 1Page - AMETHERM Circuit Protection Thermistors AS322R025 Datasheet HTML 2Page - AMETHERM Circuit Protection Thermistors AS322R025 Datasheet HTML 3Page - AMETHERM Circuit Protection Thermistors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AS Series
INRUSH CURRENT LIMITERS
When a battery is connected to a load with capacitive input, there is an Inrush current
surge as the capacitance is being charged to the battery voltage. The Input current
depends on the input capacitance; the larger the batteries and the more powerful the
load, the larger the input capacitance. A large Inrush current (in the precharge circuit,
without protection) can cause the following:
• Damage to input filter capacitors
• Blowing of the main fuse if asked to carry the inrush current without protection
• Contact failure (as well as reduction in current carrying capacity)
due to arcing and pitting that results from high inrush current
• Damage to the battery cell, which is not rated for inrush current
A typical precharge circuitry for battery operation is below with the timing diagram,
showing how the circuit operates. (Courtesy of Lithium -ION BMS)
Thermistor Protection for Precharge Circuit on Lithium Ion Batteries
+
R1
K1
10
BATTERY
CONTROLLER
PRECHARGE
HV OUT
K2
B=
K3
B-
K1+
K1+
K1–
K1+
K1+
K1–
+
The minimum resistance of the thermistor is
determined by the following:
1. Ambient temperature
2. Input capacitance value
(of the precharge circuit)
3. Battery voltage
The precharge surge current reaches 63.2% (1/e)
of its initial value after a time τ = RC.
In the selection of the thermistor, we consider a
time value of “five time-constant” when the
capacitances are fully charged and the surge
current reaches the normal operating current.
For the purpose of our design, let us assume the
following quantitative values:
Precharge time: 20 millisecond
Ambient operating temperature: Varies between
10°C to 50°C.
Battery voltage: 100 volt
Capacitor bank : 50,000 µF
5τ = RC
R = 5τ / C = 5 (0.02 sec) / 0.05F = 2.0 .
Now, look at the at R-T curves for Ametherm
thermistor at ambient of 50°C. The material
“C”exhibits
R @ 50°C/ R @ 25°C = 0.412 @ R @ 10°C / R
@ 25°C = 1.70
Therefore, minimum resistance @ 25°C = 2.0 /
0.454 = 4.40 , so our standard part has 5.0
ohm nominal resistance
At 10°C, the standard part will have a resistance
of 5.0 x 1.70 = 8.50 , which will meet our
minimum resistance.
Determine the energy the thermistor needs to
handle with out self-destruction,
E = ½ C V2 = ½ (0.05) (100) 2 = 250 Joules.
The steady state current is not calculated because
in most precharge circuits the steady state current
goes through the contactor.
The part, which would meet your specification, is
AS32 5R020.
In its most basic form, the Precharge circuit operates as follows:
• OFF: When the system is OFF all relays / contactors are off.
• Precharge: When the system is first turned on, K1 and K3 are turned on to
Precharge the load, until the Inrush current has subsided. R1 shows the location
of Thermistor in the Precharge circuit.
• ON: After Precharge, contactorK2 is turned on (relay K1, must be off to save
coil power)
V
Precharge Surge
Normal Operating Current
Load
Voltage
t
A
Battery
Current
t
Off
On
Pre
charge
K1
K1
K1
t
Off
SELECTION OF
THE THERMISTOR
For this application note, let us limit our discussion
to the selection of the Thermistor


Similar Part No. - AS322R025

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
AS322R025 AMETHERM-AS322R025 Datasheet
31Kb / 1P
   Resistance @ 25째c
More results

Similar Description - AS322R025

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
S1AF GXELECTRONICS-S1AF Datasheet
465Kb / 2P
   S u r f a c e M o u n t G e n e r a l P u r p o s e S i l i c o n R e c t i f i e r s
logo
E-Tech Electronics LTD
GL358 ETL-GL358 Datasheet
298Kb / 2P
   N P N S I L I CO N P L A N A R H I G H C U R R E N T T R A N S I S T O R
GL158 ETL-GL158 Datasheet
297Kb / 2P
   N P N S I L I CO N P L A N A R H I G H C U R R E N T T R A N S I S T O R
logo
Powerbox
WMBB-C-S POWERBOX-WMBB-C-S Datasheet
457Kb / 1P
   S E C U R I T Y C A B I N E T WA L L M O U N T E N C L O S U R E
logo
E-Tech Electronics LTD
GD401SD ETL-GD401SD Datasheet
166Kb / 2P
   S U R F A C E M O U N T , S C H O T T K Y B A R R I E R D I O D E R R I E R D I O D E
GL159 ETL-GL159 Datasheet
329Kb / 2P
   P N P S I L I CO N P L A N A R H I G H C U R R E N T T R A N S I S T O R
GL359 ETL-GL359 Datasheet
334Kb / 2P
   P N P S I L I CO N P L A N A R H I G H C U R R E N T T R A N S I S T O R
logo
SIPAT Co,Ltd
LBN07059 SIPAT-LBN07059 Datasheet
126Kb / 1P
   S A W F i l t e r E l e c t r i c a l C h a r a c t e r i s t i c
logo
E-Tech Electronics LTD
GJUR0620CT ETL-GJUR0620CT Datasheet
427Kb / 2P
   S U P E R FA S T R E CO V E RY R E C T I F I E R
logo
Powerbox
VICHIP-VTM POWERBOX-VICHIP-VTM Datasheet
105Kb / 1P
   D C / D C C U R R E N T M U LT I P L I E R M O D U L E
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com