Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDS2504ACTA Datasheet(PDF) 4 Page - Elpida Memory

Part # EDS2504ACTA
Description  256M bits SDRAM
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS2504ACTA Datasheet(HTML) 4 Page - Elpida Memory

  EDS2504ACTA Datasheet HTML 1Page - Elpida Memory EDS2504ACTA Datasheet HTML 2Page - Elpida Memory EDS2504ACTA Datasheet HTML 3Page - Elpida Memory EDS2504ACTA Datasheet HTML 4Page - Elpida Memory EDS2504ACTA Datasheet HTML 5Page - Elpida Memory EDS2504ACTA Datasheet HTML 6Page - Elpida Memory EDS2504ACTA Datasheet HTML 7Page - Elpida Memory EDS2504ACTA Datasheet HTML 8Page - Elpida Memory EDS2504ACTA Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
EDS2504ACTA/08ACTA/16ACTA, EDS2504APTA/08APTA/16APTA
Data Sheet E0110E30 (Ver. 3.0)
4
Electrical Specifications
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Note
Voltage on any pin relative to VSS
VT
–0.5 to VDD + 0.5 (≤ 4.6 (max.))
V
Supply voltage relative to VSS
VDD
–0.5 to +4.6
V
Short circuit output current
IOS
50
mA
Power dissipation
PD
1.0
W
Operating temperature
TA
0 to +70
°C
Storage temperature
Tstg
–55 to +125
°C
Notes: 1. Respect to VSS.
Caution
Exposing the device to stress above those listed in Absolute Maximum Ratings could cause
permanent damage. The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
Recommended Operating Conditions (TA = 0 to 70
°°°°C)
Parameter
Symbol
min.
max.
Unit
Notes
Supply voltage
VDD, VDDQ
3.0
3.6
V
1, 2
VSS, VSSQ
0
0
V
3
Input high voltage
VIH
2.0
VDD + 0.3
V
1, 4
Input low voltage
VIL
–0.3
0.8
V
1, 5
Notes: 1. All voltage referred to VSS.
2. The supply voltage with all VDD and VDDQ pins must be on the same level.
3. The supply voltage with all VSS and VSSQ pins must be on the same level.
4. VIH (max.) = VDD + 2.0 V for pulse width ≤ 3ns at VDD.
5. VIL (min.) = VSS – 2.0 V for pulse width ≤ 3ns at VSS.


Similar Part No. - EDS2504ACTA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS2504APTA ELPIDA-EDS2504APTA Datasheet
544Kb / 51P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2504APTA-75TI ELPIDA-EDS2504APTA-75TI Datasheet
544Kb / 51P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2504APTA-7ATI ELPIDA-EDS2504APTA-7ATI Datasheet
544Kb / 51P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2504APTA-TI ELPIDA-EDS2504APTA-TI Datasheet
544Kb / 51P
   256M bits SDRAM WTR (Wide Temperature Range)
More results

Similar Description - EDS2504ACTA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS2532CASG ELPIDA-EDS2532CASG Datasheet
649Kb / 48P
   256M bits SDRAM
EDS2508AFTA-7A ELPIDA-EDS2508AFTA-7A Datasheet
740Kb / 50P
   256M bits SDRAM
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
   256M bits DDR SDRAM 256M bits DDR SDRAM
EDS2516AFTA ELPIDA-EDS2516AFTA Datasheet
613Kb / 50P
   256M bits SDRAM
EDS2532AABH-1AR2 ELPIDA-EDS2532AABH-1AR2 Datasheet
613Kb / 48P
   256M bits SDRAM
EDS2532JEBH-6B ELPIDA-EDS2532JEBH-6B Datasheet
641Kb / 50P
   256M bits SDRAM
EDS2508ADTA ELPIDA-EDS2508ADTA Datasheet
724Kb / 50P
   256M bits SDRAM
EDS2732CABJ ELPIDA-EDS2732CABJ Datasheet
642Kb / 48P
   256M bits SDRAM
EDS2532EESL-75 ELPIDA-EDS2532EESL-75 Datasheet
753Kb / 50P
   256M bits SDRAM
EDS2516APTA ELPIDA-EDS2516APTA Datasheet
656Kb / 53P
   256M bits SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com