Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEDM-5545 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HEDM-5545
Description  Quick Assembly Two and Three Channel Optical Encoders
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HEDM-5545 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HEDM-5545 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HEDM-5545 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HEDM-5545 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HEDM-5545 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HEDM-5545 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HEDM-5545 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HEDM-5545 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HEDM-5545 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HEDM-5545 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Theory of Operation
The HEDS-5500, 5540, 5600, 5640, and HEDM-5500, 5540,
5600 translate the rotary motion of a shaft into either a
two- or a three-channel digital output.
As seen in the block diagram, these encoders contain a
single Light Emitting Diode (LED) as its light source. The
light is collimated into a parallel beam by means of a
single polycarbonate lens located directly over the LED.
Opposite the emitter is the integrated detector circuit.
This IC consists of multiple sets of photodetectors and
the signal processing circuitry necessary to produce the
digital waveforms.
The codewheel rotates between the emitter and detector,
causing the light beam to be interrupted by the pattern
of spaces and bars on the codewheel. The photodi-
odes which detect these interruptions are arranged in a
pattern that corresponds to the radius and design of the
codewheel. These detectors are also spaced such that a
light period on one pair of detectors corresponds to a
dark period on the adjacent pair of detectors. The photo-
diode outputs are then fed through the signal processing
circuitry resulting in A, A, B and B (also I and I in the HEDS-
5540/5640 and HEDM-5540). Comparators receive these
signals and produce the final outputs for channels A and
B. Due to this integrated phasing technique, the digital
output of channel A is in quadrature with that of channel
B (90 degrees out of phase).
In the HEDS-5540/5640 and HEDM-5540, the output of
the comparator for I and I is sent to the index processing
circuitry along with the outputs of channels A and B.
The final output of channel I is an index pulse PO which
is generated once for each full rotation of the codewheel.
This output PO is a one state width (nominally 90 electri-
cal degrees), high true index pulse which is coincident
with the low states of channels A and B.
Block Diagram
Note: Circuitry for CH I is only for HEDS-5540, 5640 and HEDM 5540 Three Channel Encoder
Definitions
Count (N): The number of bar and window pairs or counts
per revolution (CPR) of the codewheel.
One Cycle (C): 360 electrical degrees (°e), 1 bar and window
pair.
One Shaft Rotation: 360 mechanical degrees, N cycles.
Position Error (ΔΘ): The normalized angular difference
between the actual shaft position and the position
indicated by the encoder cycle count.
Cycle Error (ΔC): An indication of cycle uniformity. The
differ¬ence between an observed shaft angle which
gives rise to one electrical cycle, and the nominal angular
increment of 1/N of a revolution.
Pulse Width (P): The number of electrical degrees that an
output is high during 1 cycle. This value is nominally 180°e
or 1/2 cycle.
Pulse Width Error ( ΔP): The deviation, in electrical degrees, of
the pulse width from its ideal value of 180°e.
State Width (S): The number of electrical degrees between a
transition in the output of channel A and the neighbour-
ing transition in the output of channel B. There are 4 states
per cycle, each nominally 90°e.
State Width Error ( ΔS): The deviation, in electrical degrees, of
each state width from its ideal value of 90°e.
Phase (φ): The number of electrical degrees between the
center of the high state of channel A and the center of the
high state of channel B. This value is nominally 90°e for
quadrature output.
Phase Error (Δφ): The deviation of the phase from its ideal
value of 90°e.
Direction of Rotation: When the codewheel rotates in the
counter-clockwise direction (as viewed from the encoder
end of the motor), channel A will lead channel B. If the
codewheel rotates in the clockwise direction, channel B
will lead channel A.
Index Pulse Width (PO): The number of electrical degrees that
an index output is high during one full shaft rotation. This
value is nominally 90°e or 1/4 cycle.
PHOTO
DIODES
COMPARATORS
INDEX-
PROCESSING
CIRCUITRY
SIGNAL PROCESSING
CIRCUITRY
DETECTOR SECTION
CODE
WHEEL
EMITTER
SECTION
LENS
LED
VCC
CH. A
CH. B
CH. I
GND
RESISTOR
+
A
A
+
B
B
+
I
I


Similar Part No. - HEDM-5545

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDM-5545 AVAGO-HEDM-5545 Datasheet
1Mb / 12P
   Quick Assembly Two and Three Channel Optical Encoders
More results

Similar Description - HEDM-5545

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5500A06 AVAGO-HEDS-5500A06 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-5500-B14 AVAGO-HEDM-5500-B14 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5500-A14 AVAGO-HEDS-5500-A14 Datasheet
316Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
logo
Agilent(Hewlett-Packard...
HEDS5540 HP-HEDS5540 Datasheet
263Kb / 15P
   Quick Assembly Two and Three Channel Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDM-550X AVAGO-HEDM-550X Datasheet
232Kb / 14P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-55XX AVAGO-HEDM-55XX Datasheet
1Mb / 12P
   Quick Assembly Two and Three Channel Optical Encoders
AEDM-5XXX AVAGO-AEDM-5XXX Datasheet
351Kb / 9P
   Quick Assembly High Resolution Three Channel Optical Encoders
HEDR-5XXX AVAGO-HEDR-5XXX Datasheet
313Kb / 6P
   Three Channel Quick Assembly Encoders
HEDC-55XX AVAGO-HEDC-55XX Datasheet
460Kb / 10P
   Two or Three Channel Quick Assembly Encoders With Connector Latch
AEDL-5XXX AVAGO-AEDL-5XXX Datasheet
321Kb / 8P
   Quick Assembly High Resolution Three Channel Optical Encoders with Differential Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com