Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDS1232CABB-75-E Datasheet(PDF) 6 Page - Elpida Memory

Part # EDS1232CABB-75-E
Description  128M bits SDRAM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS1232CABB-75-E Datasheet(HTML) 6 Page - Elpida Memory

Back Button EDS1232CABB-75-E Datasheet HTML 2Page - Elpida Memory EDS1232CABB-75-E Datasheet HTML 3Page - Elpida Memory EDS1232CABB-75-E Datasheet HTML 4Page - Elpida Memory EDS1232CABB-75-E Datasheet HTML 5Page - Elpida Memory EDS1232CABB-75-E Datasheet HTML 6Page - Elpida Memory EDS1232CABB-75-E Datasheet HTML 7Page - Elpida Memory EDS1232CABB-75-E Datasheet HTML 8Page - Elpida Memory EDS1232CABB-75-E Datasheet HTML 9Page - Elpida Memory EDS1232CABB-75-E Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
EDS1232CABB, EDS1232CATA
Preliminary Data Sheet E0247E40 (Ver. 4.0)
6
DC Characteristics (TA = 0 to +70
°°°°C, VDD, VDDQ = 2.5V±±±±0.2V, VSS, VSSQ = 0V)
Parameter
/CAS latency
Symbol
Grade
max.
Unit
Test condition
Notes
Operating current
(CL = 2)
IDD1
-75
-1A
105
100
mA
1
(CL = 3)
IDD1
-75
-1A
105
100
mA
Burst length = 1
tRC
≥ tRC (min.)
IO = 0mA
One bank active
Standby current in power down
IDD2P
1
mA
Standby current in power down
(input signal stable)
IDD2PS
1
mA
CKE
≤ VIL (max.) tCK = 15ns
CKE
≤ VIL (max.) tCK = ∞
Standby current in non power
down
IDD2N
20
mA
CKE
≥ VIH (min.) tCK = 15ns
CS
≥ VIH (min.)
Input signals are changed one
time during 30ns
Standby current in non power
down
(input signal stable)
IDD2NS
8
mA
CKE
≥ VIH (min.) tCK = ∞
Active standby current in power
down
IDD3P
5
mA
CKE
≤ VIL (max.) tCK = 15ns
Active standby current in power
down (input signal stable)
IDD3PS
4
mA
CKE
≤ VIL (max.), tCK = ∞
Active standby current in non
power down
IDD3N
25
mA
CKE
≥ VIH (min.), tCK = 15 ns,
/CS
≥ VIH (min.),
Input signals are changed one
time during 30ns.
Active standby current in non
power down
(input signal stable)
IDD3NS
15
mA
CKE
≥ VIH (min.), tCK = ∞,
Burst operating current
IDD4
-75
-1A
150
130
mA
tCK
≥ tCK (min.),
IO = 0mA, All banks active
2
Refresh current
IDD5
-75
-1A
210
200
mA
tRC
≥ tRC (min.)
3
Self refresh current
IDD6
2.0
mA
VIH
≥ VDD − 0.2V,
VIL
≤ GND + 0.2V
Self refresh current
(L-version)
IDD6
-xxL
0.6
mA
Notes: 1. IDD1 depends on output loading and cycle rates. Specified values are obtained with the output open. In
addition to this, IDD1 is measured condition that addresses are changed only one time during tCK (min.).
2. IDD4 depends on output loading and cycle rates. Specified values are obtained with the output open.
In addition to this, IDD4 is measured condition that addresses are changed only one time during tCK
(min.).
3. IDD5 is measured on condition that addresses are changed only one time during tCK (min.).
DC Characteristics 2 (TA = 0 to +70
°°°°C, VDD, VDDQ = 2.5V±±±±0.2V, VSS, VSSQ = 0V)
Parameter
Symbol
min.
max.
Unit
Test condition
Notes
Input leakage current
ILI
–1.0
1.0
µA
0 = VIN = VDDQ, VDDQ = VDD,
All other pins not under test = 0V
Output leakage current
ILO
–1.5
1.5
µA
0 = VIN = VDDQ DOUT is disabled
Output high voltage
VOH
2.0
V
IOH = –1mA
Output low voltage
VOL
0.4
V
IOL = 1mA


Similar Part No. - EDS1232CABB-75-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1232CASE ELPIDA-EDS1232CASE Datasheet
720Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDS1232CASE-1A-E ELPIDA-EDS1232CASE-1A-E Datasheet
720Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDS1232CASE-1AL-E ELPIDA-EDS1232CASE-1AL-E Datasheet
720Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
EDS1232CATA ELPIDA-EDS1232CATA Datasheet
641Kb / 53P
   128M bits SDRAM
EDS1232CATA-1A ELPIDA-EDS1232CATA-1A Datasheet
641Kb / 53P
   128M bits SDRAM
More results

Similar Description - EDS1232CABB-75-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS1232ECBH-9ATT ELPIDA-EDS1232ECBH-9ATT Datasheet
747Kb / 50P
   128M bits SDRAM 128M bits SDRAM
EDS1216AHTA ELPIDA-EDS1216AHTA Datasheet
619Kb / 50P
   128M bits SDRAM
EDS1232AATA ELPIDA-EDS1232AATA Datasheet
644Kb / 53P
   128M bits SDRAM
EDS1232AABB ELPIDA-EDS1232AABB Datasheet
566Kb / 55P
   128M bits SDRAM
EDS1208AATA ELPIDA-EDS1208AATA Datasheet
723Kb / 49P
   128M bits SDRAM
EDS1232ECBH-75 ELPIDA-EDS1232ECBH-75 Datasheet
739Kb / 50P
   128M bits SDRAM
EDS1232JCBH-6B ELPIDA-EDS1232JCBH-6B Datasheet
738Kb / 50P
   128M bits SDRAM
EDS1232AHTA ELPIDA-EDS1232AHTA Datasheet
628Kb / 50P
   128M bits SDRAM
EDS1232ECBH-9A ELPIDA-EDS1232ECBH-9A Datasheet
739Kb / 50P
   128M bits SDRAM
EDS1232JHTA ELPIDA-EDS1232JHTA Datasheet
743Kb / 50P
   128M bits SDRAM
EDS1216AATA ELPIDA-EDS1216AATA Datasheet
702Kb / 49P
   128M bits SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com