Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEDS-5605 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HEDS-5605
Description  Quick Assembly Two and Three Channel Optical Encoders
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HEDS-5605 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HEDS-5605 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HEDS-5605 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HEDS-5605 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HEDS-5605 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HEDS-5605 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HEDS-5605 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HEDS-5605 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HEDS-5605 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HEDS-5605 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Electrical Interface
To insure reliable encodingperformance, the HEDS-
5540/5640 and HEDM-5540 three channel encoders
require 2.7 kΩ (± 10%) pull-up resistors on output pins
2, 3, and 5 (Channels I, A, and B) as shown in Figure 1.
These pull-up resistors should be located as close to the
encoder as possible (within 4 feet). Each of the three
Figure 1. Pull-up Resistors on HEDS-5X40 and HEDM-5540 Encoder Outputs.
encoder outputs can drive a single TTL load in this con-
figuration. The HEDS-5500, 5600, and HEDM-5500, 5600
two channel encoders do not normally require pull-up
resistors. However, 3.2 kΩ pull-up resistors on output pins
3 and 5 (Channels A and B) are recommended to improve
rise times, especially when operating above 100 kHz fre-
quencies.
Mechanical Characteristics
Parameter
Symbol
Dimension
Tolerance[1]
Units
Codewheel Fits These Standard
Shaft Diameters
2 3 4
5 6 8
+0.000
-0.015
mm
5/32 1/8
3/16 1/4
+0.0000
-0.0007
in
Moment of Inertia
J
0.6 (8.0 x 10-6)
g-cm2 (oz-in-s2)
Required Shaft Length[2]
14.0 (0.55)
± 0.5
(± 0.02)
mm (in.)
Bolt Circle[3]
2 screw mounting
19.05
(0.750)
± 0.13
(± 0.005)
mm (in.)
3 screw mounting
20.90
(0.823)
± 0.13
(± 0.005)
mm (in.)
external mounting ears
46.0
(1.811)
± 0.13
(± 0.005)
mm (in.)
Mounting Screw Size[4]
2 screw mounting
M 2.5 or (2-56)
mm (in.)
3 screw mounting
M 1.6 or (0-80)
mm (in.)
external mounting ears
M 2.5 or (2-56)
mm (in.)
Encoder Base Plate Thickness
0.33 (0.130)
mm (in.)
Hub Set Screw
(2-56)
(in.)
Notes:
1. These are tolerances required of the user.
2. The HEDS-55X5 and 56X5, HEDM-5505, 5605 provide an 8.9 mm (0.35 inch) diameter hole through the housing for longer motor shafts. See
Ordering Information.
3. The HEDS-5540 and 5640 must be aligned using the aligning pins as specified in Figure 3, or using the alignment tool as shown in “Encoder
Mounting and Assembly”. See also “Mounting Considerations.”
4. The recommended mounting screw torque for 2 screw and external ear mounting is 1.0 kg-cm (0.88 in-lbs). The recommended mounting screw
torque for 3 screw mounting is 0.50 kg-cm (0.43 in-lbs).


Similar Part No. - HEDS-5605

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5605 AVAGO-HEDS-5605 Datasheet
232Kb / 14P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5605 AVAGO-HEDS-5605 Datasheet
1Mb / 12P
   Quick Assembly Two and Three Channel Optical Encoders
logo
Agilent(Hewlett-Packard...
HEDS-5605-A01 HP-HEDS-5605-A01 Datasheet
263Kb / 15P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5605-A02 HP-HEDS-5605-A02 Datasheet
263Kb / 15P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5605-A03 HP-HEDS-5605-A03 Datasheet
263Kb / 15P
   Quick Assembly Two and Three Channel Optical Encoders
More results

Similar Description - HEDS-5605

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5500A06 AVAGO-HEDS-5500A06 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-5500-B14 AVAGO-HEDM-5500-B14 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5500-A14 AVAGO-HEDS-5500-A14 Datasheet
316Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
logo
Agilent(Hewlett-Packard...
HEDS5540 HP-HEDS5540 Datasheet
263Kb / 15P
   Quick Assembly Two and Three Channel Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDM-550X AVAGO-HEDM-550X Datasheet
232Kb / 14P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-55XX AVAGO-HEDM-55XX Datasheet
1Mb / 12P
   Quick Assembly Two and Three Channel Optical Encoders
AEDM-5XXX AVAGO-AEDM-5XXX Datasheet
351Kb / 9P
   Quick Assembly High Resolution Three Channel Optical Encoders
HEDR-5XXX AVAGO-HEDR-5XXX Datasheet
313Kb / 6P
   Three Channel Quick Assembly Encoders
HEDC-55XX AVAGO-HEDC-55XX Datasheet
460Kb / 10P
   Two or Three Channel Quick Assembly Encoders With Connector Latch
AEDL-5XXX AVAGO-AEDL-5XXX Datasheet
321Kb / 8P
   Quick Assembly High Resolution Three Channel Optical Encoders with Differential Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com