Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDS2504APTA-TI Datasheet(PDF) 5 Page - Elpida Memory

Part # EDS2504APTA-TI
Description  256M bits SDRAM WTR (Wide Temperature Range)
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS2504APTA-TI Datasheet(HTML) 5 Page - Elpida Memory

  EDS2504APTA-TI Datasheet HTML 1Page - Elpida Memory EDS2504APTA-TI Datasheet HTML 2Page - Elpida Memory EDS2504APTA-TI Datasheet HTML 3Page - Elpida Memory EDS2504APTA-TI Datasheet HTML 4Page - Elpida Memory EDS2504APTA-TI Datasheet HTML 5Page - Elpida Memory EDS2504APTA-TI Datasheet HTML 6Page - Elpida Memory EDS2504APTA-TI Datasheet HTML 7Page - Elpida Memory EDS2504APTA-TI Datasheet HTML 8Page - Elpida Memory EDS2504APTA-TI Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
EDS2504APTA/08APTA/16APTA-TI
Preliminary Data Sheet E0248E10 (Ver. 1.0)
5
DC Characteristics 1 (TA = –40 to +85
°°°°C, VDD, VDDQ = 3.3V ± 0.3V, VSS, VSSQ = 0V)
Parameter
max.
/CAS latency
Symbol
Grade
× 4
× 8
× 16
Unit
Test condition
Notes
Operating current
ICC1
-7A
130
130
135
mA
Burst length = 1
tRC = min.
1, 2, 3
ICC1
-75
110
110
115
mA
Burst length = 1
tRC = min.
Standby current in power
down
ICC2P
3
3
3
mA
CKE = VIL, tCK = min.
6
Standby current in power
down (input signal stable)
ICC2PS
2
2
2
mA
CKE = VIL, tCK =
7
Standby current in non
power down
ICC2N
20
20
20
mA
CKE, /CS = VIH,
tCK = min.
4
Standby current in non
power down (input signal
stable)
ICC2NS
9
9
9
mA
CKE = VIH, tCK =
∞,
/CS = VIH
8
Active standby current in
power down
ICC3P
4
4
4
mA
CKE = VIL, tCK = min.
1, 2, 6
Active standby current in
power down (input signal
stable)
ICC3PS
3
3
3
mA
CKE = VIL, tCK =
2, 7
Active standby current in
non power down
ICC3N
30
30
30
mA
CKE, /CS = VIH,
tCK = min.
1, 2, 4
Active standby current in
non power down (input
signal stable)
ICC3NS
15
15
15
mA
CKE = VIH, tCK =
∞,
/CS = VIH
2, 8
Burst operating current
ICC4
130
135
145
mA
tCK = min., BL = 4
1, 2, 5
Refresh current
ICC5
-7A
250
250
250
mA
tRC = min.
3
ICC5
-75
220
220
220
mA
tRC = min.
Self refresh current
ICC6
3
3
3
mA
VIH ≥ VDD – 0.2V
VIL ≤ 0.2V
Notes: 1. ICC depends on output load condition when the device is selected. ICC (max.) is specified at the output
open condition.
2. One bank operation.
3. Input signals are changed once per one clock.
4. Input signals are changed once per two clocks.
5. Input signals are changed once per four clocks.
6. After power down mode, CLK operating current.
7. After power down mode, no CLK operating current.
8. Input signals are VIH or VIL fixed.


Similar Part No. - EDS2504APTA-TI

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS2504APTA-75 ELPIDA-EDS2504APTA-75 Datasheet
559Kb / 51P
   256M bits SDRAM
EDS2504APTA-75L ELPIDA-EDS2504APTA-75L Datasheet
559Kb / 51P
   256M bits SDRAM
EDS2504APTA-7A ELPIDA-EDS2504APTA-7A Datasheet
559Kb / 51P
   256M bits SDRAM
EDS2504APTA-7AL ELPIDA-EDS2504APTA-7AL Datasheet
559Kb / 51P
   256M bits SDRAM
More results

Similar Description - EDS2504APTA-TI

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS2532EEBH-9ATT ELPIDA-EDS2532EEBH-9ATT Datasheet
747Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2532EEBH-75TT ELPIDA-EDS2532EEBH-75TT Datasheet
740Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2516EEBH-TT ELPIDA-EDS2516EEBH-TT Datasheet
676Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2516APTA-TI-E ELPIDA-EDS2516APTA-TI-E Datasheet
720Kb / 52P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2532JEBH-75TT ELPIDA-EDS2532JEBH-75TT Datasheet
740Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2532EGBH-TT ELPIDA-EDS2532EGBH-TT Datasheet
744Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDD2516AKTA-TI ELPIDA-EDD2516AKTA-TI Datasheet
502Kb / 49P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
EDD2508AKTA-LI ELPIDA-EDD2508AKTA-LI Datasheet
505Kb / 49P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
EDD2516AKTA-5CLI ELPIDA-EDD2516AKTA-5CLI Datasheet
501Kb / 48P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
EDS6432AFTA-TI ELPIDA-EDS6432AFTA-TI Datasheet
707Kb / 49P
   64M bits SDRAM WTR (Wide Temperature Range)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com