Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4093BT Datasheet(PDF) 7 Page - NXP Semiconductors

Part # HEF4093BT
Description  Quad 2-input NAND Schmitt trigger
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4093BT Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button HEF4093BT Datasheet HTML 3Page - NXP Semiconductors HEF4093BT Datasheet HTML 4Page - NXP Semiconductors HEF4093BT Datasheet HTML 5Page - NXP Semiconductors HEF4093BT Datasheet HTML 6Page - NXP Semiconductors HEF4093BT Datasheet HTML 7Page - NXP Semiconductors HEF4093BT Datasheet HTML 8Page - NXP Semiconductors HEF4093BT Datasheet HTML 9Page - NXP Semiconductors HEF4093BT Datasheet HTML 10Page - NXP Semiconductors HEF4093BT Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
HEF4093B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 21 November 2011
7 of 15
NXP Semiconductors
HEF4093B
Quad 2-input NAND Schmitt trigger
13. Transfer characteristics
Table 11.
Transfer characteristics
VSS =0V; Tamb = 25 C; see Figure 6 and Figure 7.
Symbol Parameter
Conditions
VDD
Min
Typ
Max
Unit
VT+
positive-going threshold voltage
5 V
1.9
2.9
3.5
V
10 V
3.6
5.2
7
V
15 V
4.7
7.3
11
V
VT
negative-going threshold voltage
5 V
1.5
2.2
3.1
V
10 V
3
4.2
6.4
V
15 V
4
6.0
10.3
V
VH
hysteresis voltage
5 V
0.4
0.7
-
V
10 V
0.6
1.0
-
V
15 V
0.7
1.3
-
V
Fig 6.
Transfer characteristic
Fig 7.
Waveforms showing definition of VT+ and VT
(between limits at 30 % and 70 %) and VH
001aag107
VO
VI
VH
VT+
VT−
001aag108
VO
VI
VH
VT+
VT−


Similar Part No. - HEF4093BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4093BT PHILIPS-HEF4093BT Datasheet
79Kb / 6P
   Quadruple 2-input NAND Schmitt trigger
January 1995
HEF4093BT NXP-HEF4093BT Datasheet
158Kb / 15P
   FBQuad 2-input NAND Schmitt trigger
Rev. 8-21 November 2011
logo
Nexperia B.V. All right...
HEF4093BT NEXPERIA-HEF4093BT Datasheet
220Kb / 12P
   Quad 2-input NAND Schmitt trigger
Rev. 10 - 25 February 2022
logo
NXP Semiconductors
HEF4093BT-Q100 NXP-HEF4093BT-Q100 Datasheet
1Mb / 2P
   NXP Logic ??Q100 logic portfolio
logo
Nexperia B.V. All right...
HEF4093BT-Q100 NEXPERIA-HEF4093BT-Q100 Datasheet
219Kb / 12P
   Quad 2-input NAND Schmitt trigger
Rev. 2 - 25 February 2022
More results

Similar Description - HEF4093BT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
93Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74F132 PHILIPS-74F132 Datasheet
71Kb / 8P
   Quad 2-input NAND Schmitt trigger
1991 Jun 26
74AHC132 PHILIPS-74AHC132 Datasheet
106Kb / 16P
   Quad 2-input NAND Schmitt trigger
1999 Sep 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com