Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB52E649E12-A6B Datasheet(PDF) 4 Page - Elpida Memory

Part # HB52E649E12-A6B
Description  512 MB Registered SDRAM DIMM 64-Mword72-bit, 100 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC100 SDRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HB52E649E12-A6B Datasheet(HTML) 4 Page - Elpida Memory

  HB52E649E12-A6B Datasheet HTML 1Page - Elpida Memory HB52E649E12-A6B Datasheet HTML 2Page - Elpida Memory HB52E649E12-A6B Datasheet HTML 3Page - Elpida Memory HB52E649E12-A6B Datasheet HTML 4Page - Elpida Memory HB52E649E12-A6B Datasheet HTML 5Page - Elpida Memory HB52E649E12-A6B Datasheet HTML 6Page - Elpida Memory HB52E649E12-A6B Datasheet HTML 7Page - Elpida Memory HB52E649E12-A6B Datasheet HTML 8Page - Elpida Memory HB52E649E12-A6B Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
HB52E649E12-A6B/B6B
Data Sheet E0020H20
4
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
36
A6
78
V
SS
120
A7
162
V
SS
37
A8
79
CK2
121
A9
163
CK3
38
A10 (AP)
80
NC
122
BA0
164
NC
39
BA1
81
WP
123
A11
165
SA0
40
V
CC
82
SDA
124
V
CC
166
SA1
41
V
CC
83
SCL
125
CK1
167
SA2
42
CK0
84
V
CC
126
A12
168
V
CC
Pin Description
Pin name
Function
A0 to A12
Address input
 Row address
A0 to A12
 Column address
A0 to A9, A11
BA0/BA1
Bank select address
DQ0 to DQ63
Data input/output
CB0 to CB7
Check bit (Data input/output)
S0, S2
Chip select input
RE
Row enable (RAS) input
CE
Column enable (CAS) input
W
Write enable input
DQMB0 to DQMB7
Byte data mask
CK0 to CK3
Clock input
CKE0
Clock enable input
WP
Write protect for serial PD
REGE*
1
Register/Buffer enable
SDA
Data input/output for serial PD
SCL
Clock input for serial PD
SA0 to SA2
Serial address input
V
CC
Primary positive power supply
V
SS
Ground
NC
No connection
Note:
1. REGE
≥ V
IH:
Register mode.
REGE
≤ V
IL:
Buffer mode.


Similar Part No. - HB52E649E12-A6B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB52E649EN-A6B ELPIDA-HB52E649EN-A6B Datasheet
215Kb / 28P
   512 MB Unbuffered SDRAM DIMM, 100 MHz Memory Bus
HB52E649EN-B6B ELPIDA-HB52E649EN-B6B Datasheet
215Kb / 28P
   512 MB Unbuffered SDRAM DIMM, 100 MHz Memory Bus
More results

Similar Description - HB52E649E12-A6B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB52R649E1U-A6B ELPIDA-HB52R649E1U-A6B Datasheet
158Kb / 20P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 100 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC100 SDRAM
HB52RF649E1U-75B ELPIDA-HB52RF649E1U-75B Datasheet
157Kb / 20P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 133 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC133 SDRAM
HB52F649E1 ELPIDA-HB52F649E1 Datasheet
143Kb / 16P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 133 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC133SDRAM
HB52R1289E2U-A6B ELPIDA-HB52R1289E2U-A6B Datasheet
166Kb / 22P
   1 GB Registered SDRAM DIMM 128-Mword 횞 72-bit, 100 MHz Memory Bus, 2-Bank Module (36 pcs of 64 M 횞 4 Components) PC100 SDRAM
HB52D48GB-F ELPIDA-HB52D48GB-F Datasheet
149Kb / 23P
   32 MB Unbuffered SDRAM Micro DIMM 4-Mword 횞 64-bit, 100 MHz Memory Bus, 1-Bank Module (4 pcs of 4 M 횞 16 components) PC100 SDRAM
HB52R329E22-F ELPIDA-HB52R329E22-F Datasheet
356Kb / 66P
   256 MB Registered SDRAM DIMM 32-Mword 횞 72-bit, 100 MHz Memory Bus, 2-Bank Module (36 pcs of 16 M 횞 4 Components) PC100 SDRAM
HB52RD168GB-F ELPIDA-HB52RD168GB-F Datasheet
115Kb / 22P
   128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 100 MHz Memory Bus, 1-Bank Module (16 pcs of 16 M 횞 4 components) PC100 SDRAM
HB52RF1289E2U-75B ELPIDA-HB52RF1289E2U-75B Datasheet
157Kb / 20P
   1 GB Registered SDRAM DIMM 128-Mword 횞 72-bit, 133 MHz Memory Bus, 2-Bank Module (36 pcs of 64 M 횞 4 Components) PC133 SDRAM
HB52RF1289E2-75B ELPIDA-HB52RF1289E2-75B Datasheet
167Kb / 16P
   1 GB Registered SDRAM DIMM 128-Mword 횞 72-bit, 133 MHz Memory Bus, 2-Bank Module (36 pcs of 64 M 횞 4 Components) PC133 SDRAM
HB52RF1289E2 ELPIDA-HB52RF1289E2 Datasheet
161Kb / 16P
   1 GB Registered SDRAM DIMM 128-Mword 횞 72-bit, 133 MHz Memory Bus, 2-Bank Module (36 pcs of 64 M 횞 4 Components) PC133 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com