Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-4535Z Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-4535Z
Description  Crimpless Connectors for Plastic Optical Fiber and Versatile Link
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-4535Z Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HFBR-4535Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-4535Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-4535Z Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-4535Z Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-4535Z Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Step 2: Putting on the Connector
Place the connector on each end of the fiber, and slide
the connector down until the fiber jacket stops it. The
fiber should protrude no less than 1.5 mm (0.06 in) from
the end of the connector.
Termination Guide
Step-by-Step Plastic Cable Connectoring Instructions
The following step-by-step guide describes how to
terminate plastic fiber optic cable. It is ideal for both
field and factory installations. Connectors can be easily
installed on cable ends with standard tools such as wire
strippers and cutters.
Finishing the cable is accomplished with the Avago
Technologies HFBR-4593Z Polishing Kit, consisting of a
polishing fixture, 600 grit abrasive paper and 3 mm pink
lapping film (3M Company, OC3-14). The connector can
be used immediately after polishing.
The following materials are needed for plastic fiber ter-
mination:
1. Plastic optical fiber cable (Example: HFBR-RUD500Z)
2. Wire cutters or scissors
3. 16 gauge wire stripper (Example: Ideal Stripmaster
type 45-092)
4. HFBR-4593Z polishing kit (optional)
5. Crimpless connectors
Step 1: Stripping the Fiber
The zip cord structure of the duplex cable permits easy
separation of the channels. The channels should be
separated a minimum of 100 mm (4 in) to a maximum
of 150 mm (6 in) back from the ends to permit connec-
toring, polishing and cable end flexibility.
After cutting the cable to the desired length, strip off
approximately 7 mm (0.3 in) of the outer jacket with the
16 gauge wire strippers.
When using the duplex connector arrangement, the
separated duplex cable should be stripped to roughly
equal lengths on each cable end.
For the non-latching version (HFBR-4531Z), the same
connector is used for simplex and duplex arrangement.
No crimping is necessary. The top half of the connector
will snap into the ferrule half to secure the fiber.
To install simplex connectors flip the top half of the con-
nector over and snap it into the ferrule half (with your
fingers). When the top half latches inside the body of
the ferrule half, proper connector-to-cable attachment
is achieved.
For duplex connector installation place one connector
on top of the other, so that the top half of each connec-
tor is over the ferrule half of the opposite connector.
Manually press connectors together in the center of
the arrangement. Then latch by pressing on the sides
of each connector. As with the simplex version, connec-
tors are secured when top halves latch into the ferrule
halves.


Similar Part No. - HFBR-4535Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-4535 AVAGO-HFBR-4535 Datasheet
242Kb / 5P
   Crimpless Connectors for Plastic Optical Fiber and Versatile Link
More results

Similar Description - HFBR-4535Z

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-4531 HP-HFBR-4531 Datasheet
116Kb / 6P
   Crimpless Connectors for Plastic Optical Fiber and Versatile Link
HFBR4531-4532 HP-HFBR4531-4532 Datasheet
117Kb / 6P
   Crimpless Connectors for Plastic Optical Fiber and Versatile Link
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-4531 AVAGO-HFBR-4531 Datasheet
242Kb / 5P
   Crimpless Connectors for Plastic Optical Fiber and Versatile Link
HFBR-4531Z AVAGO-HFBR-4531Z Datasheet
216Kb / 5P
   Crimpless Connectors for Plastic Optical Fiber and Versatile Link
logo
Agilent(Hewlett-Packard...
HFBR-45XX HP-HFBR-45XX Datasheet
267Kb / 11P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-RUD500 AVAGO-HFBR-RUD500 Datasheet
267Kb / 10P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-EUS100Z AVAGO-HFBR-EUS100Z Datasheet
233Kb / 10P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-4501 AVAGO-HFBR-4501 Datasheet
229Kb / 10P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
logo
Agilent(Hewlett-Packard...
HFBR-RXXYYY HP-HFBR-RXXYYY Datasheet
272Kb / 11P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-RUS100Z AVAGO-HFBR-RUS100Z Datasheet
137Kb / 11P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com