Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HL015 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # HL015
Description  Wirewound Resistors, Industrial Power, Tubular (HL), Non-Inductive Tubular (NHL)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HL015 Datasheet(HTML) 1 Page - Vishay Siliconix

  HL015 Datasheet HTML 1Page - Vishay Siliconix HL015 Datasheet HTML 2Page - Vishay Siliconix HL015 Datasheet HTML 3Page - Vishay Siliconix HL015 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HL, NHL
www.vishay.com
Vishay Dale
Revision: 12-Mar-14
1
Document Number: 30208
For technical questions, contact: ww2dresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound Resistors, Industrial Power,
Tubular (HL), Non-Inductive Tubular (NHL)
Note
* This datasheet provides information about parts that are
RoHS-compliant and/or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information/tables in this datasheet for details.
FEATURES
• High temperature silicon coating
• Complete welded construction
• Available in non-inductive styles (model NHL)
with Ayrton-Perry winding
• Tight tolerance of 5 % for values above 1 W
• Excellent stability in operation (< 3 % change in
resistance)
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
Available
Available
Available
Available
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HISTORICAL
MODEL
POWER RATING
P25 °C W
RESISTANCE RANGE
RESISTANCE RANGE
WEIGHT (typical)
g
± 5 %
± 10 %
HL011
NHL011
HL-11
NHL-11
11
1.0 to 70K
1.0 to 4.7K
0.10 to 70K
1.0 to 4.7K
10.50
HL012
NHL012
HL-12
NHL-12
12
1.0 to 58K
1.0 to 3.9K
0.10 to 58K
1.0 to 3.9K
6.69
HL015
NHL015
HL-15
NHL-15
15
1.0 to 60K
1.0 to 4.3K
0.10 to 60K
1.0 to 4.3K
8.64
HL020
NHL020
HL-20
NHL-20
20
1.0 to 95K
1.0 to 6.8K
0.10 to 95K
1.0 to 6.8K
12.57
HL025
NHL025
HL-25
NHL-25
25
1.0 to 115K
1.0 to 8.8K
0.10 to 115K
1.0 to 8.8K
20.72
HL026
NHL026
HL-26
NHL-26
26
1.0 to 170K
1.0 to 11.8K
0.10 to 170K
1.0 to 11.8K
15.34
HL050
NHL050
HL-50
NHL-50
50
1.0 to 112K
1.0 to 21.5K
0.10 to 112K
1.0 to 21.5K
42.08
HL051
NHL051
HL-51
NHL-51
51
1.0 to 124K
1.0 to 22.9K
0.10 to 124K
1.0 to 22.9K
51.96
HL060
NHL060
HL-60
NHL-60
60
1.0 to 145K
1.0 to 27.2K
0.10 to 145K
1.0 to 27.2K
65.64
HL065
NHL065
HL-65
NHL-65
65
1.0 to 170K
1.0 to 31.4K
0.10 to 170K
1.0 to 31.4K
64.82
HL080
NHL080
HL-80
NHL-80
80
1.0 to 190K
1.0 to 38.3K
0.10 to 190K
1.0 to 38.3K
121.58
HL100
NHL100
HL-100
NHL-100
100
1.0 to 260K
1.0 to 48.5K
0.10 to 260K
1.0 to 48.5K
91.37
HL120
NHL120
HL-120
NHL-120
120
1.0 to 330K
1.0 to 64.1K
0.10 to 330K
1.0 to 64.1K
183.82
HL130
NHL130
HL-130
NHL-130
130
1.0 to 380K
1.0 to 70.2K
0.10 to 380K
1.0 to 70.2K
192.36
HL160
NHL160
HL-160
NHL-160
160
1.0 to 470K
1.0 to 105K
0.10 to 470K
1.0 to 105K
245.86
HL175
NHL175
HL-175
NHL-175
175
1.0 to 500K
1.0 to 112K
0.10 to 500K
1.0 to 112K
250.80
HL225
NHL225
HL-225
NHL-225
225
1.0 to 645K
1.0 to 121K
0.10 to 645K
1.0 to 121K
309.97
GLOBAL PART NUMBER INFORMATION
Global Part Numbering example: NHL10006Z10R00JJ
GLOBAL
MODEL
TERMINAL
DESIGNATION
TERMINAL
FINISH
RESISTANCE
VALUE
TOLERANCE
PACKAGING CODE
SPECIAL
NHL100
(See “Standard Electrical
Specifications”
table above for
additional P/N’s)
02
05
06
07
14
15
E = Lead
(Pb)-free
Z = Tin/lead
N = Nickel
R = Decimal
K = Thousand
10R00 = 10.0
1K000 = 1 k
J = ± 5.0 %
K = ± 10.0 %
E = Lead (Pb)-free skin pack
J (1) = Skin pack (J01)
(Dash
Number)
(Up to
2 digits)
From 1 to 99
as applicable
Note
(1) Tin/lead for type “Z”, lead (Pb)-free for type “N”
Historical Part Numbering example: NHL-100-06Z 10
 5 % J01
NHL-100
06Z
10
5 %
J01
HISTORICAL MODEL
TERMINAL/FINISH
RESISTANCE VALUE
TOLERANCE
PACKAGING
H
L
1
0006
Z
1
0
R
00J
J
N


Similar Part No. - HL015

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
HL01R CANDD-HL01R Datasheet
49Kb / 4P
   1 WATT REGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HL01R MURATA-PS-HL01R Datasheet
95Kb / 4P
   1 WATT REGULATED DC/DC CONVERTER
logo
C&D Technologies
HL01R05D05 CANDD-HL01R05D05 Datasheet
49Kb / 4P
   1 WATT REGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HL01R05D05 MURATA-PS-HL01R05D05 Datasheet
95Kb / 4P
   1 WATT REGULATED DC/DC CONVERTER
logo
C&D Technologies
HL01R05D12 CANDD-HL01R05D12 Datasheet
49Kb / 4P
   1 WATT REGULATED DC/DC CONVERTER
More results

Similar Description - HL015

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NHL VISHAY-NHL Datasheet
127Kb / 4P
   Wirewound Resistors, Industrial Power, Tubular (HL), Non-Inductive Tubular (NHL)
Revision: 26-Feb-16
RBEA VISHAY-RBEA Datasheet
105Kb / 5P
   Wirewound Resistors, Industrial Power, Tubular, Tubular,
logo
Riedon Powertron
TSC-5 RIEDON-TSC-5_13 Datasheet
161Kb / 2P
   Tubular Power Wirewound Resistors
logo
Willow Technologies Ltd
TSC-5 WILLOW-TSC-5 Datasheet
361Kb / 2P
   Tubular Power Wirewound Resistors
logo
Riedon Powertron
TSC-5 RIEDON-TSC-5 Datasheet
289Kb / 2P
   Tubular Power Wirewound Resistors
TVC-5 RIEDON-TVC-5 Datasheet
161Kb / 2P
   Vitreous Tubular Power Wirewound Resistors
logo
Vishay Siliconix
MCR VISHAY-MCR Datasheet
167Kb / 4P
   Wirewound Resistors, Industrial Power, Tubular, Metal Case, MCRL
AST VISHAY-AST Datasheet
118Kb / 6P
   Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Tubular
FVE VISHAY-FVE Datasheet
195Kb / 5P
   Wirewound Resistors, Industrial Power, Vitreous Coated, Fixed Edgewound Tubular
Revision: 03-Jun-16
OVSA VISHAY-OVSA Datasheet
112Kb / 3P
   Wirewound Resistors, Industrial Power, Tubular, Flat, Oval, Adjustable, OVSA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com