Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-6305-L0021 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-6305-L0021
Description  Subminiature fl at top package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-6305-L0021 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-6305-L0021 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-6305-L0021 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-6305-L0021 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-6305-L0021 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-6305-L0021 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-6305-L0021 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-6305-L0021 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-6305-L0021 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-6305-L0021 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Absolute Maximum Ratings at TA = 25°C
DH AS
High
Standard
AlGaAs
Eff.
High Perf.
Emerald
Parameter
Red
Red
Red
Orange
Yellow
Green
Green
Units
DC Forward Current[1]
50
30
30
30
20
30
30
mA
Peak Forward Current[2]
1000
300
90
90
60
90
90
mA
DC Forward Voltage
6
6
6
6
V
(Resistor Lamps Only)
Reverse Voltage (IR = 100 μA)
5
5
5
5
5
5
5
V
Transient Forward Current[3]
2000
500
500
500
500
500
500
mA
(10 μs Pulse)
Operating Temperature Range:
Non-Resistor Lamps
-55 to +100
-40 to +100
55 to +100
-40 to +100
-20 to +100
°C
Resistor Lamps
-40 to +85
-20 to +85
Storage Temperature Range
-55 to +100
°C
For Thru Hole Devices
260°C for 5 seconds
Wave Soldering Temperature
[1.6 mm (0.063 in.) from body]
For Surface Mount Devices:
260°C for 20 seconds
Reflow Soldering Temperature
Notes:
1. See Figure 5 for current derating vs. ambient temperature. Derating is not applicable to resistor lamps.
2. Refer to Figure 6 showing Max. Tolerable Peak Current vs. Pulse Duration to establish pulsed operating conditions.
3. The transient peak current is the maximum non-recurring peak current the device can withstand without failure. Do not operate these lamps at
this high current.


Similar Part No. - HLMP-6305-L0021

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-6305-L0000 HP-HLMP-6305-L0000 Datasheet
152Kb / 16P
   Subminiature LED Lamps
HLMP-6305-L00XX HP-HLMP-6305-L00XX Datasheet
152Kb / 16P
   Subminiature LED Lamps
More results

Similar Description - HLMP-6305-L0021

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-7040 AVAGO-HLMP-7040 Datasheet
240Kb / 16P
   Subminiature fl at top package
HLMP-6505-L001L AVAGO-HLMP-6505-L001L Datasheet
240Kb / 16P
   Subminiature fl at top package ideal for backlighting and light piping applications
logo
Sharp Corporation
PC410S0NIP0F SHARP-PC410S0NIP0F Datasheet
239Kb / 15P
   High Speed 10Mb/s, High CMR Mini-fl at Package OPIC Photocoupler
PC457S0NIP0F SHARP-PC457S0NIP0F Datasheet
225Kb / 13P
   High Speed 1Mb/s, High CMR Mini-fl at Package OPIC Photo-coupler
logo
Hamamatsu Corporation
S2829 HAMAMATSU-S2829 Datasheet
83Kb / 2P
   Phototransistor Subminiature package phototransistor
logo
Sharp Corporation
PC4D10SNIP0F SHARP-PC4D10SNIP0F Datasheet
228Kb / 12P
   High Speed 10Mb/s, High CMR Mini-fl at 2-channel Package OPIC Photocoupler
PC4D10SYIP0F SHARP-PC4D10SYIP0F Datasheet
228Kb / 12P
   High Speed 10Mb/s, High CMR Mini-fl at 2-channel Package OPIC Photocoupler
logo
Hamamatsu Corporation
A8406 HAMAMATSU-A8406_15 Datasheet
200Kb / 4P
   Frame grabber cables for fl at panel sensor
logo
Everlight Electronics C...
67-21SUGC-S400-A4-TR10 EVERLIGHT-67-21SUGC-S400-A4-TR10 Datasheet
188Kb / 9P
   Reverse Package Top LEDs
67-21-T3C-EU1V2M-2A0 EVERLIGHT-67-21-T3C-EU1V2M-2A0 Datasheet
161Kb / 12P
   Reverse Package Top View LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com