Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC1002 Datasheet(PDF) 8 Page - Honeywell Accelerometers

Part # HMC1002
Description  1- and 2-Axis Magnetic Sensors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

HMC1002 Datasheet(HTML) 8 Page - Honeywell Accelerometers

Back Button HMC1002 Datasheet HTML 4Page - Honeywell Accelerometers HMC1002 Datasheet HTML 5Page - Honeywell Accelerometers HMC1002 Datasheet HTML 6Page - Honeywell Accelerometers HMC1002 Datasheet HTML 7Page - Honeywell Accelerometers HMC1002 Datasheet HTML 8Page - Honeywell Accelerometers HMC1002 Datasheet HTML 9Page - Honeywell Accelerometers HMC1002 Datasheet HTML 10Page - Honeywell Accelerometers HMC1002 Datasheet HTML 11Page - Honeywell Accelerometers HMC1002 Datasheet HTML 12Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
HMC1001/1002/1021/1022
8
www.honeywell.com
SET/RESET STRAP OPERATION
The reasons to perform a set or reset on an AMR sensor are: 1) To recover from a strong external magnetic field that
likely has re-magnetized the sensor, 2) to optimize the magnetic domains for most sensitive performance, and 3) to flip
the domains for extraction of bridge offset under changing temperature conditions.
Strong external magnetic fields that exceed a 10 to 20 gauss “disturbing field” limit, can come from a variety of sources.
The most common types of strong field sources come from permanent magnets such as speaker magnets, nearby high-
current conductors such as welding cables and power feeder cables, and by magnetic coils in electronic equipment such
as CRT monitors and power transformers. Magnets exhibit pole face strengths in hundreds to thousands of gauss. These
high intensity magnetic field sources do not permanently damage the sensor elements, but the elements will be disturbed
to the exposed fields rather than the required easy axis directions. The result of this re-magnetization of the sensor
elements, the sensor will lack sensitivity or indicate a “stuck” sensor output. Using the set and reset pulses will
magnetically “restore” the sensor.
AMR sensors are also ferromagnetic devices with a crystalline structure. This same thin film structure that makes the
sensor sensitive to external magnetic fields also has the downside that changing magnetic field directions and thermal
energy over time will increase the self-noise of the sensor elements. This noise, while very small, does impair the
accurate measurement of sub-milligauss field strengths or changes in field strength in microgauss increments. By
employing frequent set and reset fields on the sensor, the self-noise will be to its lowest possible level.
As the sensor element temperature changes, either due to self-heating or external environments, each element’s
resistance will change in proportion to the temperature. One way to eliminate the bridge offset voltage is to make stable
magnetic field measurements of the bridge output voltage in between each set and reset field application. Since the
external field components of the bridge output voltage will flip polarity, the set and reset bridge output voltages can be
subtracted and the result divided by two to calculate the bridge offset. See application note AN212 for the details on
bridge offset voltage computation and correction.
SET/RESET DRIVE CIRCUITS
The above description explained that providing pulses of electrical current creates the needed magnetic fields to realign
the magnetic domains of the sensor resistive elements. Also the rationale for performing these set and reset pulses has
been justified. The following paragraphs shall show when and how to apply these pulsed currents, and circuits to
implement them. Figure 2 shows a simplistic schematic of a set/reset circuit.
These set and reset pulses are shown in Figure 2 as dampened exponential pulse waveforms because the most popular
method of generating these relatively high current, short duration pulses is via a capacitive “charge and dump” type of
circuit. Most electronics, especially in consumer battery powered devices, do not have the capability to supply these high
current pulses from their existing power supply sources. Thus “Vsr” is actually a charged up capacitor that is suddenly
switched across the set/reset strap. The value of this capacitor is usually a couple hundred nano-Farads (
ηF) to a few
micro-Farads (
µF) depending on the strap resistance to be driven. The decay of the exponential waveform will mostly be
governed by a time constant (
τ or Tau) that is the capacitance in farads multiplied by the resistance, and is measured in
seconds.
Figure 2 – A Simple Set/Reset Circuit
1
Vsr
Rsr
5
Iset
Ireset
Strap
Resistance
Set/Reset
Pulse Source
S/R+
S/R-
τ = R*C = ~2µsec
1
Vsr
Rsr
5
Iset
Ireset
Strap
Resistance
Set/Reset
Pulse Source
S/R+
S/R-
τ = R*C = ~2µsec


Similar Part No. - HMC1002

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HMC1002 HONEYWELL-HMC1002 Datasheet
628Kb / 15P
   1- and 2-Axis Magnetic Sensors
logo
Honeywell Accelerometer...
HMC1002 HONEYWELL-ACC-HMC1002 Datasheet
1Mb / 15P
   1- and 2-Axis Magnetic Sensors
HMC1002-TR HONEYWELL-ACC-HMC1002-TR Datasheet
1Mb / 15P
   1- and 2-Axis Magnetic Sensors
More results

Similar Description - HMC1002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMC1051 ETC-HMC1051 Datasheet
330Kb / 8P
   1 AND 2-AXIS MAGNETIC SENSORS
logo
Honeywell Solid State E...
HMC1001 HONEYWELL-HMC1001 Datasheet
628Kb / 15P
   1- and 2-Axis Magnetic Sensors
logo
Honeywell Accelerometer...
HMC1021Z-RC HONEYWELL-ACC-HMC1021Z-RC Datasheet
1Mb / 15P
   1- and 2-Axis Magnetic Sensors
HMC1052L-TR HONEYWELL-ACC-HMC1052L-TR Datasheet
662Kb / 11P
   1, 2 and 3 Axis Magnetic Sensors
logo
Honeywell Solid State E...
HMC105X HONEYWELL-HMC105X Datasheet
895Kb / 12P
   1, 2 AND 3-AXIS MAGNETIC SENSORS
HMC1051 HONEYWELL-HMC1051_06 Datasheet
687Kb / 12P
   1, 2 and 3 Axis Magnetic Sensors
logo
List of Unclassifed Man...
HMC1052 ETC-HMC1052 Datasheet
698Kb / 4P
   Two-Axis Magnetic Sensors
HMC1041Z ETC-HMC1041Z Datasheet
248Kb / 6P
   1-Axis Magnetic Sensor
logo
Honeywell Solid State E...
HMC1042L HONEYWELL-HMC1042L Datasheet
409Kb / 6P
   2-Axis Magnetic Sensor
logo
List of Unclassifed Man...
HMC1052L ETC-HMC1052L Datasheet
151Kb / 1P
   2-AXIS MAGNETIC SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com