Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDS2516APTA-7ATI Datasheet(PDF) 7 Page - Elpida Memory

Part # EDS2516APTA-7ATI
Description  256M bits SDRAM WTR (Wide Temperature Range)
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS2516APTA-7ATI Datasheet(HTML) 7 Page - Elpida Memory

Back Button EDS2516APTA-7ATI Datasheet HTML 3Page - Elpida Memory EDS2516APTA-7ATI Datasheet HTML 4Page - Elpida Memory EDS2516APTA-7ATI Datasheet HTML 5Page - Elpida Memory EDS2516APTA-7ATI Datasheet HTML 6Page - Elpida Memory EDS2516APTA-7ATI Datasheet HTML 7Page - Elpida Memory EDS2516APTA-7ATI Datasheet HTML 8Page - Elpida Memory EDS2516APTA-7ATI Datasheet HTML 9Page - Elpida Memory EDS2516APTA-7ATI Datasheet HTML 10Page - Elpida Memory EDS2516APTA-7ATI Datasheet HTML 11Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
EDS2504APTA/08APTA/16APTA-TI
Preliminary Data Sheet E0248E10 (Ver. 1.0)
7
Test Conditions
• Input and output timing reference levels: 1.4V
• Input waveform and output load: See following figures
tT
2.4 V
0.4 V
0.8 V
2.0 V
input
tT
I/O
CL
Output load
Relationship Between Frequency and Minimum Latency
Parameter
-7A
-75
Frequency (MHz)
133
tCK (ns)
Symbol
7.5
7.5
Notes
Active command to column command
(same bank)
lRCD
2
3
1
Active command to active command
(same bank)
lRC
8
9
1
Active command to precharge command
(same bank)
lRAS
6
6
1
Precharge command to active command
(same bank)
lRP
2
3
1
Write recovery or data-in to precharge
command (same bank)
lDPL
2
2
1
Active command to active command
(different bank)
lRRD
2
2
1
Self refresh exit time
lSREX
1
1
2
Last data in to active command
(Auto precharge, same bank)
lDAL
4
5
= [lDPL + lRP]
Self refresh exit to command input
lSEC
8
9
= [lRC]
3
Precharge command to high impedance
(CL = 2)
lHZP
2
2
(CL = 3)
lHZP
3
3
Last data out to active command
(auto precharge) (same bank)
lAPR
1
1
Last data out to precharge (early precharge)
(CL = 2)
lEP
–1
–1
(CL = 3)
lEP
–2
–2
Column command to column command
lCCD
1
1
Write command to data in latency
lWCD
0
0
DQM to data in
lDID
0
0
DQM to data out
lDOD
2
2
CKE to CLK disable
lCLE
1
1
Register set to active command
lMRD
2
2
/CS to command disable
lCDD
0
0
Power down exit to command input
lPEC
1
1
Notes: 1.IRCD to IRRD are recommended value.
2. Be valid [DESL] or [NOP] at next command of self refresh exit.
3. Except [DESL] and [NOP]


Similar Part No. - EDS2516APTA-7ATI

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS2516APTA-7A ELPIDA-EDS2516APTA-7A Datasheet
559Kb / 51P
   256M bits SDRAM
EDS2516APTA-7A ELPIDA-EDS2516APTA-7A Datasheet
656Kb / 53P
   256M bits SDRAM
EDS2516APTA-7A-E ELPIDA-EDS2516APTA-7A-E Datasheet
656Kb / 53P
   256M bits SDRAM
EDS2516APTA-7AL ELPIDA-EDS2516APTA-7AL Datasheet
559Kb / 51P
   256M bits SDRAM
EDS2516APTA-7AL ELPIDA-EDS2516APTA-7AL Datasheet
656Kb / 53P
   256M bits SDRAM
More results

Similar Description - EDS2516APTA-7ATI

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS2532EEBH-9ATT ELPIDA-EDS2532EEBH-9ATT Datasheet
747Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2532EEBH-75TT ELPIDA-EDS2532EEBH-75TT Datasheet
740Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2516EEBH-TT ELPIDA-EDS2516EEBH-TT Datasheet
676Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2516APTA-TI-E ELPIDA-EDS2516APTA-TI-E Datasheet
720Kb / 52P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2532JEBH-75TT ELPIDA-EDS2532JEBH-75TT Datasheet
740Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDS2532EGBH-TT ELPIDA-EDS2532EGBH-TT Datasheet
744Kb / 50P
   256M bits SDRAM WTR (Wide Temperature Range)
EDD2516AKTA-TI ELPIDA-EDD2516AKTA-TI Datasheet
502Kb / 49P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
EDD2508AKTA-LI ELPIDA-EDD2508AKTA-LI Datasheet
505Kb / 49P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
EDD2516AKTA-5CLI ELPIDA-EDD2516AKTA-5CLI Datasheet
501Kb / 48P
   256M bits DDR SDRAM WTR (Wide Temperature Range)
EDS6432AFTA-TI ELPIDA-EDS6432AFTA-TI Datasheet
707Kb / 49P
   64M bits SDRAM WTR (Wide Temperature Range)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com