Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDS2516APSA-7AL Datasheet(PDF) 11 Page - Elpida Memory

Part # EDS2516APSA-7AL
Description  256M bits SDRAM
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS2516APSA-7AL Datasheet(HTML) 11 Page - Elpida Memory

Back Button EDS2516APSA-7AL Datasheet HTML 7Page - Elpida Memory EDS2516APSA-7AL Datasheet HTML 8Page - Elpida Memory EDS2516APSA-7AL Datasheet HTML 9Page - Elpida Memory EDS2516APSA-7AL Datasheet HTML 10Page - Elpida Memory EDS2516APSA-7AL Datasheet HTML 11Page - Elpida Memory EDS2516APSA-7AL Datasheet HTML 12Page - Elpida Memory EDS2516APSA-7AL Datasheet HTML 13Page - Elpida Memory EDS2516APSA-7AL Datasheet HTML 14Page - Elpida Memory EDS2516APSA-7AL Datasheet HTML 15Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
EDS2508APSA, EDS2516APSA
Data Sheet E0228E30 (Ver. 3.0)
11
[Output High Current (IOH)]
IOH
IOH
VOUT (V)
min. (mA)
max. (mA)
3.45
–3
3.3
–28
3
0
–75
2.6
–21
–130
2.4
–34
–154
2
–59
–197
1.8
–67
–227
1.65
–73
–248
1.5
–78
–270
1.4
–81
–285
1
–89
–345
0
–93
–503
VOUT(V)
0
–100
–200
–300
–500
–600
–400
0.5
1
1.5
2
2.5
3
min.
max.
3.5
0
Output High Current (IOH)


Similar Part No. - EDS2516APSA-7AL

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS2516APTA ELPIDA-EDS2516APTA Datasheet
559Kb / 51P
   256M bits SDRAM
EDS2516APTA ELPIDA-EDS2516APTA Datasheet
656Kb / 53P
   256M bits SDRAM
EDS2516APTA-60 ELPIDA-EDS2516APTA-60 Datasheet
656Kb / 53P
   256M bits SDRAM
EDS2516APTA-60-E ELPIDA-EDS2516APTA-60-E Datasheet
656Kb / 53P
   256M bits SDRAM
EDS2516APTA-60L ELPIDA-EDS2516APTA-60L Datasheet
656Kb / 53P
   256M bits SDRAM
More results

Similar Description - EDS2516APSA-7AL

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS2532CASG ELPIDA-EDS2532CASG Datasheet
649Kb / 48P
   256M bits SDRAM
EDS2508AFTA-7A ELPIDA-EDS2508AFTA-7A Datasheet
740Kb / 50P
   256M bits SDRAM
EDS2504ACTA ELPIDA-EDS2504ACTA Datasheet
559Kb / 51P
   256M bits SDRAM
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
   256M bits DDR SDRAM 256M bits DDR SDRAM
EDS2516AFTA ELPIDA-EDS2516AFTA Datasheet
613Kb / 50P
   256M bits SDRAM
EDS2532AABH-1AR2 ELPIDA-EDS2532AABH-1AR2 Datasheet
613Kb / 48P
   256M bits SDRAM
EDS2532JEBH-6B ELPIDA-EDS2532JEBH-6B Datasheet
641Kb / 50P
   256M bits SDRAM
EDS2508ADTA ELPIDA-EDS2508ADTA Datasheet
724Kb / 50P
   256M bits SDRAM
EDS2732CABJ ELPIDA-EDS2732CABJ Datasheet
642Kb / 48P
   256M bits SDRAM
EDS2532EESL-75 ELPIDA-EDS2532EESL-75 Datasheet
753Kb / 50P
   256M bits SDRAM
EDS2516APTA ELPIDA-EDS2516APTA Datasheet
656Kb / 53P
   256M bits SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com