Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDS5108ABTA-7A Datasheet(PDF) 5 Page - Elpida Memory

Part # EDS5108ABTA-7A
Description  512M bits SDRAM
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EDS5108ABTA-7A Datasheet(HTML) 5 Page - Elpida Memory

  EDS5108ABTA-7A Datasheet HTML 1Page - Elpida Memory EDS5108ABTA-7A Datasheet HTML 2Page - Elpida Memory EDS5108ABTA-7A Datasheet HTML 3Page - Elpida Memory EDS5108ABTA-7A Datasheet HTML 4Page - Elpida Memory EDS5108ABTA-7A Datasheet HTML 5Page - Elpida Memory EDS5108ABTA-7A Datasheet HTML 6Page - Elpida Memory EDS5108ABTA-7A Datasheet HTML 7Page - Elpida Memory EDS5108ABTA-7A Datasheet HTML 8Page - Elpida Memory EDS5108ABTA-7A Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
EDS5104ABTA, EDS5108ABTA, EDS5116ABTA
Preliminary Data Sheet E0250E10 (Ver. 1.0)
5
DC Characteristics 1 (TA = 0 to +70
°°°°C, VDD, VDDQ = 3.3V ± 0.3V, VSS, VSSQ = 0V)
Parameter
max.
/CAS latency
Symbol
Grade
× 4
× 8
× 16
Unit
Test condition
Notes
Operating current
ICC1
-6B,-7A
-75
160
140
165
145
175
155
mA
Burst length = 1
tRC = tRC (min.)
1, 2, 3
Standby current in power
down
ICC2P
3
3
3
mA
CKE = VIL,
tCK = tCK (min.)
6
Standby current in power
down (input signal stable)
ICC2PS
2
2
2
mA
CKE = VIL, tCK =
7
Standby current in non
power down
ICC2N
-6B
-7A, -75
30
25
30
25
30
25
mA
CKE, /CS = VIH,
tCK = tCK (min.)
4
Standby current in non
power down (input signal
stable)
ICC2NS
9
9
9
mA
CKE = VIH, tCK =
∞,
/CS = VIH
8
Active standby current in
power down
ICC3P
4
4
4
mA
CKE = VIL,
tCK = tCK (min.)
1, 2, 6
Active standby current in
power down (input signal
stable)
ICC3PS
3
3
3
mA
CKE = VIL, tCK =
2, 7
Active standby current in
non power down
ICC3N
-6B
-7A, -75
45
40
45
40
45
40
mA
CKE, /CS = VIH,
tCK = tCK (min.)
1, 2, 4
Active standby current in
non power down (input
signal stable)
ICC3NS
20
20
20
mA
CKE = VIH, tCK =
∞,
/CS = VIH
2, 8
Burst operating current
ICC4
-6B
-7A, -75
160
130
170
140
190
160
mA
tCK = tCK (min.), BL = 4 1, 2, 5
Refresh current
ICC5
-6B,-7A
-75
320
280
320
280
320
280
mA
tRC = tRC (min.)
3
Self refresh current
ICC6
4
4
4
mA
VIH ≥ VDD – 0.2V
VIL ≤ 0.2V
Notes: 1. ICC depends on output load condition when the device is selected. ICC (max.) is specified at the output
open condition.
2. One bank operation.
3. Input signals are changed once per one clock.
4. Input signals are changed once per two clocks.
5. Input signals are changed once per four clocks.
6. After power down mode, CLK operating current.
7. After power down mode, no CLK operating current.
8. Input signals are VIH or VIL fixed.
DC Characteristics 2 (TA = 0 to +70
°°°°C, VDD, VDDQ = 3.3V ± 0.3V, VSS, VSSQ = 0V)
Parameter
Symbol
min.
max.
Unit
Test condition
Notes
Input leakage current
ILI
–1
1
µA
0 ≤ VIN ≤ VDD
Output leakage current
ILO
–1.5
1.5
µA
0 ≤ VOUT ≤ VDD, DQ = disable
Output high voltage
VOH
2.4
V
IOH = –4 mA
Output low voltage
VOL
0.4
V
IOL = 4 mA


Similar Part No. - EDS5108ABTA-7A

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDS51321DBH-6DTS-F ELPIDA-EDS51321DBH-6DTS-F Datasheet
755Kb / 51P
   512M bits Mobile RAM??WTR (Wide Temperature Range)
EDS51321DBH-7BTS-F ELPIDA-EDS51321DBH-7BTS-F Datasheet
755Kb / 51P
   512M bits Mobile RAM??WTR (Wide Temperature Range)
EDS51321DBH-TS ELPIDA-EDS51321DBH-TS Datasheet
755Kb / 51P
   512M bits Mobile RAM??WTR (Wide Temperature Range)
More results

Similar Description - EDS5108ABTA-7A

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDD5104ADTA ELPIDA-EDD5104ADTA Datasheet
469Kb / 49P
   512M bits DDR SDRAM
EDD5108AFTA-5 ELPIDA-EDD5108AFTA-5 Datasheet
558Kb / 48P
   512M bits DDR SDRAM
EDE5108AJBG ELPIDA-EDE5108AJBG Datasheet
620Kb / 77P
   512M bits DDR2 SDRAM
EDE5104AJSE ELPIDA-EDE5104AJSE Datasheet
754Kb / 77P
   512M bits DDR2 SDRAM
EDD5108AGTA-4 ELPIDA-EDD5108AGTA-4 Datasheet
495Kb / 50P
   512M bits DDR SDRAM
EDE5108AHBG ELPIDA-EDE5108AHBG Datasheet
788Kb / 75P
   512M bits DDR2 SDRAM
EDE5104AGSE ELPIDA-EDE5104AGSE_1 Datasheet
592Kb / 74P
   512M bits DDR2 SDRAM
EDJ5304BASE ELPIDA-EDJ5304BASE Datasheet
1Mb / 130P
   512M bits DDR3 SDRAM
EDD51321CBH ELPIDA-EDD51321CBH Datasheet
601Kb / 55P
   512M bits DDR SDRAM
EDE5108AESK ELPIDA-EDE5108AESK Datasheet
680Kb / 65P
   512M bits DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com