Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-391G Datasheet(PDF) 3 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # C-391G
Description  0.39 INCH SINGLE DIGIT DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

C-391G Datasheet(HTML) 3 Page - PARA LIGHT ELECTRONICS CO., LTD.

  C-391G Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. C-391G Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. C-391G Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. C-391G Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. C-391G Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. C-391G Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. C-391G Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. C-391G Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. C-391G Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
0.39
INCH
SINGLE
DIGIT
DISPLAY
C-391G B/W
REV:A / 0
FEATURES
Û
9.95mm (0.39 inch ) DIGIT HEIGHT
Û
COMMON CATHODE
Û
I.C. COMPATIBLE
Û
LOW POWER CONSUMPTION
Û
Pb FREE PRODUCTS
Û
BLACK FACE, WHITE SEGMENTS
Raw Material : GaP/GaP
ABSOLUTE MAXIMUM RATING : ( Ta = 25℃
)
SYMBOL
PARAMETER
YELLOW GREEN
UNIT
PD
Power Dissipation Per Segment
75
mW
VR
Reverse Voltage Per Segment
5
V
IAF
Continuous Forward Current Per Segment
25
mA
IPF
Peak Forward Current Per Segment
(1/10 Duty Cycle,0.1ms Pulse Width)
100
mA
Derating Linear From 25℃ Per Segment
0.33
mA/℃
Topr
Operating Temperature Range
-35℃ to 85℃
Tstg
Storage Temperature Range
-35℃ to 85℃
ELECTRO-OPTICAL CHARACTERISTICS : ( Ta = 25℃
)
SYMBOL
PARAMETER
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
VF
Forward Voltage , Per Segment
IF = 20mA
2.2
2.8
V
IR
Reverse Current , Per Segment
VR = 5V
100
μA
λP
Peak Emission Wavelength
IF = 20mA
568
nm
λD
Dominant Wavelength
IF = 20mA
570
nm
Δλ
Spectral Line Half-Width
IF = 20mA
30
nm
IV
Luminous Intensity Per Segment
IF = 10mA
0.72
1.8
mcd
DRAWING NO. : DS-11-12-0204G
DATE : 2012-10-15
Page : 3
Release
by
PARALIGHTDCC


Similar Part No. - C-391G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-391G ETC-C-391G Datasheet
95Kb / 1P
   SINGLE DIGIT DISPLAY
More results

Similar Description - C-391G

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSS-392B7 CHINASEMI-CSS-392B7 Datasheet
185Kb / 6P
   0.39 Inch Single Digit Display
CSS-392E CHINASEMI-CSS-392E Datasheet
192Kb / 6P
   0.39 Inch Single Digit Display
CSS-392G CHINASEMI-CSS-392G Datasheet
192Kb / 6P
   0.39 Inch Single Digit Display
CSS-392A9 CHINASEMI-CSS-392A9 Datasheet
188Kb / 6P
   0.39 Inch Single Digit Display
CSS-392M9 CHINASEMI-CSS-392M9 Datasheet
192Kb / 6P
   0.39 Inch Single Digit Display
CSS-392S CHINASEMI-CSS-392S Datasheet
189Kb / 6P
   0.39 Inch Single Digit Display
CSS-392T9 CHINASEMI-CSS-392T9 Datasheet
190Kb / 6P
   0.39 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
C-391Y PARALIGHT-C-391Y Datasheet
193Kb / 10P
   0.39 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-392V9 CHINASEMI-CSS-392V9 Datasheet
185Kb / 6P
   0.39 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
C-391SR PARALIGHT-C-391SR Datasheet
272Kb / 12P
   0.39 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com