Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB52RD649DC-B Datasheet(PDF) 9 Page - Elpida Memory

Part # HB52RD649DC-B
Description  512MB Unbuffered SDRAM S.O.DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HB52RD649DC-B Datasheet(HTML) 9 Page - Elpida Memory

Back Button HB52RD649DC-B Datasheet HTML 5Page - Elpida Memory HB52RD649DC-B Datasheet HTML 6Page - Elpida Memory HB52RD649DC-B Datasheet HTML 7Page - Elpida Memory HB52RD649DC-B Datasheet HTML 8Page - Elpida Memory HB52RD649DC-B Datasheet HTML 9Page - Elpida Memory HB52RD649DC-B Datasheet HTML 10Page - Elpida Memory HB52RD649DC-B Datasheet HTML 11Page - Elpida Memory HB52RD649DC-B Datasheet HTML 12Page - Elpida Memory HB52RD649DC-B Datasheet HTML 13Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
HB52RF649DC-B, HB52RD649DC-B
Data Sheet E0223H30 (Ver. 3.0)
9
DC Characteristics 1 (TA = 0 to 65°C, VCC = 3.3V ± 0.3V, VSS = 0V)
Parameter
Symbol
Grade
Max.
Unit
Test conditions
Notes
Operating current
(CL = 2)
ICC1
-75
-A6
1260
1125
mA
Burst length = 1
tRC = min.
1, 2, 3
(CL = 3)
ICC1
-75
-A6
1260
1125
mA
Standby current in power down
ICC2P
54
mA
CKE0 = VIL,
tCK = 12ns
6
Standby current in power down
(input signal stable)
ICC2PS
36
mA
CKE0 = VIL, tCK =
∞ 7
Standby current in non power down
ICC2N
360
mA
CKE0, /S = VIH,
tCK = 12ns
4
Active standby current in power down
ICC3P
72
mA
CKE0, /S = VIH,
tCK = 12ns
1, 2, 6
Active standby current in non power
down
ICC3N
540
mA
CKE0, /S = VIH,
tCK = 12ns
1, 2, 4
Burst operating current
(CL = 2)
ICC4
-75
-A6
1170
1170
mA
tCK = min., BL = 4
1, 2, 5
(CL = 3)
ICC4
-75
-A6
1485
1170
mA
Refresh current
ICC5
2250
mA
tRC = min.
3
Self refresh current
ICC6
54
mA
VIH
≥ VCC – 0.2V
VIL
≤ 0.2V
8
Self refresh current
(L-version)
ICC6
36
mA
Notes: 1. ICC depends on output load condition when the device is selected. ICC (max.) is specified at the output
open condition.
2. One bank operation.
3. Input signals are changed once per one clock.
4. Input signals are changed once per two clocks.
5. Input signals are changed once per four clocks.
6. After power down mode, CK0/CK1 operating current.
7. After power down mode, no CK0/CK1 operating current.
8. After self refresh mode set, self refresh current.
DC Characteristics 2 (TA = 0 to 65°C, VCC = 3.3V ± 0.3V, VSS = 0V)
Parameter
Symbol
Grade
min.
Max.
Unit
Test conditions
Notes
Input leakage current
ILI
–10
10
µA
0
≤ Vin ≤ VCC
Output leakage current
ILO
–10
10
µA
0
≤ Vout ≤ VCC
DQ = disable
Output high voltage
VOH
2.4
V
IOH = –4 mA
Output low voltage
VOL
0.4
V
IOL = 4 mA


Similar Part No. - HB52RD649DC-B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB52RD648DC-B ELPIDA-HB52RD648DC-B Datasheet
160Kb / 20P
   512 MB Unbuffered SDRAM S.O.DIMM 64-Mword 횞 64-bit, 133/100 MHz Memory Bus, 2-Bank Module (16 pcs of 32 M 횞 8 components) PC133/100 SDRAM
More results

Similar Description - HB52RD649DC-B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBS52UC8APSA ELPIDA-EBS52UC8APSA Datasheet
147Kb / 14P
   512MB SDRAM S.O.DIMM
logo
White Electronic Design...
W3DG7267V-D2 WEDC-W3DG7267V-D2 Datasheet
160Kb / 9P
   512MB - 2x32Mx72, SDRAM UNBUFFERED
W3DG7268V-AD1 WEDC-W3DG7268V-AD1 Datasheet
151Kb / 9P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3DG7265V-D2 WEDC-W3DG7265V-D2 Datasheet
102Kb / 5P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3DG6463V-D2 WEDC-W3DG6463V-D2 Datasheet
254Kb / 10P
   512MB - 2x32Mx64 SDRAM UNBUFFERED
W3DG6465V-D2 WEDC-W3DG6465V-D2 Datasheet
79Kb / 6P
   512MB - 64Mx64, SDRAM UNBUFFERED
logo
Elpida Memory
EBD52EC8AJFA ELPIDA-EBD52EC8AJFA Datasheet
197Kb / 19P
   512MB Unbuffered DDR SDRAM
EBS52UC8APFA ELPIDA-EBS52UC8APFA Datasheet
163Kb / 14P
   512MB Unbuffered SDRAM DIMM
logo
White Electronic Design...
W3DG7268V-D1 WEDC-W3DG7268V-D1 Datasheet
177Kb / 10P
   512MB- 64Mx72 SDRAM UNBUFFERED
WED3DG6466V-D1 WEDC-WED3DG6466V-D1 Datasheet
144Kb / 7P
   512MB -64Mx64 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com