Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-421UB-EP-A Datasheet(PDF) 2 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # C-421UB-EP-A
Description  0.4 INCH SINGLE DIGIT DISPLAY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

C-421UB-EP-A Datasheet(HTML) 2 Page - PARA LIGHT ELECTRONICS CO., LTD.

  C-421UB-EP-A Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. C-421UB-EP-A Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. C-421UB-EP-A Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. C-421UB-EP-A Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. C-421UB-EP-A Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. C-421UB-EP-A Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. C-421UB-EP-A Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. C-421UB-EP-A Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. C-421UB-EP-A Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
0.4
INCH
SINGLE
DIGIT
DISPLAY
C-421UB-EP-A B/W
REV:A / 5
PACKAGE DIMENSIONS
NOTES : 1. All dimensions are in millimeters. (inches)
2. Tolerance is
6 0.25(0.01") unless otherwise specified.
3. Pls. contact with us when your production need to be
operated under the Pb free process.
DRAWING NO. : DS-11-07-0007
DATE : 2010-12-10
Page : 2
HD-R/RD013
Release
by
PARALIGHTDCC


Similar Part No. - C-421UB-EP-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-421E ETC1-C-421E Datasheet
94Kb / 1P
   SINGLE DIGIT DISPLAY
logo
PARA LIGHT ELECTRONICS ...
C-421E-A PARALIGHT-C-421E-A Datasheet
198Kb / 10P
   0.4 INCH SINGLE DIGIT DISPLAY
logo
List of Unclassifed Man...
C-421G ETC1-C-421G Datasheet
94Kb / 1P
   SINGLE DIGIT DISPLAY
logo
PARA LIGHT ELECTRONICS ...
C-421G-EP-L4-A PARALIGHT-C-421G-EP-L4-A Datasheet
348Kb / 20P
   0.4 INCH SINGLE DIGIT DISPLAY
logo
List of Unclassifed Man...
C-421H ETC1-C-421H Datasheet
94Kb / 1P
   SINGLE DIGIT DISPLAY
More results

Similar Description - C-421UB-EP-A

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
A-421UB-A PARALIGHT-A-421UB-A Datasheet
195Kb / 10P
   0.4 INCH SINGLE DIGIT DISPLAY
C-421E-A PARALIGHT-C-421E-A Datasheet
198Kb / 10P
   0.4 INCH SINGLE DIGIT DISPLAY
A-421E PARALIGHT-A-421E Datasheet
209Kb / 11P
   0.4 INCH SINGLE DIGIT DISPLAY
C-421G-EP-L4-A PARALIGHT-C-421G-EP-L4-A Datasheet
348Kb / 20P
   0.4 INCH SINGLE DIGIT DISPLAY
C-421SR-EP-L4-A PARALIGHT-C-421SR-EP-L4-A Datasheet
207Kb / 10P
   0.4 INCH SINGLE DIGIT DISPLAY
C-421Y PARALIGHT-C-421Y Datasheet
205Kb / 11P
   0.4 INCH SINGLE DIGIT DISPLAY
A-421G PARALIGHT-A-421G Datasheet
208Kb / 11P
   0.4 INCH SINGLE DIGIT DISPLAY
A-421SR PARALIGHT-A-421SR Datasheet
193Kb / 10P
   0.4 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-S40124A9 CHINASEMI-CSS-S40124A9 Datasheet
240Kb / 7P
   0.4 Inch Single Digit SMD Display
CSS-S40124T9 CHINASEMI-CSS-S40124T9 Datasheet
236Kb / 7P
   0.4 Inch Single Digit SMD Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com