Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB52RF649DC-75BL Datasheet(PDF) 6 Page - Elpida Memory

Part # HB52RF649DC-75BL
Description  512MB Unbuffered SDRAM S.O.DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HB52RF649DC-75BL Datasheet(HTML) 6 Page - Elpida Memory

Back Button HB52RF649DC-75BL Datasheet HTML 2Page - Elpida Memory HB52RF649DC-75BL Datasheet HTML 3Page - Elpida Memory HB52RF649DC-75BL Datasheet HTML 4Page - Elpida Memory HB52RF649DC-75BL Datasheet HTML 5Page - Elpida Memory HB52RF649DC-75BL Datasheet HTML 6Page - Elpida Memory HB52RF649DC-75BL Datasheet HTML 7Page - Elpida Memory HB52RF649DC-75BL Datasheet HTML 8Page - Elpida Memory HB52RF649DC-75BL Datasheet HTML 9Page - Elpida Memory HB52RF649DC-75BL Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
HB52RF649DC-B, HB52RD649DC-B
Data Sheet E0223H30 (Ver. 3.0)
6
Byte No.
Function described
Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 Hex value
Comments
85
Manufacturer’s part number
(-75)
0
0
1
1
0
1
1
1
37
7
(-A6)
0
1
0
0
0
0
0
1
41
A
86
Manufacturer’s part number
(-75)
0
0
1
1
0
1
0
1
35
5
(-A6)
0
0
1
1
0
1
1
0
36
6
87
Manufacturer’s part number
0
1
0
0
0
0
1
0
42
B
88
Manufacturer’s part number
(-xxB)
0
0
1
0
0
0
0
0
20
(Space)
(-xxBL)
0
1
0
0
1
1
0
0
4C
L
89
Manufacturer’s part number
0
0
1
0
0
0
0
0
20
(Space)
90
Manufacturer’s part number
0
0
1
0
0
0
0
0
20
(Space)
91
Revision code
0
0
1
1
0
0
0
0
30
Initial
92
Revision code
0
0
1
0
0
0
0
0
20
(Space)
93
Manufacturing date
×
×
×
×
×
×
×
×
××
Year code (BCD)
94
Manufacturing date
×
×
×
×
×
×
×
×
××
Week code (BCD)
95 to 98
Assembly serial number
*
3
99 to 125
Manufacturer specific data
*
4
126
Intel specification frequency
0
1
1
0
0
1
0
0
64
100MHz
127
Intel specification /CE# latency
support
1
1
0
0
1
1
1
1
CF
CL = 2, 3
Notes: 1. All serial PD data are not protected. 0: Serial data, “driven Low”, 1: Serial data, “driven High”. These
SPD are based on Rev.1.2B specification.
2. Byte72 is manufacturing location code. (ex: In case of Japan, byte72 is 4AH. 4AH shows “J” on ASCII
code.)
3. Bytes 95 through 98 are assembly serial number.
4. All bits of 99 through 125 are not defined (“1” or “0”).


Similar Part No. - HB52RF649DC-75BL

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB52RF649E1U-75B ELPIDA-HB52RF649E1U-75B Datasheet
157Kb / 20P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 133 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC133 SDRAM
More results

Similar Description - HB52RF649DC-75BL

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBS52UC8APSA ELPIDA-EBS52UC8APSA Datasheet
147Kb / 14P
   512MB SDRAM S.O.DIMM
logo
White Electronic Design...
W3DG7267V-D2 WEDC-W3DG7267V-D2 Datasheet
160Kb / 9P
   512MB - 2x32Mx72, SDRAM UNBUFFERED
W3DG7268V-AD1 WEDC-W3DG7268V-AD1 Datasheet
151Kb / 9P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3DG7265V-D2 WEDC-W3DG7265V-D2 Datasheet
102Kb / 5P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3DG6463V-D2 WEDC-W3DG6463V-D2 Datasheet
254Kb / 10P
   512MB - 2x32Mx64 SDRAM UNBUFFERED
W3DG6465V-D2 WEDC-W3DG6465V-D2 Datasheet
79Kb / 6P
   512MB - 64Mx64, SDRAM UNBUFFERED
logo
Elpida Memory
EBD52EC8AJFA ELPIDA-EBD52EC8AJFA Datasheet
197Kb / 19P
   512MB Unbuffered DDR SDRAM
EBS52UC8APFA ELPIDA-EBS52UC8APFA Datasheet
163Kb / 14P
   512MB Unbuffered SDRAM DIMM
logo
White Electronic Design...
W3DG7268V-D1 WEDC-W3DG7268V-D1 Datasheet
177Kb / 10P
   512MB- 64Mx72 SDRAM UNBUFFERED
WED3DG6466V-D1 WEDC-WED3DG6466V-D1 Datasheet
144Kb / 7P
   512MB -64Mx64 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com