Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB52RF649DC-75BL Datasheet(PDF) 1 Page - Elpida Memory

Part # HB52RF649DC-75BL
Description  512MB Unbuffered SDRAM S.O.DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HB52RF649DC-75BL Datasheet(HTML) 1 Page - Elpida Memory

  HB52RF649DC-75BL Datasheet HTML 1Page - Elpida Memory HB52RF649DC-75BL Datasheet HTML 2Page - Elpida Memory HB52RF649DC-75BL Datasheet HTML 3Page - Elpida Memory HB52RF649DC-75BL Datasheet HTML 4Page - Elpida Memory HB52RF649DC-75BL Datasheet HTML 5Page - Elpida Memory HB52RF649DC-75BL Datasheet HTML 6Page - Elpida Memory HB52RF649DC-75BL Datasheet HTML 7Page - Elpida Memory HB52RF649DC-75BL Datasheet HTML 8Page - Elpida Memory HB52RF649DC-75BL Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Document No. E0223H30 (Ver. 3.0)
Date Published April 2002 (K) Japan
URL: http://www.elpida.com
Elpida Memory, Inc. 2001-2002
Elpida Memory, Inc. is a joint venture DRAM company of NEC Corporation and Hitachi, Ltd.
DATA SHEET
512MB Unbuffered SDRAM S.O.DIMM
HB52RF649DC-B (64M words
×××× 72 bits, 2 bank)
HB52RD649DC-B (64M words
×××× 72 bits, 2 bank)
Description
The HB52RF649DC, HB52RD649DC are a 64M
× 72 ×
2 banks Synchronous Dynamic RAM Small Outline
Dual In-line Memory Module (S.O.DIMM), mounted 18
pieces of 256M bits SDRAM sealed in TCP package
and 1 piece of serial EEPROM (2k bits) for Presence
Detect (PD). An outline of the products is 144-pin Zig
Zag Dual tabs socket type compact and thin package.
Therefore, they make high density mounting possible
without surface mount technology.
They provide
common
data
inputs
and
outputs.
Decoupling
capacitors are mounted beside TCP on the module
board.
Note: Do not push the cover or drop the modules in
order to protect from mechanical defects, which
would be electrical defects.
Features
• Fully compatible with: JEDEC standard outline 8
bytes S.O.DIMM
• 144-pin Zig Zag Dual tabs socket type (dual lead out)
 PCB height: 33.02mm (1.30inch)
 Lead pitch: 0.80mm
• 3.3V power supply
• Clock frequency: 133MHz/100MHz (max.)
• LVTTL interface
• Data bus width: × 72 ECC
• Single pulsed /RAS
• 4 Banks can operates simultaneously and
independently
• Burst read/write operation and burst read/single write
operation capability
• Programmable burst length (BL): 1, 2, 4, 8
• 2 variations of burst sequence
 Sequential
 Interleave
• Programmable /CE latency (CL): 2, 3
• Byte control by DQMB
• Refresh cycles: 8192 refresh cycles/64ms
• 2 variations of refresh
 Auto refresh
 Self refresh
• Low self refresh current
: HB52RF649DC-xxBL (L-version)
: HB52RD649DC-xxBL (L-version)


Similar Part No. - HB52RF649DC-75BL

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB52RF649E1U-75B ELPIDA-HB52RF649E1U-75B Datasheet
157Kb / 20P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 133 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC133 SDRAM
More results

Similar Description - HB52RF649DC-75BL

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBS52UC8APSA ELPIDA-EBS52UC8APSA Datasheet
147Kb / 14P
   512MB SDRAM S.O.DIMM
logo
White Electronic Design...
W3DG7267V-D2 WEDC-W3DG7267V-D2 Datasheet
160Kb / 9P
   512MB - 2x32Mx72, SDRAM UNBUFFERED
W3DG7268V-AD1 WEDC-W3DG7268V-AD1 Datasheet
151Kb / 9P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3DG7265V-D2 WEDC-W3DG7265V-D2 Datasheet
102Kb / 5P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3DG6463V-D2 WEDC-W3DG6463V-D2 Datasheet
254Kb / 10P
   512MB - 2x32Mx64 SDRAM UNBUFFERED
W3DG6465V-D2 WEDC-W3DG6465V-D2 Datasheet
79Kb / 6P
   512MB - 64Mx64, SDRAM UNBUFFERED
logo
Elpida Memory
EBD52EC8AJFA ELPIDA-EBD52EC8AJFA Datasheet
197Kb / 19P
   512MB Unbuffered DDR SDRAM
EBS52UC8APFA ELPIDA-EBS52UC8APFA Datasheet
163Kb / 14P
   512MB Unbuffered SDRAM DIMM
logo
White Electronic Design...
W3DG7268V-D1 WEDC-W3DG7268V-D1 Datasheet
177Kb / 10P
   512MB- 64Mx72 SDRAM UNBUFFERED
WED3DG6466V-D1 WEDC-WED3DG6466V-D1 Datasheet
144Kb / 7P
   512MB -64Mx64 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com