Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T8F20W-CWE0-FW Datasheet(PDF) 4 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # T8F20W-CWE0-FW
Description  LED T-8 LIGHT TUBE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

T8F20W-CWE0-FW Datasheet(HTML) 4 Page - PARA LIGHT ELECTRONICS CO., LTD.

  T8F20W-CWE0-FW Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. T8F20W-CWE0-FW Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. T8F20W-CWE0-FW Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. T8F20W-CWE0-FW Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. T8F20W-CWE0-FW Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. T8F20W-CWE0-FW Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LED T-8 LIGHT TUBE
T8F20W-CWE0-FW
Rev. : A /0
Electrical Characteristics
Mechanical Characteristics
Part Number
T8F20W-CWE0-FW
Heat-Sink Material
Aluminum Al-6063-T5
Power Supply
Internal Power
Cover Material
Frosted Strips
Material
Aluminum PCB
Socket Type
G13
Tube Diameter
ž
26mm
Tube length
1200mm
Optical Characteristics
Part Number
T8F20W-CWE0-FW
Input Voltage Range
90V-264V
LED Type
2835
LED Quantity
168Pcs
Power Factor
0.9
Power Consumption
20Wf10%
Part Number
T8F20W-CWE0-FW
Color Rendering Index
70
Luminous Flux
>2100lm
Color Temperature
6000f500K
DRAWING NO. : DS-80-12-XXXX
DATE : 2012-8-29
Page : 4


Similar Part No. - T8F20W-CWE0-FW

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
T8F20W-WWE0-FW PARALIGHT-T8F20W-WWE0-FW Datasheet
88Kb / 6P
   LED T-8 LIGHT TUBE
More results

Similar Description - T8F20W-CWE0-FW

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
T8F18W-CWO2-US PARALIGHT-T8F18W-CWO2-US Datasheet
164Kb / 7P
   LED T-8 Light Tube
T8F10W-WWE0-FT PARALIGHT-T8F10W-WWE0-FT Datasheet
987Kb / 6P
   LED T-8 Light Tube
T8F18W-CWE0-F PARALIGHT-T8F18W-CWE0-F Datasheet
985Kb / 6P
   LED T-8 LIGHT TUBE
T8F18W-NWO1-U PARALIGHT-T8F18W-NWO1-U Datasheet
128Kb / 7P
   LED T-8 Light Tube
T8F18W-WWE0-F PARALIGHT-T8F18W-WWE0-F Datasheet
985Kb / 6P
   LED T-8 LIGHT TUBE
T8F20W-WWE0-FW PARALIGHT-T8F20W-WWE0-FW Datasheet
88Kb / 6P
   LED T-8 LIGHT TUBE
T8F10W-CWE0-F PARALIGHT-T8F10W-CWE0-F Datasheet
990Kb / 6P
   LED T-8 LIGHT TUBE
T8F10W-CWO2-US PARALIGHT-T8F10W-CWO2-US Datasheet
163Kb / 7P
   LED T-8 Light Tube
T8F10W-WWO2-US PARALIGHT-T8F10W-WWO2-US Datasheet
164Kb / 7P
   LED T-8 Light Tube
logo
A-BRIGHT Inc
AB-FT31180WD A-BRIGHT-AB-FT31180WD Datasheet
175Kb / 4P
    LED Fluorescent Tube Light
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com