Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILHB0603ER121V Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ILHB0603ER121V
Description  High Current Multilayer Ferrite Beads
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILHB0603ER121V Datasheet(HTML) 1 Page - Vishay Siliconix

  ILHB0603ER121V Datasheet HTML 1Page - Vishay Siliconix ILHB0603ER121V Datasheet HTML 2Page - Vishay Siliconix ILHB0603ER121V Datasheet HTML 3Page - Vishay Siliconix ILHB0603ER121V Datasheet HTML 4Page - Vishay Siliconix ILHB0603ER121V Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ILHB
www.vishay.com
Vishay Dale
Revision: 19-Jun-12
1
Document Number: 34102
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Current Multilayer Ferrite Beads
MECHANICAL SPECIFICATIONS
Solderability: 90 % coverage after 5 s dip in 235 °C solder
following 60 s preheat at 120 °C type R flux dip
Resistance to Solder Heat: 10 s in 260 °C solder, after
preheat and flux per above
Terminal Strength: 0603: 0.3 kg (0.66 lbs), 0805: 0.6 kg
(1.3 lbs), 1206: 1.0 kg (2.2 lbs), 1806: 1.0 kg (2.2 lbs), 1812:
1.5 kg (3.3 lbs) for 30 s
Beam Strength: 0603: 0.3 kg (0.66 lbs), 0805: 1.0 kg
(2.2 lbs), 1206: 2.0 kg (4.4 lbs), 1806: 2.5 kg (5.5 lbs), 1812:
2.5 kg (5.5 lbs)
FEATURES
• High reliability
• Surface mountable (multiple case sizes)
• Current rating up to 6 A
• Magnetically self shielded
• Nickel barrier plating virtually eliminates silver
migration
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature: - 55 °C to + 125 °C
Thermal Shock: 100 cycles, - 40 °C to + 125 °C
Biased Humidity: 85 % RH at 85 °C, 1000 h at full rated
current
STANDARD ELECTRICAL SPECIFICATIONS
PART
NUMBER
Z ± 25 %
(
)
TEST
FREQUENCY
(MHz)
DCR
MAX.
(
)
RATED
DC CURRENT
(mA)
ILHB-0603
60
100
0.10
2000
120
100
0.10
2000
ILHB-0805
30
100
0.015
6000
60
100
0.03
3000
90
100
0.025
5000
120
100
0.03
5000
250
100
0.04
3000
600
100
0.10
2000
ILHB-1206
50
100
0.02
6000
75
100
0.03
3000
120
100
0.02
6000
500
100
0.06
2500
600
100
0.10
2500
ILHB-1806
60
100
0.02
6000
ILHB-1812
120
100
0.02
6000
600
50
0.04
3000
1300
60
0.05
3000
DIMENSIONS in inches [millimeters]
SIZE
A
B
C
D
0603
0.06 ± 0.006
[1.6 ± 0.15]
0.03 ± 0.006
[0.8 ± 0.15]
0.03 ± 0.006
[0.8 ± 0.15]
0.012 ± 0.008
[0.30 ± 0.20]
0805
0.079 ± 0.008
[2.0 ± 0.20]
0.049 ± 0.008
[1.25 ± 0.20]
0.035 ± 0.008
[0.90 ± 0.20]
0.02 ± 0.012
[0.50 ± 0.30]
1206
0.126 ± 0.008
[3.2 ± 0.20]
0.063 ± 0.008
[1.6 ± 0.2]
0.043 ± 0.008
[1.1 ± 0.2]
0.020 ± 0.012
[0.50 ± 0.30]
1806
0.177 ± 0.010
[4.5 ± 0.25]
0.063 ± 0.008
[1.6 ± 0.2]
0.063 ± 0.008
[1.6 ± 0.2]
0.024 ± 0.016
[0.60 ± 0.40]
1812
0.177 ± 0.010
[4.5 ± 0.25]
0.126 ± 0.010
[3.2 ± 0.25]
0.060 ± 0.010
[1.5 ± 0.25]
0.024 ± 0.016
[0.60 ± 0.40]
Dimensional Outline
A
B
Ferrite
Body
D
C
DESCRIPTION
ILHB
1206
120
± 25 %
ER
e3
MODEL
SIZE
IMPEDANCE VALUE
IMPEDANCE TOLERANCE
PACKAGE CODE
JEDEC LEAD (Pb)-FREE STANDARD
GLOBAL PART NUMBER
I
L
H
B
1
206
E
R
12
1
V
PRODUCT FAMILY
SIZE
PACKAGE
CODE
IMPEDANCE
VALUE
IMPEDANCE
TOLERANCE


Similar Part No. - ILHB0603ER121V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILHB0603ER121V VISHAY-ILHB0603ER121V Datasheet
132Kb / 5P
   High Current Multilayer Ferrite Beads
01-Jan-2022
More results

Similar Description - ILHB0603ER121V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILHB1812ER601V VISHAY-ILHB1812ER601V Datasheet
134Kb / 5P
   High Current Multilayer Ferrite Beads
Revision: 19-Jun-12
ILHB VISHAY-ILHB Datasheet
121Kb / 5P
   High Current Multilayer Ferrite Beads
Revision: 06-Mar-07
ILHB1206ER500V VISHAY-ILHB1206ER500V Datasheet
134Kb / 5P
   High Current Multilayer Ferrite Beads
Revision: 19-Jun-12
ILHB1812ER121V VISHAY-ILHB1812ER121V Datasheet
134Kb / 5P
   High Current Multilayer Ferrite Beads
Revision: 19-Jun-12
ILHB0805ER900V VISHAY-ILHB0805ER900V Datasheet
134Kb / 5P
   High Current Multilayer Ferrite Beads
Revision: 19-Jun-12
ILHB VISHAY-ILHB_V01 Datasheet
132Kb / 5P
   High Current Multilayer Ferrite Beads
01-Jan-2022
logo
List of Unclassifed Man...
PMH1206-601 ETC2-PMH1206-601 Datasheet
37Kb / 1P
   Multilayer High-Current Ferrite Chip Beads
logo
Frontier Electronics.
TI201209 FRONTIER-TI201209 Datasheet
131Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
TI322513 FRONTIER-TI322513 Datasheet
122Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
TI321611 FRONTIER-TI321611 Datasheet
127Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com