Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB54A5129F1-10B Datasheet(PDF) 1 Page - Elpida Memory

Part # HB54A5129F1-10B
Description  512MB Registered DDR SDRAM DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HB54A5129F1-10B Datasheet(HTML) 1 Page - Elpida Memory

  HB54A5129F1-10B Datasheet HTML 1Page - Elpida Memory HB54A5129F1-10B Datasheet HTML 2Page - Elpida Memory HB54A5129F1-10B Datasheet HTML 3Page - Elpida Memory HB54A5129F1-10B Datasheet HTML 4Page - Elpida Memory HB54A5129F1-10B Datasheet HTML 5Page - Elpida Memory HB54A5129F1-10B Datasheet HTML 6Page - Elpida Memory HB54A5129F1-10B Datasheet HTML 7Page - Elpida Memory HB54A5129F1-10B Datasheet HTML 8Page - Elpida Memory HB54A5129F1-10B Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Document No. E0090H40 (Ver. 4.0)
Date Published August 2002 (K) Japan
URL: http://www.elpida.com
Elpida Memory,Inc. 2001-2002
Hitachi, Ltd. 2000
Elpida Memory, Inc. is a joint venture DRAM company of NEC Corporation and Hitachi, Ltd.
DATA SHEET
512MB Registered DDR SDRAM DIMM
HB54A5129F1-A75B/B75B/10B (64M words
×××× 72 bits, 1 Bank)
Description
The HB54A5129F1 is a 64M
× 72 × 1 bank Double
Data Rate (DDR) SDRAM Module, mounted 18 pieces
of 256Mbits DDR SDRAM (HM5425401BTT) sealed in
TSOP package, 1 piece of PLL clock driver, 2 pieces of
register driver and 1 piece of serial EEPROM (2k bits
EEPROM) for Presence Detect (PD). Read and write
operations are performed at the cross points of the CK
and the /CK. This high-speed data transfer is realized
by the 2-bit prefetch-pipelined architecture.
Data
strobe (DQS) both for read and write are available for
high speed and reliable data bus design. By setting
extended mode register, the on-chip Delay Locked
Loop (DLL) can be set enable or disable. An outline of
the products is 184-pin socket type package (dual lead
out).
Therefore, it makes high density mounting
possible without surface mount technology. It provides
common
data
inputs
and
outputs.
Decoupling
capacitors are mounted beside each TSOP on the
module board.
Features
• 184-pin socket type package (dual lead out)
 Outline: 133.35mm (Length) × 43.18 (Height) ×
4.00mm (Thickness)
 Lead pitch: 1.27mm
• 2.5V power supply (VCC/VCCQ)
• SSTL-2 interface for all inputs and outputs
• Clock frequency: 143MHz/133MHz/125MHz (max.)
• Data inputs and outputs are synchronized with DQS
• 4 banks can operate simultaneously and
independently (Component)
• Burst read/write operation
• Programmable burst length: 2, 4, 8
 Burst read stop capability
• Programmable burst sequence
 Sequential
 Interleave
• Start addressing capability
 Even and Odd
• Programmable /CAS latency (CL): 3, 3.5
• 8192 refresh cycles: 7.8µs (8192/64ms)
• 2 variations of refresh
 Auto refresh
 Self refresh


Similar Part No. - HB54A5129F1-10B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB54A5129F1-10B ELPIDA-HB54A5129F1-10B Datasheet
179Kb / 16P
   512MB Registered DDR SDRAM DIMM
More results

Similar Description - HB54A5129F1-10B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD52RC8AKFA ELPIDA-EBD52RC8AKFA Datasheet
184Kb / 18P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1U-B75B ELPIDA-HB54A5129F1U-B75B Datasheet
189Kb / 16P
   512MB Registered DDR SDRAM DIMM
EBD51RC4AAFA ELPIDA-EBD51RC4AAFA Datasheet
197Kb / 17P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1U ELPIDA-HB54A5129F1U Datasheet
186Kb / 16P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1-B75B ELPIDA-HB54A5129F1-B75B Datasheet
179Kb / 16P
   512MB Registered DDR SDRAM DIMM
EBD51RD8ABFA ELPIDA-EBD51RD8ABFA Datasheet
196Kb / 19P
   512MB Registered DDR SDRAM DIMM
HB54A2569F1U ELPIDA-HB54A2569F1U Datasheet
200Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
HB54A2569F1 ELPIDA-HB54A2569F1 Datasheet
190Kb / 17P
   256MB, 512MB Registered DDR SDRAM DIMM
EBS51RC4ACFC ELPIDA-EBS51RC4ACFC Datasheet
143Kb / 15P
   512MB Registered SDRAM DIMM
logo
List of Unclassifed Man...
SDU06464B5B61MT-50R ETC2-SDU06464B5B61MT-50R Datasheet
206Kb / 12P
   512MB DDR ??SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com