Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFZ44NSPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFZ44NSPBF
Description  Advanced Process Technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFZ44NSPBF Datasheet(HTML) 1 Page - International Rectifier

  IRFZ44NSPBF Datasheet HTML 1Page - International Rectifier IRFZ44NSPBF Datasheet HTML 2Page - International Rectifier IRFZ44NSPBF Datasheet HTML 3Page - International Rectifier IRFZ44NSPBF Datasheet HTML 4Page - International Rectifier IRFZ44NSPBF Datasheet HTML 5Page - International Rectifier IRFZ44NSPBF Datasheet HTML 6Page - International Rectifier IRFZ44NSPBF Datasheet HTML 7Page - International Rectifier IRFZ44NSPBF Datasheet HTML 8Page - International Rectifier IRFZ44NSPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
IRFZ44NSPbF
IRFZ44NLPbF
HEXFET® Power MOSFET
l Advanced Process Technology
l SurfaceMount(IRFZ44NS)
l Low-profilethrough-hole(IRFZ44NL)
l 175°COperatingTemperature
l Fast Switching
l FullyAvalancheRated
l Lead-Free
Advanced HEXFET® Power MOSFETs from International
Rectifier utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized
devicedesignthatHEXFETpowerMOSFETsarewellknown
for, provides the designer with an extremely efficient and
reliable device for use in a wide variety of applications.
The D2Pak is a surface mount power package capable of
accommodatingdiesizesuptoHEX-4.Itprovidesthehighest
power capability and the lowest possible on-resistance in
any existing surface mount package. The D2Pak is suitable
for high current applications because of its low internal
connection resistance and can dissipate up to 2.0W in a
typical surface mount application.
The through-hole version (IRFZ44NL) is available for low-
profile applications.
Description
VDSS = 55V
RDS(on) = 0.0175Ω
ID = 49A
2
D Pak
TO-262
S
D
G
3/18/04
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.5
RθJA
Junction-to-Ambient
–––
40
°C/W
Thermal Resistance
Absolute Maximum Ratings
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
49
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
35
A
IDM
Pulsed Drain Current

160
PD @TA = 25°C
Power Dissipation
3.8
W
PD @TC = 25°C
Power Dissipation
94
W
Linear Derating Factor
0.63
W/°C
VGS
Gate-to-Source Voltage
± 20
V
IAR
Avalanche Current

25
A
EAR
Repetitive Avalanche Energy

9.4
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
www.irf.com
1
PD - 95124


Similar Part No. - IRFZ44NSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFZ44NSPBF IRF-IRFZ44NSPBF Datasheet
339Kb / 11P
   HEXFET짰Power MOSFET
IRFZ44NSPBF IRF-IRFZ44NSPBF Datasheet
340Kb / 11P
   ADVANCED PROCESS TECHNOLOGY
logo
VBsemi Electronics Co.,...
IRFZ44NSPBF VBSEMI-IRFZ44NSPBF Datasheet
1Mb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
International Rectifier
IRFZ44NSPBF IRF-IRFZ44NSPBF_15 Datasheet
340Kb / 11P
   ADVANCED PROCESS TECHNOLOGY
More results

Similar Description - IRFZ44NSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com