Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2552D Datasheet(PDF) 8 Page - International Rectifier

Part # IRS2552D
Description  CCFL/EEFL BALLAST CONTROLLER IC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2552D Datasheet(HTML) 8 Page - International Rectifier

Back Button IRS2552D Datasheet HTML 4Page - International Rectifier IRS2552D Datasheet HTML 5Page - International Rectifier IRS2552D Datasheet HTML 6Page - International Rectifier IRS2552D Datasheet HTML 7Page - International Rectifier IRS2552D Datasheet HTML 8Page - International Rectifier IRS2552D Datasheet HTML 9Page - International Rectifier IRS2552D Datasheet HTML 10Page - International Rectifier IRS2552D Datasheet HTML 11Page - International Rectifier IRS2552D Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
IRS2552D
www.irf.com
© 2009 International Rectifier
8
Electrical Characteristics
VBIAS (VCC, VBS) = 14 V, CT = 1 nF and TA = 25 °C unless otherwise specified. The input parameters are referenced to
COM. The VO and IO parameters are referenced to COM and are applicable to the respective output leads: HO or
LO.
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
Ignition
ICR,IGN
Source current at CR pin in IGN mode
3.7
4.5
5.3
μA
RMIN = 12 k
Ω,
IGNITION MODE
VCS,IGN
Ignition detection threshold
0.57
0.6
0.63
V
N/A
Gate Driver Output Characteristics
V
OH
High-level output voltage, V
BIAS – VO
---
VCC
---
V
V
OL
Low-level output voltage, VO
---
COM
---
I
O = 0 A
V
OL,UV
UV-mode output voltage, VO
---
COM
---
mV
I
O = 0 A,
V
CC ≤ VCCUV-
tR
Output rise time
---
80
150
tF
Output fall time
---
45
100
ns
N/A
tD
Output deadtime (HO or LO)
1.0
1.1
1.2
μs
RDT = 2.2 k
Ω,
CDT = 1 nF
IO+
Output source current
---
300
---
IO-
Output sink current
---
450
---
mA
N/A
Bootstrap FET Characteristics
VB,ON
VB when the bootstrap FET is on
13.2
13.5
---
V
N/A
IB,CAP
VB source current when FET is on
40
55
---
mA
CBS = 0.1 μF
IB,10V
VB source current when FET is on
9
12
---
mA
VB = 10 V
Shutdown
VSD,TH
Shutdown threshold at SD pin
1.9
2.0
2.1
V
N/A
ICD,source
CD pin source current
3.7
4.5
5.3
μA
VSD>VSD,TH,
RMIN = 12 k
Ω
VCD,TH
Threshold at which CD triggers shutdown
4.8
5.0
5.2
V
VCC = 14 V


Similar Part No. - IRS2552D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2552D IRF-IRS2552D Datasheet
795Kb / 32P
   CCFL/EEFL BALLAST CONTROLLER IC
IRS2552D IRF-IRS2552D Datasheet
795Kb / 32P
   CCFL/EEFL BALLAST CONTROLLER IC
IRS2552DPBF IRF-IRS2552DPBF_15 Datasheet
795Kb / 32P
   CCFL/EEFL BALLAST CONTROLLER IC
More results

Similar Description - IRS2552D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2552DPBF IRF-IRS2552DPBF_15 Datasheet
795Kb / 32P
   CCFL/EEFL BALLAST CONTROLLER IC
IRS2552D IRF-IRS2552D Datasheet
795Kb / 32P
   CCFL/EEFL BALLAST CONTROLLER IC
logo
NXP Semiconductors
UBA2070 PHILIPS-UBA2070 Datasheet
110Kb / 20P
   600 V CCFL ballast driver IC
2002 Oct 24
logo
Princeton Technology Co...
PT5631 PTC-PT5631_10 Datasheet
391Kb / 4P
   Dimming Ballast Controller IC
PT5611 PTC-PT5611 Datasheet
338Kb / 4P
   Dimming Ballast Controller IC
PT5631 PTC-PT5631 Datasheet
391Kb / 4P
   Dimming Ballast Controller IC
PT5611 PTC-PT5611_10 Datasheet
338Kb / 4P
   Dimming Ballast Controller IC
logo
Microsemi Corporation
LX1686E MICROSEMI-LX1686E Datasheet
143Kb / 8P
   Digital Dimming CCFL Controller IC
LX1686 MICROSEMI-LX1686 Datasheet
139Kb / 5P
   Digital Dimming CCFL Controller IC
logo
SHANGHAI BELLING CO., L...
BL8305A BELLING-BL8305A Datasheet
274Kb / 8P
   BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com