Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISP1761BEUM Datasheet(PDF) 8 Page - NXP Semiconductors

Part # ISP1761BEUM
Description  Hi-Speed Universal Serial Bus On-The-Go controller
Download  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1761BEUM Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button ISP1761BEUM Datasheet HTML 4Page - NXP Semiconductors ISP1761BEUM Datasheet HTML 5Page - NXP Semiconductors ISP1761BEUM Datasheet HTML 6Page - NXP Semiconductors ISP1761BEUM Datasheet HTML 7Page - NXP Semiconductors ISP1761BEUM Datasheet HTML 8Page - NXP Semiconductors ISP1761BEUM Datasheet HTML 9Page - NXP Semiconductors ISP1761BEUM Datasheet HTML 10Page - NXP Semiconductors ISP1761BEUM Datasheet HTML 11Page - NXP Semiconductors ISP1761BEUM Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 164 page
background image
ISP1761_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 13 March 2008
7 of 163
NXP Semiconductors
ISP1761
Hi-Speed USB OTG controller
6.2 Pin description
Table 2.
Pin description
Symbol[1][2]
Pin
Type[3]
Description
LQFP128
TFBGA128
OC3_N
1
C2
AI/I
port 3 analog (5 V input) and digital overcurrent input; if not used,
connect to VCC(I/O) through a 10 kΩ resistor
input, 5 V tolerant
REF5V
2
A2
AI
5 V reference input for analog OC detector; connect a 100 nF
decoupling capacitor
ID
3
B2
I
ID input to detect the default host or peripheral setting when port 1
is in OTG mode; pull-up to 3.3 V through a 4.7 k
Ω resistor
input, 3.3 V tolerant
GNDA
4
A1
-
analog ground
REG1V8
5
B1
P
core power output (1.8 V); internal 1.8 V for the digital core; used for
decoupling; connect a 100 nF capacitor; for details on additional
capacitor placement, see Section 7.7
VCC(5V0)
6
C1
P
input to internal regulators (3.0 V-to-5.5 V); connect a 100 nF
decoupling capacitor; see Section 7.7
VCC(5V0)
7
D2
P
input to internal regulators (3.0 V-to-5.5 V); connect a 100 nF
decoupling capacitor; see Section 7.7
GND(OSC)
8
E3
-
oscillator ground
REG3V3
9
D1
P
regulator output (3.3 V); for decoupling only; connect a 100 nF
capacitor and a 4.7
µF-to-10 µF capacitor; see Section 7.7
VCC(I/O)
10
E2
P
digital supply voltage; 1.65 V to 3.6 V; connect a 100 nF decoupling
capacitor; see Section 7.7
XTAL1
11
E1
AI
12 MHz crystal connection input; connect to ground if an external
clock is used
XTAL2
12
F2
AO
12 MHz crystal connection output
CLKIN
13
F1
I
12 MHz oscillator or clock input; when not in use, connect to VCC(I/O)
GNDD
14
G3
-
digital ground
GND(RREF1)
15
G2
-
RREF1 ground
RREF1
16
G1
AI
reference resistor connection; connect a 12 k
Ω± 1 % resistor
between this pin and the RREF1 ground
GNDA[4]
17
H2
-
analog ground
DM1
18
H1
AI/O
downstream data minus port 1
GNDA
19
J3
-
analog ground
DP1
20
J2
AI/O
downstream data plus port 1
PSW1_N
21
J1
OD
power switch port 1, active LOW
output pad, push-pull open-drain, 8 mA output drive, 5 V tolerant
GND(RREF2)
22
K2
-
RREF2 ground
RREF2
23
K1
AI
reference resistor connection; connect a 12 k
Ω± 1 % resistor
between this pin and the RREF2 ground
GNDA[5]
24
L3
-
analog ground
DM2
25
L1
AI/O
downstream data minus port 2
GNDA
26
L2
-
analog ground
DP2
27
M2
AI/O
downstream data plus port 2


Similar Part No. - ISP1761BEUM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1761BE PHILIPS-ISP1761BE Datasheet
724Kb / 158P
   Hi-Speed Universal Serial Bus On-The-Go controller
Rev. 01-12 January 2005
More results

Similar Description - ISP1761BEUM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1761 PHILIPS-ISP1761 Datasheet
724Kb / 158P
   Hi-Speed Universal Serial Bus On-The-Go controller
Rev. 01-12 January 2005
ISP1506A NXP-ISP1506A Datasheet
400Kb / 79P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01 - 30 May 2007
SAF1508BET NXP-SAF1508BET Datasheet
462Kb / 87P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 2-23 July 2012
ISP1504A PHILIPS-ISP1504A Datasheet
414Kb / 84P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-19 October 2006
ISP1504A1 NXP-ISP1504A1_07 Datasheet
428Kb / 81P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-6 August 2007
ISP1507ABS NXP-ISP1507ABS Datasheet
424Kb / 81P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-19 May 2008
ISP1362 PHILIPS-ISP1362 Datasheet
647Kb / 150P
   Single-chip Universal Serial Bus On-The-Go controller
Rev. 03-06 January 2004
ISP1301 PHILIPS-ISP1301 Datasheet
245Kb / 46P
   Universal Serial Bus On-The-Go transceiver
Rev. 01-14 April 2004
ISP1520BDGA NXP-ISP1520BDGA Datasheet
261Kb / 54P
   Hi-Speed Universal Serial Bus hub controller
Rev. 04-28 April 2006
ISP1583 PHILIPS-ISP1583 Datasheet
420Kb / 87P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-12 July 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com