Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISP1761BEUM Datasheet(PDF) 2 Page - NXP Semiconductors

Part # ISP1761BEUM
Description  Hi-Speed Universal Serial Bus On-The-Go controller
Download  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1761BEUM Datasheet(HTML) 2 Page - NXP Semiconductors

  ISP1761BEUM Datasheet HTML 1Page - NXP Semiconductors ISP1761BEUM Datasheet HTML 2Page - NXP Semiconductors ISP1761BEUM Datasheet HTML 3Page - NXP Semiconductors ISP1761BEUM Datasheet HTML 4Page - NXP Semiconductors ISP1761BEUM Datasheet HTML 5Page - NXP Semiconductors ISP1761BEUM Datasheet HTML 6Page - NXP Semiconductors ISP1761BEUM Datasheet HTML 7Page - NXP Semiconductors ISP1761BEUM Datasheet HTML 8Page - NXP Semiconductors ISP1761BEUM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 164 page
background image
1.
General description
The ISP1761 is a single-chip Hi-Speed Universal Serial Bus (USB) On-The-Go (OTG)
Controller integrated with advanced NXP slave host controller and the NXP ISP1582
peripheral controller.
The Hi-Speed USB host controller and peripheral controller comply to Ref. 1 “Universal
Serial Bus Specification Rev. 2.0” and support data transfer speeds of up to 480 Mbit/s.
The Enhanced Host Controller Interface (EHCI) core implemented in the host controller is
adapted from Ref. 2 “Enhanced Host Controller Interface Specification for Universal Serial
Bus Rev. 1.0”. The OTG controller adheres to Ref. 3 “On-The-Go Supplement to the USB
Specification Rev. 1.3”.
The ISP1761 has three USB ports. Port 1 can be configured to function as a downstream
port, an upstream port or an OTG port; ports 2 and 3 are always configured as
downstream ports. The OTG port can switch its role from host to peripheral, and
peripheral to host. The OTG port can become a host through the Host Negotiation
Protocol (HNP) as specified in the OTG supplement.
2.
Features
I Compliant with Ref. 1 “Universal Serial Bus Specification Rev. 2.0”; supporting data
transfer at high-speed (480 Mbit/s), full-speed (12 Mbit/s) and low-speed (1.5 Mbit/s)
I Integrated Transaction Translator (TT) for Original USB (full-speed and low-speed)
peripheral support
I Three USB ports that support three operational modes:
N Mode 1: Port 1 is an OTG controller port, and ports 2 and 3 are host controller
ports
N Mode 2: Ports 1, 2 and 3 are host controller ports
N Mode 3: Port 1 is a peripheral controller port, and ports 2 and 3 are host controller
ports
I Supports OTG Host Negotiation Protocol (HNP) and Session Request Protocol (SRP)
I Multitasking support with virtual segmentation feature (up to four banks)
I High-speed memory controller (variable latency and SRAM external interface)
I Directly addressable memory architecture
I Generic processor interface to most CPUs, such as Hitachi SH-3 and SH-4, NXP XA,
Intel StrongARM, NEC and Toshiba MIPS, Freescale DragonBall and PowerPC
Reduced Instruction Set Computer (RISC) processors
I Configurable 32-bit and 16-bit external memory data bus
I Supports Programmed I/O (PIO) and Direct Memory Access (DMA)
I Slave DMA implementation on CPU interface to reduce the host system’s CPU load
ISP1761
Hi-Speed Universal Serial Bus On-The-Go controller
Rev. 05 — 13 March 2008
Product data sheet


Similar Part No. - ISP1761BEUM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1761BE PHILIPS-ISP1761BE Datasheet
724Kb / 158P
   Hi-Speed Universal Serial Bus On-The-Go controller
Rev. 01-12 January 2005
More results

Similar Description - ISP1761BEUM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1761 PHILIPS-ISP1761 Datasheet
724Kb / 158P
   Hi-Speed Universal Serial Bus On-The-Go controller
Rev. 01-12 January 2005
ISP1506A NXP-ISP1506A Datasheet
400Kb / 79P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01 - 30 May 2007
SAF1508BET NXP-SAF1508BET Datasheet
462Kb / 87P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 2-23 July 2012
ISP1504A PHILIPS-ISP1504A Datasheet
414Kb / 84P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-19 October 2006
ISP1504A1 NXP-ISP1504A1_07 Datasheet
428Kb / 81P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-6 August 2007
ISP1507ABS NXP-ISP1507ABS Datasheet
424Kb / 81P
   ULPI Hi-Speed Universal Serial Bus On-The-Go transceiver
Rev. 01-19 May 2008
ISP1362 PHILIPS-ISP1362 Datasheet
647Kb / 150P
   Single-chip Universal Serial Bus On-The-Go controller
Rev. 03-06 January 2004
ISP1301 PHILIPS-ISP1301 Datasheet
245Kb / 46P
   Universal Serial Bus On-The-Go transceiver
Rev. 01-14 April 2004
ISP1520BDGA NXP-ISP1520BDGA Datasheet
261Kb / 54P
   Hi-Speed Universal Serial Bus hub controller
Rev. 04-28 April 2006
ISP1583 PHILIPS-ISP1583 Datasheet
420Kb / 87P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-12 July 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com