Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAQW213H Datasheet(PDF) 11 Page - COSMO Electronics Corporation

Part # KAQW213H
Description  8PIN 250V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQW213H Datasheet(HTML) 11 Page - COSMO Electronics Corporation

Back Button KAQW213H Datasheet HTML 4Page - COSMO  Electronics Corporation KAQW213H Datasheet HTML 5Page - COSMO  Electronics Corporation KAQW213H Datasheet HTML 6Page - COSMO  Electronics Corporation KAQW213H Datasheet HTML 7Page - COSMO  Electronics Corporation KAQW213H Datasheet HTML 8Page - COSMO  Electronics Corporation KAQW213H Datasheet HTML 9Page - COSMO  Electronics Corporation KAQW213H Datasheet HTML 10Page - COSMO  Electronics Corporation KAQW213H Datasheet HTML 11Page - COSMO  Electronics Corporation KAQW213H Datasheet HTML 12Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M20003.1
- 11 -
http://www.cosmo-ic.com
cosmo
KAQW213 Series
8PIN 250V N.O. TYPE
SOLID STATE RELAY-MOSFET OUTPUT
 8-pin SOP Carrier Tape & Reel
4.0
2.0
8.30
12.00
0.30
2.4
TOLERANCE
±0.2mm
Unit
mm
TL
TR
Direction of feed from reel
Direction of feed from reel
1.5
16.4
2.0


Similar Part No. - KAQW213H

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQW213H COSMO-KAQW213H Datasheet
214Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
More results

Similar Description - KAQW213H

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQW213 COSMO-KAQW213_15 Datasheet
261Kb / 12P
   8PIN 250V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW210 COSMO-KAQW210_15 Datasheet
248Kb / 12P
   8PIN 350V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW212 COSMO-KAQW212_15 Datasheet
250Kb / 12P
   8PIN 60V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW216 COSMO-KAQW216 Datasheet
467Kb / 12P
   8PIN 600V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW217 COSMO-KAQW217_15 Datasheet
249Kb / 12P
   8PIN 200V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW216 COSMO-KAQW216_15 Datasheet
249Kb / 12P
   8PIN 600V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW214 COSMO-KAQW214_15 Datasheet
249Kb / 12P
   8PIN 400V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW612 COSMO-KAQW612_15 Datasheet
271Kb / 12P
   8PIN 60V N.O.N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW614 COSMO-KAQW614_15 Datasheet
257Kb / 12P
   8PIN 400V N.O. N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW612 COSMO-KAQW612 Datasheet
488Kb / 12P
   8PIN 60V N.O.N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com