Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9112IRTNZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL9112IRTNZ
Description  1.2A High Efficiency Buck-Boost Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9112IRTNZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL9112IRTNZ Datasheet HTML 1Page - Intersil Corporation ISL9112IRTNZ Datasheet HTML 2Page - Intersil Corporation ISL9112IRTNZ Datasheet HTML 3Page - Intersil Corporation ISL9112IRTNZ Datasheet HTML 4Page - Intersil Corporation ISL9112IRTNZ Datasheet HTML 5Page - Intersil Corporation ISL9112IRTNZ Datasheet HTML 6Page - Intersil Corporation ISL9112IRTNZ Datasheet HTML 7Page - Intersil Corporation ISL9112IRTNZ Datasheet HTML 8Page - Intersil Corporation ISL9112IRTNZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ISL9110, ISL9112
2
FN7649.2
July 13, 2012
Block Diagram
Pin Configurations
ISL9110
(12 LD TDFN)
TOP VIEW
ISL9112
(12 LD TDFN)
TOP VIEW
OSC
ERROR
AMP
PVIN
PWM
CONTROL
PVIN
MONITOR
LX1
VREF
REF
VOUT
5
4
2
LX2
GATE
DRIVERS
& ANTI-
SHOOT THRU
6
VIN
THERMAL
SHUTDOWN
I2C
CURRENT
DETECT
1
VOUT
MONITOR
9
EN
12 FB
3 PGND
11
GND
EN
EN
EN
EN
EN
EN
VOUT
CLAMP
8
BAT
10
MODE/SYNC
7
8
SCL
SDA
7 PG
VOLTAGE
PROG.
EN
SOFT
DISCHARGE
VOUT
PVIN
PGND
FB
GND
LX1
LX2
VIN
EN
MODE/SYNC
1
2
3
4
5
6
7
8
9
10
11
12
PG
BAT
ISL9110
PAD
SCL
SDA
ISL9112
PAD
VOUT
PVIN
PGND
FB
GND
LX1
LX2
VIN
EN
MODE/SYNC
1
2
3
4
5
6
7
8
9
10
11
12
Pin Descriptions
PIN # ISL9110 ISL9112
DESCRIPTION
1
VOUT
VOUT
Buck/boost output. Connect a 10µF
capacitor to PGND.
2
LX2
LX2
Inductor connection, output side.
3
PGND
PGND
Power ground for high switching current.
4
LX1
LX1
Inductor connection, input side.
5
PVIN
PVIN
Power input. Range: 1.8V to 5.5V. Connect a
10µF capacitor to PGND.
6
VIN
VIN
Supply input. Range: 1.8V to 5.5V.
7PG
-
Open drain output.
Provides output-power-good status.
-SCL
Logic input, I2C clock.
8BAT
-Open drain output.
Provides input-power-good status.
-
SDA
Logic I/O, open drain, I2C data.
9
EN
EN
Logic input, drive high to enable device.
10
MODE /
SYNC
MODE /
SYNC
Logic input, high for auto PFM mode. Low for
forced PWM operation.
Ext. clock sync input. Range: 2.75MHz to
3.25MHz.
11
GND
GND
Analog ground pin.
12
FB
FB
Voltage feedback pin.
PAD
PAD
PAD
Exposed pad; connect to PGND.


Similar Part No. - ISL9112IRTNZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9112IRTNZ INTERSIL-ISL9112IRTNZ Datasheet
1Mb / 20P
   1.2A High Efficiency Buck-Boost Regulators Output Current: Up to 1.2A
ISL9112IRTNZ INTERSIL-ISL9112IRTNZ Datasheet
1Mb / 20P
   1.2A High Efficiency Buck-Boost Regulators
logo
Renesas Technology Corp
ISL9112IRTNZ RENESAS-ISL9112IRTNZ Datasheet
1Mb / 21P
   1.2A High Efficiency Buck-Boost Regulators
logo
Intersil Corporation
ISL9112IRTNZ-EVAL1Z INTERSIL-ISL9112IRTNZ-EVAL1Z Datasheet
1Mb / 20P
   1.2A High Efficiency Buck-Boost Regulators Output Current: Up to 1.2A
More results

Similar Description - ISL9112IRTNZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9110 RENESAS-ISL9110 Datasheet
1Mb / 21P
   1.2A High Efficiency Buck-Boost Regulators
logo
Intersil Corporation
ISL9110IRT7Z-T7A INTERSIL-ISL9110IRT7Z-T7A Datasheet
1Mb / 20P
   1.2A High Efficiency Buck-Boost Regulators
ISL9110 INTERSIL-ISL9110 Datasheet
1Mb / 20P
   1.2A High Efficiency Buck-Boost Regulators Output Current: Up to 1.2A
ISL9110A INTERSIL-ISL9110A Datasheet
932Kb / 16P
   1.2A High Efficiency Buck-Boost Regulator
logo
Renesas Technology Corp
ISL9110A RENESAS-ISL9110A Datasheet
1Mb / 16P
   1.2A High Efficiency Buck-Boost Regulator
logo
Cyntec Co., Ltd.
VPN12AD02-FU CYNTEC-VPN12AD02-FU Datasheet
3Mb / 22P
   Buck-Boost, High Efficiency POL Module
logo
Renesas Technology Corp
ISL8011 RENESAS-ISL8011 Datasheet
620Kb / 10P
   1.2A Integrated FETs, High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8011 INTERSIL-ISL8011 Datasheet
303Kb / 10P
   1.2A Integrated FETs, High Efficiency Synchronous Buck Regulator
logo
Sipex Corporation
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
   1.2A Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP7685ER-L-TR EXAR-SP7685ER-L-TR Datasheet
266Kb / 13P
   1.2A Buck/Boost Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com