Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAQW213A Datasheet(PDF) 9 Page - COSMO Electronics Corporation

Part # KAQW213A
Description  8PIN 250V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQW213A Datasheet(HTML) 9 Page - COSMO Electronics Corporation

Back Button KAQW213A Datasheet HTML 4Page - COSMO  Electronics Corporation KAQW213A Datasheet HTML 5Page - COSMO  Electronics Corporation KAQW213A Datasheet HTML 6Page - COSMO  Electronics Corporation KAQW213A Datasheet HTML 7Page - COSMO  Electronics Corporation KAQW213A Datasheet HTML 8Page - COSMO  Electronics Corporation KAQW213A Datasheet HTML 9Page - COSMO  Electronics Corporation KAQW213A Datasheet HTML 10Page - COSMO  Electronics Corporation KAQW213A Datasheet HTML 11Page - COSMO  Electronics Corporation KAQW213A Datasheet HTML 12Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M20003.1
- 9 -
http://www.cosmo-ic.com
cosmo
KAQW213 Series
8PIN 250V N.O. TYPE
SOLID STATE RELAY-MOSFET OUTPUT
 Numbering System
KAQW213 X (Y)
Note:
KAQW213 = Part No.
X = Lead form option ( blank、S、A、H or HA )
Y = Tape and reel option ( TL、TR )
Option
Description
Packing quantity
A (TL)
surface mount type package + TL tape & reel option
1000 units per reel
A (TR)
surface mount type package + TR tape & reel option
1000 units per reel
HA (TL)
surface mount type package + TL tape & reel option
1000 units per reel
HA (TR)
surface mount type package + TR tape & reel option
1000 units per reel
S (TL)
small outline for surface mount type package +
TL tape & reel option
2000 units per reel
S (TR)
small outline for surface mount type package +
TR tape & reel option
2000 units per reel
 Recommended Pad Layout for Surface Mount Lead Form
1.9
1.2
8.3
6
8-pin SMD
1. Surface mount type.
2. Small outline for
surface mount type.
8-pin SOP
Unit:mm


Similar Part No. - KAQW213A

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQW213A COSMO-KAQW213A Datasheet
174Kb / 7P
   PRODUCT SPECIFICATION
KAQW213ATL COSMO-KAQW213ATL Datasheet
261Kb / 12P
   8PIN 250V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW213ATR COSMO-KAQW213ATR Datasheet
261Kb / 12P
   8PIN 250V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results

Similar Description - KAQW213A

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQW213 COSMO-KAQW213_15 Datasheet
261Kb / 12P
   8PIN 250V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW210 COSMO-KAQW210_15 Datasheet
248Kb / 12P
   8PIN 350V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW212 COSMO-KAQW212_15 Datasheet
250Kb / 12P
   8PIN 60V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW216 COSMO-KAQW216 Datasheet
467Kb / 12P
   8PIN 600V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW217 COSMO-KAQW217_15 Datasheet
249Kb / 12P
   8PIN 200V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW216 COSMO-KAQW216_15 Datasheet
249Kb / 12P
   8PIN 600V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW214 COSMO-KAQW214_15 Datasheet
249Kb / 12P
   8PIN 400V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW612 COSMO-KAQW612_15 Datasheet
271Kb / 12P
   8PIN 60V N.O.N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW614 COSMO-KAQW614_15 Datasheet
257Kb / 12P
   8PIN 400V N.O. N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW612 COSMO-KAQW612 Datasheet
488Kb / 12P
   8PIN 60V N.O.N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com