Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB54R1G9F2U-B75B Datasheet(PDF) 11 Page - Elpida Memory

Part # HB54R1G9F2U-B75B
Description  1GB Registered DDR SDRAM DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HB54R1G9F2U-B75B Datasheet(HTML) 11 Page - Elpida Memory

Back Button HB54R1G9F2U-B75B Datasheet HTML 7Page - Elpida Memory HB54R1G9F2U-B75B Datasheet HTML 8Page - Elpida Memory HB54R1G9F2U-B75B Datasheet HTML 9Page - Elpida Memory HB54R1G9F2U-B75B Datasheet HTML 10Page - Elpida Memory HB54R1G9F2U-B75B Datasheet HTML 11Page - Elpida Memory HB54R1G9F2U-B75B Datasheet HTML 12Page - Elpida Memory HB54R1G9F2U-B75B Datasheet HTML 13Page - Elpida Memory HB54R1G9F2U-B75B Datasheet HTML 14Page - Elpida Memory HB54R1G9F2U-B75B Datasheet HTML 15Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
HB54R1G9F2U-A75B/B75B/10B
Data Sheet E0192H30 (Ver. 3.0)
11
Electrical Specifications
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Note
Voltage on any pin relative to VSS
VT
–1.0 to +4.6
V
1
Supply voltage relative to VSS
VCC, VCCQ
–1.0 to +4.6
V
1
Short circuit output current
IOUT
50
mA
Power dissipation
PT
18
W
Operating temperature
Topr
0 to +55
°C
Storage temperature
Tstg
–50 to +100
°C
Notes: 1. Respect to VSS.
DC Operating Conditions (TA = 0 to +55°C)
Parameter
Symbol
min.
Typ
max.
Unit
Notes
Supply voltage
VCC, VCCQ
2.3
2.5
2.7
V
1, 2
VSS
0
0
0
V
Input reference voltage
VREF
1.15
1.25
1.35
V
1
Termination voltage
VTT
VREF – 0.04
VREF
VREF + 0.04
V
1
DC Input high voltage
VIH
VREF + 0.18
VCCQ + 0.3
V
1, 3
DC Input low voltage
VIL
–0.3
VREF – 0.18
V
1, 4
DC Input signal voltage
VIN (dc)
–0.3
VCCQ + 0.3
V
5
DC differential input voltage
VSWING (dc) 0.36
VCCQ + 0.6
V
6
Ambient illuminance
100
lx
Notes: 1. All parameters are referred to VSS, when measured.
2. VCCQ must be lower than or equal to VCC.
3. VIH is allowed to exceed VCC up to 4.6V for the period shorter than or equal to 5ns.
4. VIL is allowed to outreach below VSS down to –1.0V for the period shorter than or equal to 5ns.
5. VIN (dc) specifies the allowable dc execution of each differential input.
6. VSWING (dc) specifies the input differential voltage required for switching.


Similar Part No. - HB54R1G9F2U-B75B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB54R1G9F2U-B75B ELPIDA-HB54R1G9F2U-B75B Datasheet
182Kb / 16P
   1GB Registered DDR SDRAM DIMM
More results

Similar Description - HB54R1G9F2U-B75B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB54R1G9F2-B75B ELPIDA-HB54R1G9F2-B75B Datasheet
182Kb / 16P
   1GB Registered DDR SDRAM DIMM
EBD11RD8ADFA ELPIDA-EBD11RD8ADFA Datasheet
166Kb / 19P
   1GB Registered DDR SDRAM DIMM
HB54R1G9F2 ELPIDA-HB54R1G9F2 Datasheet
146Kb / 16P
   1GB Registered DDR SDRAM DIMM
EBD10RD4ABFA ELPIDA-EBD10RD4ABFA Datasheet
197Kb / 19P
   1GB Registered DDR SDRAM DIMM
EBD10RD4ABFB ELPIDA-EBD10RD4ABFB Datasheet
189Kb / 18P
   1GB Registered DDR SDRAM DIMM
HB54R1G9F2U-B75B ELPIDA-HB54R1G9F2U-B75B Datasheet
182Kb / 16P
   1GB Registered DDR SDRAM DIMM
EBD11RD8ABFA ELPIDA-EBD11RD8ABFA Datasheet
197Kb / 19P
   1GB Registered DDR SDRAM DIMM
logo
List of Unclassifed Man...
SDR12872D1B62MT-50R ETC2-SDR12872D1B62MT-50R Datasheet
810Kb / 13P
   1GB DDR ??SDRAM registered DIMM
logo
Elpida Memory
EBE10AD4AGFA ELPIDA-EBE10AD4AGFA Datasheet
210Kb / 23P
   1GB Registered DDR2 SDRAM DIMM
EBE10AD4AJFA ELPIDA-EBE10AD4AJFA Datasheet
240Kb / 28P
   1GB Registered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com