Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ2220Y224KBEAT4X Datasheet(PDF) 7 Page - Vishay Siliconix

Part # VJ2220Y224KBEAT4X
Description  Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ2220Y224KBEAT4X Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button VJ2220Y224KBEAT4X Datasheet HTML 3Page - Vishay Siliconix VJ2220Y224KBEAT4X Datasheet HTML 4Page - Vishay Siliconix VJ2220Y224KBEAT4X Datasheet HTML 5Page - Vishay Siliconix VJ2220Y224KBEAT4X Datasheet HTML 6Page - Vishay Siliconix VJ2220Y224KBEAT4X Datasheet HTML 7Page - Vishay Siliconix VJ2220Y224KBEAT4X Datasheet HTML 8Page - Vishay Siliconix VJ2220Y224KBEAT4X Datasheet HTML 9Page - Vishay Siliconix VJ2220Y224KBEAT4X Datasheet HTML 10Page - Vishay Siliconix VJ2220Y224KBEAT4X Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
VJ OMD Series
www.vishay.com
Vishay Vitramon
Revision: 22-Jul-13
7
Document Number: 45198
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
RoHS-compliant
•• Paper tape • Plastic tape
(1) See soldering recommendations within this data book, or visit: www.vishay.com/doc?45034
SELECTION CHART
DIELECTRIC
X7R
STYLE
VJ0805 (1)
VJ1206 (1)
CASE CODE
0805
1206
VOLTAGE (VDC)
16
25
50
100
200
500
630
16
25
50
100
200
500
630
1000 1500 2000
VOLTAGE CODE
J
X
A
B
C
E
L
J
X
A
B
C
E
L
G
R
F
CAP. CODE
CAP.
101
100 pF
121
120 pF
151
150 pF
181
180 pF
221
220 pF
271
270 pF
331
330 pF
391
390 pF
471
470 pF
••
••
••
••
••
561
560 pF
••
••
••
••
••
681
680 pF
••
••
••
••
••
821
820 pF
••
••
••
••
••
102
1.0 nF
••
••
••
••
••
122
1.2 nF
••
••
••
••
••
152
1.5 nF
••
••
••
••
••
182
1.8 nF
••
••
••
••
••
222
2.2 nF
••
••
••
••
••
272
2.7 nF
••
••
••
••
••
332
3.3 nF
••
••
••
••
••
392
3.9 nF
••
••
••
••
••
472
4.7 nF
••
••
••
••
••
562
5.6 nF
••
••
••
••
682
6.8 nF
••
••
••
••
822
8.2 nF
••
••
••
••
103
10 nF
••
••
••
••
123
12 nF
••
••
••
153
15 nF
••
••
••
183
18 nF
••
••
••
223
22 nF
••
••
••
273
27 nF
333
33 nF
393
39 nF
473
47 nF
563
56 nF
683
68 nF
823
82 nF
104
100 nF
124
120 nF
154
150 nF
184
180 nF
224
220 nF
274
270 nF
334
330 nF
394
390 nF
474
470 nF
564
560 nF
684
680 nF
824
820 nF
105
1.0 μF
125
1.2 μF
155
1.5 μF
185
1.8 μF
225
2.2 μF


Similar Part No. - VJ2220Y224KBEAT4X

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ2220Y224 VISHAY-VJ2220Y224 Datasheet
166Kb / 10P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 28-Oct-08
VJ2220Y224 VISHAY-VJ2220Y224 Datasheet
101Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for Power Supply Applications
Revision: 29-Sep-08
More results

Similar Description - VJ2220Y224KBEAT4X

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJOMD-X7R VISHAY-VJOMD-X7R Datasheet
166Kb / 10P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 28-Oct-08
VJ1812Y472KBGAT4X VISHAY-VJ1812Y472KBGAT4X Datasheet
219Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 25-Mar-13
VJOMD VISHAY-VJOMD Datasheet
209Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
VJ-OMD VISHAY-VJ-OMD Datasheet
208Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
Revision: 31-Jan-17
VJOMD VISHAY-VJOMD_V01 Datasheet
206Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for Boardflex Sensitive Applications
01-Jan-2023
HVSERIES VISHAY-HVSERIES Datasheet
253Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions for High Voltage Applications
01-Jan-2023
VJOMD-C0G VISHAY-VJOMD-C0G Datasheet
169Kb / 8P
   Surface Mount Multilayer Ceramic Chip Capacitor Solutions
Revision: 20-Aug-08
GAEDGESDMLCC VISHAY-GAEDGESDMLCC Datasheet
138Kb / 13P
   Surface Mount Multilayer Ceramic Chip Capacitors for Electro Static Discharge (ESD) Sensitive Automotive Applications
01-Jan-2023
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ0402Y102KXAAC31 VISHAY-VJ0402Y102KXAAC31 Datasheet
183Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 05-Aug-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com