Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM5425801B Datasheet(PDF) 4 Page - Elpida Memory

Part # HM5425801B
Description  256M SSTL_2 interface DDR SDRAM 143 MHz/133 MHz/125 MHz/100 MHz 4-Mword16-bit4-bank/8-Mword8-bit4-bank/ 16-Mword4-bit4-bank
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5425801B Datasheet(HTML) 4 Page - Elpida Memory

  HM5425801B Datasheet HTML 1Page - Elpida Memory HM5425801B Datasheet HTML 2Page - Elpida Memory HM5425801B Datasheet HTML 3Page - Elpida Memory HM5425801B Datasheet HTML 4Page - Elpida Memory HM5425801B Datasheet HTML 5Page - Elpida Memory HM5425801B Datasheet HTML 6Page - Elpida Memory HM5425801B Datasheet HTML 7Page - Elpida Memory HM5425801B Datasheet HTML 8Page - Elpida Memory HM5425801B Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 65 page
background image
HM5425161B, HM5425801B, HM5425401B Series
Data Sheet E0086H20
4
Pin Description
Pin name
Function
A0 to A12
Address input
 Row address A0 to A12
 Column address
A0 to A8
BA0, BA1
Bank select address
DQ0 to DQ15
Data-input/output
DQSU
Upper input and output data strobe
DQSL
Lower input and output data strobe
CS
Chip select
RAS
Row address strobe command
CAS
Column address strobe command
WE
Write enable
DMU
Upper byte input mask
DML
Lower byte input mask
CLK
Clock input
CLK
Differential clock input
CKE
Clock enable
V
REF
Input reference voltage
V
CC
Power for internal circuit
V
SS
Ground for internal circuit
V
CCQ
Power for DQ circuit
V
SSQ
Ground for DQ circuit
NC
No connection


Similar Part No. - HM5425801B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM5425 HMSEMI-HM5425 Datasheet
874Kb / 13P
   LiFePO4 battery 2-CELL Protector
More results

Similar Description - HM5425801B

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5225165B ELPIDA-HM5225165B Datasheet
462Kb / 63P
   256M LVTTL interface SDRAM 133 MHz/100 MHz 4-Mword 횞 16-bit 횞 4-bank/8-Mword 횞 8-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM52Y25165B-B6 ELPIDA-HM52Y25165B-B6 Datasheet
363Kb / 60P
   256M SDRAM 100 MHz 4-Mword 횞 16-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank
HM5257165B ELPIDA-HM5257165B Datasheet
463Kb / 62P
   512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5259165B ELPIDA-HM5259165B Datasheet
368Kb / 63P
   512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5264165F-75 ELPIDA-HM5264165F-75 Datasheet
514Kb / 65P
   64M LVTTL interface SDRAM 133 MHz/100 MHz 1-Mword 횞 16-bit 횞 4-bank/2-Mword 횞 8-bit 횞 4-bank /4-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5212165FLTD-75 ELPIDA-HM5212165FLTD-75 Datasheet
645Kb / 62P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword 횞 16-bit 횞 4-bank/4-Mword 횞 8-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5212165FTD-75 ELPIDA-HM5212165FTD-75 Datasheet
570Kb / 62P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword 횞 16-bit 횞 4-bank/4-Mword 횞 8-bit 횞 4-bank PC/133, PC/100 SDRAM
logo
Hitachi Semiconductor
HM5212165F HITACHI-HM5212165F Datasheet
859Kb / 63P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword X 16-bit X 4-bank/4-Mword X 8-bit X 4-bank PC/133, PC/100 SDRAM
logo
OKI electronic componet...
MD56V62160E OKI-MD56V62160E Datasheet
512Kb / 34P
   4-Bank 횞 1,048,576-Word 횞 16-Bit SYNCHRONOUS DYNAMIC RAM
logo
Renesas Technology Corp
R1LV1616H-I RENESAS-R1LV1616H-I_15 Datasheet
179Kb / 23P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit / 2-Mword 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com