Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM5259165B-A6 Datasheet(PDF) 11 Page - Elpida Memory

Part # HM5259165B-A6
Description  512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword16-bit4-bank/16-Mword8-bit4-bank /32-Mword4-bit4-bank PC/133, PC/100 SDRAM
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HM5259165B-A6 Datasheet(HTML) 11 Page - Elpida Memory

Back Button HM5259165B-A6 Datasheet HTML 7Page - Elpida Memory HM5259165B-A6 Datasheet HTML 8Page - Elpida Memory HM5259165B-A6 Datasheet HTML 9Page - Elpida Memory HM5259165B-A6 Datasheet HTML 10Page - Elpida Memory HM5259165B-A6 Datasheet HTML 11Page - Elpida Memory HM5259165B-A6 Datasheet HTML 12Page - Elpida Memory HM5259165B-A6 Datasheet HTML 13Page - Elpida Memory HM5259165B-A6 Datasheet HTML 14Page - Elpida Memory HM5259165B-A6 Datasheet HTML 15Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
HM5259165B/HM5259805B/HM5259405B-75/A6
Data Sheet E0118H10
11
Column address strobe and write command [WRIT]: This command starts a write operation. When the
burst write mode is selected, the column address (AY0 to AY9; HM5259165B, AY0 to AY9, AY11;
HM5259805B, AY0 to AY9, AY11, AY12; HM5259405B) and the bank select address (BA0/BA1) become
the burst write start address. When the single write mode is selected, data is only written to the location
specified by the column address (AY0 to AY9; HM5259165B, AY0 to AY9, AY11; HM5259805B, AY0 to
AY9, AY11, AY12; HM5259405B) and the bank select address (BA0/BA1).
Write with auto-precharge [WRIT A]: This command automatically performs a precharge operation after a
burst write with a length of 1, 2, 4 or 8, or after a single write operation.
Row address strobe and bank activate [ACTV]: This command activates the bank that is selected by
BA0/BA1 (BS) and determines the row address (AX0 to AX12). When BA0 and BA1 are Low, bank 0 is
activated. When BA0 is Low and BA1 is High, bank 1 is activated. When BA0 is High and BA1 is Low,
bank 2 is activated. When BA0 and BA1 are High, bank 3 is activated.
Precharge selected bank [PRE]: This command starts precharge operation for the bank selected by
BA0/BA1. If BA0 and BA1 are Low, bank 0 is selected. If BA0 is Low and BA1 is High, bank 1 is selected.
If BA0 is High and BA1 is Low, bank 2 is selected. If BA0 and BA1 are High, bank 3 is selected.
Precharge all banks [PALL]: This command starts a precharge operation for all banks.
Refresh [REF/SELF]: This command starts the refresh operation. There are two types of refresh operation,
the one is auto-refresh, and the other is self-refresh. For details, refer to the CKE truth table section.
Mode register set [MRS]: The SDRAM has a mode register that defines how it operates. The mode register
is specified by the address pins (A0 to BA0 and BA1) at the mode register set cycle. For details, refer to the
mode register configuration. After power on, the contents of the mode register are undefined, execute the
mode register set command to set up the mode register.


Similar Part No. - HM5259165B-A6

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM5259 HMSEMI-HM5259 Datasheet
342Kb / 3P
   Apple iPhone5S data cable IC
More results

Similar Description - HM5259165B-A6

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5257165B ELPIDA-HM5257165B Datasheet
463Kb / 62P
   512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5225165B ELPIDA-HM5225165B Datasheet
462Kb / 63P
   256M LVTTL interface SDRAM 133 MHz/100 MHz 4-Mword 횞 16-bit 횞 4-bank/8-Mword 횞 8-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5264165F-75 ELPIDA-HM5264165F-75 Datasheet
514Kb / 65P
   64M LVTTL interface SDRAM 133 MHz/100 MHz 1-Mword 횞 16-bit 횞 4-bank/2-Mword 횞 8-bit 횞 4-bank /4-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5212165FLTD-75 ELPIDA-HM5212165FLTD-75 Datasheet
645Kb / 62P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword 횞 16-bit 횞 4-bank/4-Mword 횞 8-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5212165FTD-75 ELPIDA-HM5212165FTD-75 Datasheet
570Kb / 62P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword 횞 16-bit 횞 4-bank/4-Mword 횞 8-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5425161B ELPIDA-HM5425161B Datasheet
489Kb / 65P
   256M SSTL_2 interface DDR SDRAM 143 MHz/133 MHz/125 MHz/100 MHz 4-Mword 횞 16-bit 횞 4-bank/8-Mword 횞 8-bit 횞 4-bank/ 16-Mword 횞 4-bit 횞 4-bank
HM52Y25165B-B6 ELPIDA-HM52Y25165B-B6 Datasheet
363Kb / 60P
   256M SDRAM 100 MHz 4-Mword 횞 16-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank
logo
Hitachi Semiconductor
HM5212165F HITACHI-HM5212165F Datasheet
859Kb / 63P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword X 16-bit X 4-bank/4-Mword X 8-bit X 4-bank PC/133, PC/100 SDRAM
logo
Elpida Memory
HB52F168GB-B ELPIDA-HB52F168GB-B Datasheet
135Kb / 19P
   128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 133/100 MHz Memory Bus, 1-Bank Module (4 pcs of 16 M 횞 16 components) PC133/100 SDRAM
HB52F328DC-75B ELPIDA-HB52F328DC-75B Datasheet
176Kb / 22P
   256 MB Unbuffered SDRAM S.O.DIMM 32-Mword 횞 64-bit, 133 MHz Memory Bus, 2-Bank Module (8 pcs of 16 M 횞 16 components) PC133 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com