Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADS-011010-1419-V1 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MADS-011010-1419-V1
Description  Schottky Zero Bias Detector Diode Chip
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADS-011010-1419-V1 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MADS-011010-1419-V1 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADS-011010-1419-V1 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADS-011010-1419-V1 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Schottky Zero Bias Detector Diode Chip
V1
MADS-011010-1419
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes
to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
P-Type Schottky Diode
Can be used Without External DC Bias
Large Bondable Contact
RoHs Compliant
Available in Chip Form (ODS-1419)
Can be Mounted with Solder or
Conductive Epoxy.
Description
M / A - C O M
T e c h n o l o g y
S o l u t i o n s ’
MADS-011010-1419 Zero Bias Detector
Diode (ZBD) is suitable for use in microstrip
or stripline detector circuits. These chips
can
be
used
in
automatic
assembly
processes due to their 2.6 x 5.7 mil rectan-
gular gold contact and sturdy construction.
.
Ordering Information
Part Number
Package
MAVR-011010-14190G
Gel Pack
Absolute Maximum Ratings
1,2
Operating Temperature
-55°C to +125°C
Storage Temperature
-55°C to +150°C
Reverse Voltage @ 25 °C
1.5 Volts
Maximum Mounting
Temperature
+320C for 10 sec.
ESD Classification
3
Class 0
1.
Exceeding any one or combination of these limits may cause
permanent damage to this device.
2.
M/A-COM does not recommend sustained operation near
these survivability limits.
3.
Human Body Model
Chip Layout ( ODS– 1419 )
Full Area Anode
Cathode Contact


Similar Part No. - MADS-011010-1419-V1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADS-011010-1419 MA-COM-MADS-011010-1419 Datasheet
175Kb / 3P
   Schottky Zero Bias Detector Diode Chip
MADS-011010-1419 MA-COM-MADS-011010-1419_15 Datasheet
175Kb / 3P
   Schottky Zero Bias Detector Diode Chip
More results

Similar Description - MADS-011010-1419-V1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADS-011010-1419 MA-COM-MADS-011010-1419_15 Datasheet
175Kb / 3P
   Schottky Zero Bias Detector Diode Chip
MADS-011010-1419 MA-COM-MADS-011010-1419 Datasheet
175Kb / 3P
   Schottky Zero Bias Detector Diode Chip
MA4E931Z2-1261A MA-COM-MA4E931Z2-1261A Datasheet
69Kb / 1P
   Schottky Zero Bias Detector Diode
MADS-011030-14280W MA-COM-MADS-011030-14280W Datasheet
537Kb / 3P
   Schottky Zero Bias Detector Diode
MA4E931Z2-1261A MA-COM-MA4E931Z2-1261A_15 Datasheet
423Kb / 2P
   Schottky Zero Bias Detector Diode
logo
Tyco Electronics
MA4E931Z2-1261A MACOM-MA4E931Z2-1261A Datasheet
32Kb / 2P
   Schottky Zero Bias Detector Diode
logo
M/A-COM Technology Solu...
MZB600 MA-COM-MZB600 Datasheet
655Kb / 5P
   Zero Bias Detector Diode
MA4E929 MA-COM-MA4E929 Datasheet
41Kb / 1P
   Schottky Zero Bias Detector Diodes
MZBD-9161 MA-COM-MZBD-9161 Datasheet
523Kb / 3P
   Zero Bias Beamlead Detector Diode
logo
Skyworks Solutions Inc.
SMSA7630-061 SKYWORKS-SMSA7630-061 Datasheet
781Kb / 7P
   Surface Mount, 0201 Zero Bias Silicon Schottky Detector Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com