Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAFL-009511-CD0A10 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAFL-009511-CD0A10
Description  CATV Diplex Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAFL-009511-CD0A10 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAFL-009511-CD0A10 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAFL-009511-CD0A10 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAFL-009511-CD0A10 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAFL-009511-CD0A10 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
CATV Diplex Filter
5 - 42 / 52 - 1000MHz
M/A-COM Products
Released, Rev. V2
MAFL-009511-CD0A10
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
MA-COM Technical Solutions and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product MA-COM Technical Solutions is
considering for development. Performance is based on target specifications, simulated results, and/
or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product MA-COM Technical Solutions
has under development. Performance is based on engineering tests. Specifications are typical.
Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commit-
ment to produce in volume is not guaranteed.
Functional Schematic
* Restrictions on Hazardous Substances, European Union
Directive 2002/95/EC.
Pin configuration
Features
75 Ohm
SMT unit
Low Cost, Low Profile
RoHS* Compliant
Description
M/A-COM’s MAFL-009511-CD0A10 is a low cost,
low profile diplex filter designed for use in CATV set-
top-box, cable modem and D-PON applications.
Function
Pin Number
Common Port
5
Output Port
20
Ground
1-4, 6-9, 11-19
Not connected
-
Low Pass Port
10
Absolute Maximum Ratings 1,2
Parameter
Absolute Maximum
RF Power
250mW
DC Current
30mA
Operating Temperature
-40°C to +85°C
Storage Temperature
-40°C to +85°C
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
2. M/A-COM does not recommend sustained operation near
these survivability limits.
Ordering Information
Part Number
Package
MAFL-009511-CD0A10
900


Similar Part No. - MAFL-009511-CD0A10

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFL-009511-CD0A10 MA-COM-MAFL-009511-CD0A10 Datasheet
131Kb / 4P
   CATV Diplex Filter
MAFL-009511-CD0A10 MA-COM-MAFL-009511-CD0A10_15 Datasheet
131Kb / 4P
   CATV Diplex Filter
More results

Similar Description - MAFL-009511-CD0A10

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFL-009217-CD0AC0 MA-COM-MAFL-009217-CD0AC0 Datasheet
110Kb / 5P
   CATV Diplex Filter
DS-MAFL-011015_V1 MA-COM-DS-MAFL-011015_V1 Datasheet
716Kb / 4P
   CATV Diplex Filter
MAFL-008098-CD0550-V3 MA-COM-MAFL-008098-CD0550-V3 Datasheet
286Kb / 4P
   CATV Diplex Filter
MAFL-009810-CD0550 MA-COM-MAFL-009810-CD0550 Datasheet
125Kb / 4P
   CATV Diplex Filter
MAFL-007654-CD0A10 MA-COM-MAFL-007654-CD0A10_15 Datasheet
133Kb / 4P
   CATV Diplex Filter
MAFL-007988-CD0550 MA-COM-MAFL-007988-CD0550_15 Datasheet
115Kb / 3P
   CATV Diplex Filter
MAFL-008195-CD0AC0 MA-COM-MAFL-008195-CD0AC0_15 Datasheet
107Kb / 4P
   CATV Diplex Filter
MAFL-009810-CD0550 MA-COM-MAFL-009810-CD0550_15 Datasheet
125Kb / 4P
   CATV Diplex Filter
MAFL-007654-CD0A10 MA-COM-MAFL-007654-CD0A10 Datasheet
133Kb / 4P
   CATV Diplex Filter
MAFL-008290-CD0AC0 MA-COM-MAFL-008290-CD0AC0 Datasheet
77Kb / 3P
   CATV Diplex Filter
MAFL-009272-CD0AC0-V5 MA-COM-MAFL-009272-CD0AC0-V5 Datasheet
508Kb / 4P
   CATV Diplex Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com