Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAFL-010140-CT0C60 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAFL-010140-CT0C60
Description  MoCA Triplex Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAFL-010140-CT0C60 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAFL-010140-CT0C60 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAFL-010140-CT0C60 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAFL-010140-CT0C60 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
MoCA Triplex Filter
5 - 2000 MHz
Rev. V3
MAFL-010140-CT0C60
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
75 Ohm
SMT unit
RoHS Compliant
Lead Free
Description
M/A-COM Technology Solutions’s MAFL-010140-
CT0C60 is a surface mount Triplex Filter unit de-
signed for MoCA applications.
Electrical Specifications: TA = 25°C, Z0 = 75Ω
Parameter
Units
Typ
Min
Max
Input Port Return Loss
5 - 42MHz
54 - 1002MHz
1125 - 1525 MHz
dB
dB
dB
- 15
- 12
- 12
-12
-10
-10
-
-
-
Reverse Path Filter:
5 - 42MHz
54 - 64 MHz
64 - 210 MHz
210 - 450 MHz
450 - 1002 MHz
dB
dB
dB
dB
- 1.2
-62
-48
- 40
- 32
-
-60
-45
-37.5
-28
-1.5
-
-
-
-
Forward Path Filter:
5 - 40MHz
40 - 42 MHz
54 - 88 MHz
88 - 800 MHz
800 - 1002 MHz
1125 - 1200 MHz
1200 - 1400 MHz
1400 - 1500 MHz
1500 - 2000 MHz
dB
dB
dB
dB
dB
dB
dB
dB
dB
-55
-50
-1.5
-1.0
-2.0
-40
-28
-37
-30
-50
-47.5
-
-
-
-37
-26
-33
-26
-
-
-2.0
-1.5
-2.5
-
-
-
-
MoCA Path Filter:
5 - 750MHz
750 - 1002MHz
1125 - 1525MHz
2000MHz
dB
dB
dB
dB
-50
-42
-2.0
-35
-45
-40
-
-30
-
-
-3.0
-
Recommended Maximum Ratings
Parameter
Value
Storage Temperature
-40ºC to +85ºC
Operating Temperature
-40ºC to +85ºC
DC Current
30mA
RF Power
250mW
Ordering Information
Part Number
Package
MAFL-010140-CT0C60
Tray Qty: 960
Functional Schematic
Pin Configuration
Function
Pin Number
RF IN (Common Port)
11
Return Path Port
7
Ground
2,3,5,6,8,9,10,12,13,14
Forward Path Port
4
MoCA Path Port
1
Product Image
• Full temperature plots are available upon request.


Similar Part No. - MAFL-010140-CT0C60

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFL-010140-CT0C60 MA-COM-MAFL-010140-CT0C60 Datasheet
200Kb / 3P
   MoCA Triplex Filter
MAFL-010140-CT0C60 MA-COM-MAFL-010140-CT0C60_15 Datasheet
200Kb / 3P
   MoCA Triplex Filter
More results

Similar Description - MAFL-010140-CT0C60

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFL-011018 MA-COM-MAFL-011018_16 Datasheet
1Mb / 9P
   MoCA Triplex Filter
MAFL-011023 MA-COM-MAFL-011023 Datasheet
1Mb / 9P
   MoCA Triplex Filter
MAFL-011023-V1 MA-COM-MAFL-011023-V1 Datasheet
710Kb / 5P
   MoCA Triplex Filter
MAFL-011026 MA-COM-MAFL-011026_16 Datasheet
1Mb / 9P
   MoCA Triplex Filter
MAFL-010140-CT0C60 MA-COM-MAFL-010140-CT0C60 Datasheet
200Kb / 3P
   MoCA Triplex Filter
MAFL-011026 MA-COM-MAFL-011026_15 Datasheet
694Kb / 5P
   MoCA Triplex Filter
MAFL-011018 MA-COM-MAFL-011018_15 Datasheet
730Kb / 5P
   MoCA Triplex Filter
MAFL-011023 MA-COM-MAFL-011023_15 Datasheet
710Kb / 5P
   MoCA Triplex Filter
MAFL-011018-V4 MA-COM-MAFL-011018-V4 Datasheet
730Kb / 5P
   MoCA Triplex Filter
MAFL-010140-CT0C60 MA-COM-MAFL-010140-CT0C60_15 Datasheet
200Kb / 3P
   MoCA Triplex Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com