Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-4R128FKE6D-840 Datasheet(PDF) 10 Page - Elpida Memory

Part # MC-4R128FKE6D-840
Description  Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 16-BIT)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4R128FKE6D-840 Datasheet(HTML) 10 Page - Elpida Memory

Back Button MC-4R128FKE6D-840 Datasheet HTML 6Page - Elpida Memory MC-4R128FKE6D-840 Datasheet HTML 7Page - Elpida Memory MC-4R128FKE6D-840 Datasheet HTML 8Page - Elpida Memory MC-4R128FKE6D-840 Datasheet HTML 9Page - Elpida Memory MC-4R128FKE6D-840 Datasheet HTML 10Page - Elpida Memory MC-4R128FKE6D-840 Datasheet HTML 11Page - Elpida Memory MC-4R128FKE6D-840 Datasheet HTML 12Page - Elpida Memory MC-4R128FKE6D-840 Datasheet HTML 13Page - Elpida Memory MC-4R128FKE6D-840 Datasheet HTML 14Page - Elpida Memory  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
'DWD 6KHHW E0261N10 (Ver. 1.0)
MC-4R128FKE6D-840
RIMM Module Current Profile
IDD
RIMM module power conditions
Note1
MAX.
Unit
IDD1
One RDRAM in Read
Note2, balance in NAP mode
717.6
mA
IDD2
One RDRAM in Read
Note2, balance in Standby mode
975
mA
IDD3
One RDRAM in Read
Note2, balance in Active mode
1110
mA
IDD4
One RDRAM in Write, balance in NAP mode
777.6
mA
IDD5
One RDRAM in Write, balance in Standby mode
1035
mA
IDD6
One RDRAM in Write, balance in Active mode
1170
mA
Notes 1. Actual power will depend on individual RDRAM component specifications, memory controller and usage
patterns. Power does not include Refresh Current.
2. I/O current is a function of the
RI ¶V WR DGG ,2 SRZHU IRU 
¶V IRU D [ QHHG WR DGG  P$ RU 
P$ IRU [ (&& PRGXOH IRU WKH IROORZLQJ  VDD = 2.5 V, VTERM = 1.8 V, VREF = 1.4 V and VDIL = VREF 0.5 V.


Similar Part No. - MC-4R128FKE6D-840

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4R128FKE6D-845 ELPIDA-MC-4R128FKE6D-845 Datasheet
113Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 16-BIT)
More results

Similar Description - MC-4R128FKE6D-840

ManufacturerPart #DatasheetDescription
logo
NEC
MC-4R128CEE6B NEC-MC-4R128CEE6B Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
logo
Elpida Memory
MC-4R128FKE6D ELPIDA-MC-4R128FKE6D Datasheet
113Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 16-BIT)
MC-4R128CPE6C ELPIDA-MC-4R128CPE6C Datasheet
175Kb / 16P
   Direct Rambus??DRAM RIMM??Module 128M-BYTE (64M-WORD x 16-BIT)
logo
NEC
MC-4R128CPE6C NEC-MC-4R128CPE6C Datasheet
133Kb / 6P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
logo
Elpida Memory
MC-4R128FKE8D ELPIDA-MC-4R128FKE8D Datasheet
113Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 18-BIT)
MC-4R128FKE8D-840 ELPIDA-MC-4R128FKE8D-840 Datasheet
127Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 18-BIT)
MC-4R128FKE8S-840 ELPIDA-MC-4R128FKE8S-840 Datasheet
123Kb / 14P
   Direct Rambus DRAM SO-RIMM Module 128M-BYTE (64M-WORD x 18-BIT)
MC-4R128FKE8S ELPIDA-MC-4R128FKE8S Datasheet
123Kb / 14P
   Direct Rambus DRAM SO-RIMM Module 128M-BYTE (64M-WORD x 18-BIT)
MC-4R256CPE6C ELPIDA-MC-4R256CPE6C Datasheet
175Kb / 16P
   Direct Rambus??DRAM RIMM??Module 256M-BYTE (128M-WORD x 16-BIT)
MC-4R64FKE6D-840 ELPIDA-MC-4R64FKE6D-840 Datasheet
458Kb / 14P
   Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 16-BIT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com